Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HCXXXADT Datasheet(PDF) 7 Page - Motorola, Inc

Part # MC74HCXXXADT
Description  High?밣erformance Silicon?밎ate CMOS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74HCXXXADT Datasheet(HTML) 7 Page - Motorola, Inc

  MC74HCXXXADT Datasheet HTML 1Page - Motorola, Inc MC74HCXXXADT Datasheet HTML 2Page - Motorola, Inc MC74HCXXXADT Datasheet HTML 3Page - Motorola, Inc MC74HCXXXADT Datasheet HTML 4Page - Motorola, Inc MC74HCXXXADT Datasheet HTML 5Page - Motorola, Inc MC74HCXXXADT Datasheet HTML 6Page - Motorola, Inc MC74HCXXXADT Datasheet HTML 7Page - Motorola, Inc MC74HCXXXADT Datasheet HTML 8Page - Motorola, Inc MC74HCXXXADT Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MC54/74HC390A
High–Speed CMOS Logic Data
DL129 — Rev 6
7
MOTOROLA
APPLICATIONS INFORMATION
Each half of the MC54/74HC390A has independent
÷ 2
and
÷ 5 sections (except for the Reset function). The ÷ 2 and
÷ 5 counters can be connected to give BCD or bi–quinary
(2–5) count sequences. If Output QA is connected to the
Clock B input (Figure 4), a decade divider with BCD output is
obtained. The function table for the BCD count sequence is
given in Table 1.
To obtain a bi–quinary count sequence, the input signals
connected to the Clock B input, and output QD is connected
to the Clock A input (Figure 5). QA provides a 50% duty cycle
output. The bi–quinary count sequence function table is
given in Table 2.
Table 1. BCD Count Sequence*
Count
Output
Count
QD
QC
QB
QA
0
L
L
L
L
1
L
L
L
H
2
L
L
H
L
3
L
L
H
H
4
L
H
L
L
5
L
H
L
H
6
L
H
H
L
7
L
H
H
H
8
H
L
L
L
9
H
L
L
H
* QA connected to Clock B input.
Table 2. Bi–Quinary Count Sequence**
Count
Output
Count
QA
QD
QC
QB
0
L
L
L
L
1
L
L
L
H
2
L
L
H
L
3
L
L
H
H
4
L
H
L
L
8
H
L
L
L
9
H
L
L
H
10
H
L
H
L
11
H
L
H
H
12
H
H
L
L
** QD connected to Clock A input.
CONNECTION DIAGRAMS
1, 15
÷ 2
COUNTER
CLOCK A
RESET
Figure 4. BCD Count
Figure 5. Bi-Quinary Count
÷ 2
COUNTER
÷ 5
COUNTER
÷ 5
COUNTER
CLOCK B
CLOCK A
RESET
CLOCK B
1, 15
QA
QB
QC
QD
3, 13
5, 11
6, 10
7, 9
4, 12
2, 14
QA
QB
QC
QD
3, 13
5, 11
6, 10
7, 9
4, 12
2, 14


Similar Part No. - MC74HCXXXADT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HCXXXADT MOTOROLA-MC74HCXXXADT Datasheet
148Kb / 6P
   Quad 3-State Noninverting Buffers
MC74HCXXXADT MOTOROLA-MC74HCXXXADT Datasheet
250Kb / 9P
   8-BIT SERIAL-INPUT/PARALLEL-OUTPUT SHIFT REGISTER
MC74HCXXXADT MOTOROLA-MC74HCXXXADT Datasheet
288Kb / 9P
   8-BIT SERIAL OR PARALLEL-INPUT/SERIAL-OUTPUT SHIFT REGISTER
MC74HCXXXADT MOTOROLA-MC74HCXXXADT Datasheet
234Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
MC74HCXXXADT MOTOROLA-MC74HCXXXADT Datasheet
168Kb / 7P
   High?밣erformance Silicon?밎ate CMOS
More results

Similar Description - MC74HCXXXADT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54-74HCT161A MOTOROLA-MC54-74HCT161A Datasheet
258Kb / 12P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HC640A MOTOROLA-MC54-74HC640A Datasheet
155Kb / 7P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC245A MOTOROLA-MC5474HC245A Datasheet
203Kb / 6P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC4351 MOTOROLA-MC5474HC4351 Datasheet
480Kb / 13P
   High?밣erformance Silicon?밎ate CMOS
MC54F74HC164A MOTOROLA-MC54F74HC164A Datasheet
245Kb / 9P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC08A MOTOROLA-MC5474HC08A Datasheet
165Kb / 7P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC175A MOTOROLA-MC5474HC175A Datasheet
248Kb / 8P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HC132A MOTOROLA-MC54-74HC132A Datasheet
192Kb / 6P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HC4351 MOTOROLA-MC54-74HC4351 Datasheet
480Kb / 13P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HCT373A MOTOROLA-MC54-74HCT373A Datasheet
196Kb / 8P
   High?밣erformance Silicon?밎ate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com