Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C20AQGR5330AASK Datasheet(PDF) 3 Page - Kemet Corporation

Part # C20AQGR5330AASK
Description  Aluminum Can Power Film Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C20AQGR5330AASK Datasheet(HTML) 3 Page - Kemet Corporation

  C20AQGR5330AASK Datasheet HTML 1Page - Kemet Corporation C20AQGR5330AASK Datasheet HTML 2Page - Kemet Corporation C20AQGR5330AASK Datasheet HTML 3Page - Kemet Corporation C20AQGR5330AASK Datasheet HTML 4Page - Kemet Corporation C20AQGR5330AASK Datasheet HTML 5Page - Kemet Corporation C20AQGR5330AASK Datasheet HTML 6Page - Kemet Corporation C20AQGR5330AASK Datasheet HTML 7Page - Kemet Corporation C20AQGR5330AASK Datasheet HTML 8Page - Kemet Corporation C20AQGR5330AASK Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3050_C44P_RADIAL • 7/16/2014
3
Power and AC Film Capacitors
Aluminum Can Power Film Capacitors – C44P/C20A Series, 250 – 1,000 VAC, 400 – 1,400 VDC, for PFC and AC Filter
General Technical Data
Reference Standards
IEC 61071
UL810 approved
Dielectric
Polypropylene film
Non-inductive type winding
Climatic Category
25/70/56 – IEC 60068-1
Maximum hot spot temperature
+80°C
Endurance Test IEC 61071
+70°C @ Case Temperature
Installation
Whatever position
Tinned brass deck with self estinguish UL94 V0 plastic insulators
Electrical Characteristics
Rated Voltage
Urms = (see table) VAC
Surge Voltage
Us = (see table) VDC
Capacitance Tolerance
±5% or ±10%
Dissipation Factor PP typical (tgδ0)
≤ 0.0002 at 25°C
Relative Humidity
Annual average ≤ 80% at 24°C
On 30 days/year permanently 100%. on other days occasionally 90%.
Dewing not admitted
Capacitance deviation in temperature
range (-40 +50°C)
±1.5% maximum on capacitance value at 20°C
Life Expectancy
Life Expectancy
100,000 hours @ V
RMS with THS ≤ 75°C
Capacitance drop at end of life
- 5% (typical)
Failure Rate IEC 61709
See FIT Graph
Test Methods
Test voltage term to term (Utt)
1.5 x V
RMS for 10 seconds at 25°C
Test voltage term to case (Utc)
3,600 V ~ 50 Hz for 10 seconds (C44P)
6,000 V ~ 50 Hz for 10 seconds (C20A)
Damp Heat
IEC 60068-2-78
Change of Temperature
IEC 60068-2-14
Vibration Strength
IEC 60068-2-6
NOTICE: Care should be taken to ensure that there still is electrical clearance of 15 mm between terminations and other live or earthed parts above the capacitor,
in case of safety device activation.


Similar Part No. - C20AQGR5330AASK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C20AQGR6100AASJ KEMET-C20AQGR6100AASJ Datasheet
486Kb / 8P
   C44P/C20A Series, 330 - 1,000 VAC, 700 - 2,300 VDC, for PFC and AC Filter
C20AQGR6100AASK KEMET-C20AQGR6100AASK Datasheet
486Kb / 8P
   C44P/C20A Series, 330 - 1,000 VAC, 700 - 2,300 VDC, for PFC and AC Filter
C20AQGR6100ZASJ KEMET-C20AQGR6100ZASJ Datasheet
486Kb / 8P
   C44P/C20A Series, 330 - 1,000 VAC, 700 - 2,300 VDC, for PFC and AC Filter
C20AQGR6100ZASK KEMET-C20AQGR6100ZASK Datasheet
486Kb / 8P
   C44P/C20A Series, 330 - 1,000 VAC, 700 - 2,300 VDC, for PFC and AC Filter
More results

Similar Description - C20AQGR5330AASK

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EET-UQ2G221HA PANASONIC-EET-UQ2G221HA Datasheet
242Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
EET-ED2W101CA PANASONIC-EET-ED2W101CA Datasheet
145Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
ECE-P2GA222HA PANASONIC-ECE-P2GA222HA Datasheet
412Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLCW NIC-NRLCW_14 Datasheet
102Kb / 7P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com