Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F125YP102G050V Datasheet(PDF) 11 Page - Kemet Corporation

Part # F125YP102G050V
Description  Surface Mount Metallized PPS Film Capacitor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F125YP102G050V Datasheet(HTML) 11 Page - Kemet Corporation

Back Button F125YP102G050V Datasheet HTML 7Page - Kemet Corporation F125YP102G050V Datasheet HTML 8Page - Kemet Corporation F125YP102G050V Datasheet HTML 9Page - Kemet Corporation F125YP102G050V Datasheet HTML 10Page - Kemet Corporation F125YP102G050V Datasheet HTML 11Page - Kemet Corporation F125YP102G050V Datasheet HTML 12Page - Kemet Corporation F125YP102G050V Datasheet HTML 13Page - Kemet Corporation F125YP102G050V Datasheet HTML 14Page - Kemet Corporation F125YP102G050V Datasheet HTML 15Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3083_SMC • 2/24/2016 11
Surface Mount Metallized PPS Film Capacitor
SMC Series Encapsulated, Size 2220 – 6560, 50 – 400 VDC
Flux & Cleaning
KEMETrecommendstouseano-cleanfluxwithahalogencontentlowerthan0.1%.
To clean the PCB assembly KEMET recommends to use a suitable solvent like Isopropyl alcohol, deionized water or neutral pH
detergents. Aggressive solvents shall not be used. For any different cleaning solvent used please contact KEMET Technical Services to
analyze the potential impact on KEMET products.
Storage and Moisture Recommendations
KEMET SMD Film Capacitors are supplied in a MBB (Moisture Barrier Bag) Class 1. We can guarantee a 24 months shelf life
(temperature≤40°C/relativehumidity≤90%).AftertheMBBhasbeenopened,componentsmaystayinareaswithcontrolled
temperatureandhumidity(temperature≤30°C/relativehumidity≤60%)for696hours[MSL2a].Forlongerperiodsoftimeand/or
higher temperature and/or higher relative humidity values, it is absolutely necessary to protect the components against humidity. If the
reel inside the MBB is partially used, KEMET recommends to re-use the same MBB or to avoid areas without controlled temperature
and humidity (see above). If the above conditions are not respected, components require a baking (minimum time: 48 hours at 55
±5°C)beforethereflow.
Packaging Quantities
Chip Size
(EIA)
Base
(mm)
Height
(mm)
Length
(mm)
Bulk
Reel
Horizontal
Orientation
Reel
Vertical
Orientation
2220
5
3
5.7
2000
2400
2220
5
4
5.7
2000
2100
2824
6
3
7.3
2000
2500
2824
6
3.5
7.3
2000
2300
2824
6
4.5
7.3
1000
1700
4036
9.1
5.5
10.2
1000
800
500
5045
11.5
6.5
12.7
1000
600
400
6560
15
7
16.5
800
500
200


Similar Part No. - F125YP102G050V

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F125 TI-F125 Datasheet
354Kb / 11P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE
logo
List of Unclassifed Man...
F1257 ETC1-F1257 Datasheet
171Kb / 2P
   1.25mm pitch FFC/FPC connector
F1257WV-10P ETC1-F1257WV-10P Datasheet
171Kb / 2P
   1.25mm pitch FFC/FPC connector
F1257WV-10P-T ETC1-F1257WV-10P-T Datasheet
171Kb / 2P
   1.25mm pitch FFC/FPC connector
F1257WV-11P ETC1-F1257WV-11P Datasheet
171Kb / 2P
   1.25mm pitch FFC/FPC connector
More results

Similar Description - F125YP102G050V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECH-U1H391GX5 PANASONIC-ECH-U1H391GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U01562JX5 PANASONIC-ECH-U01562JX5 Datasheet
109Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C473JX5 PANASONIC-ECH-U1C473JX5 Datasheet
107Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C823JX5 PANASONIC-ECH-U1C823JX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224JX9 PANASONIC-ECH-U1H224JX9 Datasheet
125Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H152GX5 PANASONIC-ECH-U1H152GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224JC9 PANASONIC-ECH-U1H224JC9 Datasheet
116Kb / 2P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C223GX5 PANASONIC-ECH-U1C223GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224GC9 PANASONIC-ECH-U1H224GC9 Datasheet
116Kb / 2P
   Stacked Metallized PPS Film Chip Capacitor
ECQ-V1H474JL2 PANASONIC-ECQ-V1H474JL2 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com