Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDEIC2560KA5N00 Datasheet(PDF) 11 Page - Kemet Corporation

Part # LDEIC2560KA5N00
Description  Surface Mount Polyethylene Naphthalate (PEN) Film Capacitor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

LDEIC2560KA5N00 Datasheet(HTML) 11 Page - Kemet Corporation

Back Button LDEIC2560KA5N00 Datasheet HTML 7Page - Kemet Corporation LDEIC2560KA5N00 Datasheet HTML 8Page - Kemet Corporation LDEIC2560KA5N00 Datasheet HTML 9Page - Kemet Corporation LDEIC2560KA5N00 Datasheet HTML 10Page - Kemet Corporation LDEIC2560KA5N00 Datasheet HTML 11Page - Kemet Corporation LDEIC2560KA5N00 Datasheet HTML 12Page - Kemet Corporation LDEIC2560KA5N00 Datasheet HTML 13Page - Kemet Corporation LDEIC2560KA5N00 Datasheet HTML 14Page - Kemet Corporation LDEIC2560KA5N00 Datasheet HTML 15Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3078_LDE • 8/24/2016 11
Surface Mount Polyethylene Naphthalate (PEN) Film Capacitor
LDE Series Unencapsulated Stacked Chip, Size 1206 – 6054, 50 – 1,000 VDC (Automotive Grade)
VDC
VAC Capacitance
Value (µF)
Size
Code
Chip
Size
Dimensions in mm
dV/dt
(V/µs)
New KEMET
Part Number
Legacy Part
Number
W
H (max)
L
100
63
0.0082
A
1206
1.7
1.1
3.3
100
DEEA1820(1)A0N00
LDEEA1820(1)A0N00
100
63
0.01
C
1812
3.3
1.7
4.7
100
DEEC2100(1)A5N00
LDEEC2100(1)A5N00
100
63
0.01
A
1206
1.7
1.1
3.3
100
DEEA2100(1)A0N00
LDEEA2100(1)A0N00
100
63
0.012
C
1812
3.3
1.7
4.7
100
DEEC2120(1)A5N00
LDEEC2120(1)A5N00
100
63
0.012
A
1206
1.7
1.1
3.3
100
DEEA2120(1)A0N00
LDEEA2120(1)A0N00
100
63
0.015
C
1812
3.3
1.7
4.7
100
DEEC2150(1)A5N00
LDEEC2150(1)A5N00
100
63
0.015
A
1206
1.7
1.2
3.3
100
DEEA2150(1)A0N00
LDEEA2150(1)A0N00
100
63
0.018
C
1812
3.3
1.8
4.7
100
DEEC2180(1)A5N00
LDEEC2180(1)A5N00
100
63
0.018
B
1210
2.5
1.5
3.3
100
DEEB2180(1)A0N00
LDEEB2180(1)A0N00
100
63
0.022
C
1812
3.3
1.7
4.7
100
DEEC2220(1)A5N00
LDEEC2220(1)A5N00
100
63
0.022
B
1210
2.5
1.5
3.3
100
DEEB2220(1)A0N00
LDEEB2220(1)A0N00
100
63
0.027
C
1812
3.3
1.7
4.7
100
DEEC2270(1)A5N00
LDEEC2270(1)A5N00
100
63
0.027
B
1210
2.5
1.7
3.3
100
DEEB2270(1)A0N00
LDEEB2270(1)A0N00
100
63
0.033
C
1812
3.3
1.8
4.7
100
DEEC2330(1)A5N00
LDEEC2330(1)A5N00
100
63
0.033
B
1210
2.5
2.0
3.3
100
DEEB2330(1)A0N00
LDEEB2330(1)A0N00
100
63
0.039
C
1812
3.3
1.7
4.7
100
DEEC2390(1)A5N00
LDEEC2390(1)A5N00
100
63
0.039
B
1210
2.5
2.1
3.3
100
DEEB2390(1)A0N00
LDEEB2390(1)A0N00
100
63
0.047
C
1812
3.3
1.7
4.7
100
DEEC2470(1)A5N00
LDEEC2470(1)A5N00
100
63
0.047
B
1210
2.5
2.1
3.3
100
DEEB2470(1)A0N00
LDEEB2470(1)A0N00
100
63
0.056
C
1812
3.3
1.7
4.7
100
DEEC2560(1)A5N00
LDEEC2560(1)A5N00
100
63
0.068
C
1812
3.3
1.8
4.7
100
DEEC2680(1)A5N00
LDEEC2680(1)A5N00
100
63
0.082
C
1812
3.3
2.1
4.7
100
DEEC2820(1)A5N00
LDEEC2820(1)A5N00
100
63
0.1
C
1812
3.3
2.4
4.7
100
DEEC3100(1)A5N00
LDEEC3100(1)A5N00
100
63
0.12
D
2220
5.0
1.9
6.0
100
DEED3120(1)A5N00
LDEED3120(1)A5N00
100
63
0.15
D
2220
5.0
1.9
6.0
100
DEED3150(1)A5N00
LDEED3150(1)A5N00
100
63
0.18
D
2220
5.0
2.0
6.0
100
DEED3180(1)A5N00
LDEED3180(1)A5N00
100
63
0.22
D
2220
5.0
2.4
6.0
100
DEED3220(1)A5N00
LDEED3220(1)A5N00
100
63
0.27
D
2220
5.0
2.8
6.0
100
DEED3270(1)A5N00
LDEED3270(1)A5N00
100
63
0.33
D
2220
5.0
3.3
6.0
100
DEED3330(1)A5N00
LDEED3330(1)A5N00
100
63
0.39
E
2824
6.1
2.6
7.3
100
DEEE3390(1)A5N00
LDEEE3390(1)A5N00
100
63
0.39
D
2220
5.0
3.7
6.0
100
DEED3390(1)A0N00
LDEED3390(1)A0N00
100
63
0.47
E
2824
6.1
3.0
7.3
100
DEEE3470(1)A5N00
LDEEE3470(1)A5N00
100
63
0.47
D
2220
5.0
4.4
6.0
100
DEED3470(1)A0N00
LDEED3470(1)A0N00
100
63
0.56
E
2824
6.1
3.5
7.3
100
DEEE3560(1)A5N00
LDEEE3560(1)A5N00
100
63
0.68
E
2824
6.1
4.1
7.3
100
DEEE3680(1)A5N00
LDEEE3680(1)A5N00
100
63
0.82
F
4030
7.9
2.8
10.5
100
DEEF3820(1)A5N00
LDEEF3820(1)A5N00
100
63
0.82
E
2824
6.1
4.9
7.3
100
DEEE3820(1)A0N00
LDEEE3820(1)A0N00
100
63
1.0
F
4030
7.9
3.2
10.5
100
DEEF4100(1)A5N00
LDEEF4100(1)A5N00
100
63
1.0
E
2824
6.1
5.4
7.3
100
DEEE4100(2)A0N00
LDEEE4100(2)A0N00
100
63
1.2
G
5040
10.4
3.1
13.0
100
DEEG4120(1)A5N00
LDEEG4120(1)A5N00
100
63
1.2
F
4030
7.9
3.7
10.5
100
DEEF4120(1)A0N00
LDEEF4120(1)A0N00
100
63
1.5
G
5040
10.4
3.1
13.0
100
DEEG4150(1)A5N00
LDEEG4150(1)A5N00
100
63
1.5
F
4030
7.9
4.5
10.5
100
DEEF4150(1)A0N00
LDEEF4150(1)A0N00
100
63
1.8
G
5040
10.4
3.4
13.0
100
DEEG4180(1)A5N00
LDEEG4180(1)A5N00
100
63
1.8
F
4030
7.9
5.4
10.5
100
DEEF4180(1)A0N00
LDEEF4180(1)A0N00
100
63
2.2
G
5040
10.4
4.1
13.0
100
DEEG4220(1)A5N00
LDEEG4220(1)A5N00
100
63
2.2
F
4030
7.9
5.6
10.5
100
DEEF4220(2)A0N00
LDEEF4220(2)A0N00
100
63
2.7
H
6054
13.7
3.3
15.5
100
DEEH4270(1)A5N00
LDEEH4270(1)A5N00
100
63
2.7
G
5040
10.4
4.9
13.0
100
DEEG4270(1)A0N00
LDEEG4270(1)A0N00
100
63
3.3
H
6054
13.7
3.9
15.5
100
DEEH4330(1)A5N00
LDEEH4330(1)A5N00
100
63
3.3
G
5040
10.4
5.7
13.0
100
DEEG4330(1)A0N00
LDEEG4330(1)A0N00
100
63
3.9
H
6054
13.7
4.5
15.5
100
DEEH4390(1)A5N00
LDEEH4390(1)A5N00
100
63
4.7
H
6054
13.7
5.3
15.5
100
DEEH4470(1)A5N00
LDEEH4470(1)A5N00
250
120
0.001
A
1206
1.7
1.1
3.3
100
DEIA1100(1)A0N00
LDEIA1100(1)A0N00
250
120
0.0012
A
1206
1.7
1.1
3.3
100
DEIA1120(1)A0N00
LDEIA1120(1)A0N00
250
120
0.0015
C
1812
3.3
1.7
4.7
100
DEIC1150(1)A5N00
LDEIC1150(1)A5N00
250
120
0.0015
A
1206
1.7
1.1
3.3
100
DEIA1150(1)A0N00
LDEIA1150(1)A0N00
250
120
0.0018
C
1812
3.3
1.7
4.7
100
DEIC1180(1)A5N00
LDEIC1180(1)A5N00
250
120
0.0018
A
1206
1.7
1.1
3.3
100
DEIA1180(1)A0N00
LDEIA1180(1)A0N00
VDC
VAC
Capacitace Value
(µF)
Size
Code
Chip Size
W
(mm)
H
(mm)
L
(mm)
dV/dt
(V/μs)
New KEMET
Part Number
Legacy Part Number
Table 1 – Ratings & Part Number Reference cont'd
(1) K = ±10%, M = ±20%, J = ±5% on request.
(2) Only K and M tolerances available.


Similar Part No. - LDEIC2560KA5N00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LDEIC2100 ETC1-LDEIC2100 Datasheet
499Kb / 8P
   PEN-PET H.T
logo
Kemet Corporation
LDEIC2100KA5N00 KEMET-LDEIC2100KA5N00 Datasheet
59Kb / 1P
   LDE, Film, Metallized PEN Stacked, Automotive Grade, 0.01 uF, 10%, 250 V, 120 VAC, 125C, 1812, 1.7mm
logo
List of Unclassifed Man...
LDEIC2120 ETC1-LDEIC2120 Datasheet
499Kb / 8P
   PEN-PET H.T
LDEIC2150 ETC1-LDEIC2150 Datasheet
499Kb / 8P
   PEN-PET H.T
LDEIC2180 ETC1-LDEIC2180 Datasheet
499Kb / 8P
   PEN-PET H.T
More results

Similar Description - LDEIC2560KA5N00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
932D ETC2-932D Datasheet
161Kb / 2P
   SURFACE MOUNT FILM PEN ADSL / DC BLOCKING
logo
Panasonic Semiconductor
ECW-U1563JC9 PANASONIC-ECW-U1563JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1C474JC9 PANASONIC-ECW-U1C474JC9 Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2105KCZ PANASONIC-ECW-U2105KCZ Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1104V33 PANASONIC-ECWU1104V33 Datasheet
674Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1104JC9 PANASONIC-ECW-U1104JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1102JX5 PANASONIC-ECWU1102JX5_16 Datasheet
56Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
ECWU2102V16 PANASONIC-ECWU2102V16_16 Datasheet
52Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2124KC9 PANASONIC-ECW-U2124KC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
logo
Suntan Capacitors
TS05D SUNTAN-TS05D_17 Datasheet
276Kb / 2P
   METALLIZED POLYETHYLENE NAPHTALATE FILM CAPACITOR-STACKED SMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com