Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERP610W102 Datasheet(PDF) 2 Page - Kemet Corporation

Part # ERP610W102
Description  Radial Leaded Ceramic Disc Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ERP610W102 Datasheet(HTML) 2 Page - Kemet Corporation

  ERP610W102 Datasheet HTML 1Page - Kemet Corporation ERP610W102 Datasheet HTML 2Page - Kemet Corporation ERP610W102 Datasheet HTML 3Page - Kemet Corporation ERP610W102 Datasheet HTML 4Page - Kemet Corporation ERP610W102 Datasheet HTML 5Page - Kemet Corporation ERP610W102 Datasheet HTML 6Page - Kemet Corporation ERP610W102 Datasheet HTML 7Page - Kemet Corporation ERP610W102 Datasheet HTML 8Page - Kemet Corporation ERP610W102 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1085_ERP610 • 9/13/2016
2
Radial Leaded Ceramic Disc Capacitors
Safety Standard Recognized, ERP610 Series, Encapsulated, X1 760 VAC/Y1 500 VAC (Industrial Grade)
Packaging C-Spec Ordering Options Tables
Bulk Packaging1
LEAD LENGTH L
LEAD DIAMETER D
LEAD SPACING F
Straight leads
10 mm
12.5 mm
30 mm - 3 mm
0.6 mm
DF0
EF0
0.8 mm
DJ0
EJ0
10 mm ± 1 mm
0.6 mm
DD0
ED0
0.8 mm
DH0
EH0
6 mm - 1 mm
0.6 mm/0.8 mm
DB0
EB0
Preformed leads inside crimp
30 mm - 3 mm
0.6 mm
EFG
0.8 mm
EJG
Preformed leads outside crimp
5 mm ± 1 mm
0.6 mm
TE0
TG0
0.8 mm
TF0
TH0
Preformed leads snap-in
Minimum 2.8 mm
0.6 mm
QG0
Minimum 3.5 mm
0.8 mm
QH0
Inline wire
Minimum 2.8 mm + 1.5 mm
0.6 mm
YE0
YG0
Minimum 3.0 mm + 2.0 mm
0.8 mm
YF0
YH0
1
5 mm and 7 mm lead spacing options are not available for ERP610 Series.
Reel Packaging Component Pitch 25.4 mm1
TAPING F
Lead spacing F
10 mm
12.5 mm
Body diameter D
All diameters
Straight leads
H = 16.5 mm
DRT
ERT
H = 18.0 mm
DRU
ERU
H = 20.0 mm
DRY
ERY
Preformed leads inside crimp
H0 = 16.0 mm
ERZ
Preformed leads outside crimp
H0 = 16.0 mm
TDR
TER
Inline wire
H0 = 16.0 mm
YRD
YRE
1
5 mm and 7 mm lead spacing options are not available for ERP610 Series.


Similar Part No. - ERP610W102

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ERP610W102MEF0 KEMET-ERP610W102MEF0 Datasheet
83Kb / 1P
   Ceramic, Safety, ERP610, 1000 pF, 20%, Y5U, Lead Spacing = 12.5mm
More results

Similar Description - ERP610W102

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
KJY KEMET-KJY Datasheet
1Mb / 16P
   Radial Leaded Ceramic Disc Capacitors
1/24/2023
ERK610Z102KCF0 KEMET-ERK610Z102KCF0 Datasheet
1Mb / 11P
   Radial Leaded Ceramic Disc Capacitors
logo
Vishay Siliconix
HVCCSERIES VISHAY-HVCCSERIES Datasheet
202Kb / 11P
   High Voltage Ceramic Capacitors Radial-Leaded Singlelayer Disc
01-Jan-2022
HVCC VISHAY-HVCC Datasheet
190Kb / 10P
   High Voltage Ceramic Capacitors Radial-Leaded Singlelayer Disc
logo
Kemet Corporation
C320C106K3R5TA7301 KEMET-C320C106K3R5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C335C225M5U5TA7303 KEMET-C335C225M5U5TA7303 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com