Electronic Components Datasheet Search
Selected language     English  ▼


MAX9982 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part No. MAX9982
Description  825MHz to 915MHz, SiGe High-Linearity Active Mixer
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 2 page
background image
825MHz to 915MHz, SiGe High-Linearity
Active Mixer
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC ........................................................................-0.3V to +5.5V
IF+, IF-, RFBIAS, LOSEL.............................-0.3V to (VCC + 0.3V)
TAP .....................................................................................+5.0V
RFBIAS Current.....................................................................5mA
RF, LO1, LO2 Input Power .............................................+20dBm
Continuous Power Dissipation (TA = +70°C)
20-Pin QFN (derate 20.8mW/°C above TA = +70°C) ....1.66W
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
DC ELECTRICAL CHARACTERISTICS
(Typical Application Circuit, VCC = 4.75V to 5.25V, no RF signals applied, all RF inputs and outputs terminated with 50
Ω, TA =
-40°C to +85°C, unless otherwise noted. Typical values are at VCC = 5V, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
4.75
5.00
5.25
V
Supply Current
ICC
138
168
193
mA
Input High Voltage
VIH
3.5
VCC +
0.3V
V
Input Low Voltage
VIL
0.4
V
LOSEL Input Current
ILOSEL
-5
+5
µA
AC ELECTRICAL CHARACTERISTICS
(Typical Application Circuit, VCC = 4.75V to 5.25V, PLO = -5dBm to +5dBm, fRF = 825MHz to 915MHz, fLO = 725MHz to 1085MHz,
TA = -40°C to +85°C, unless otherwise noted. Typical values at VCC = +5.0V, PRF = -5dBm, PLO = 0dBm, fRF = 870MHz, fLO =
770MHz, TA = +25°C, unless otherwise noted.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RF Frequency
fRF
825
915
MHz
LO Frequency
fLO
725
1085
MHz
IF Frequency
fIF
Must meet RF and LO frequency range; IF
matching components affect IF frequency
range
70
170
MHz
LO Drive Level
PLO
-5
+5
dBm
Cellular band,
fRF = 825MHz to
850MHz
2.6
Conversion Gain (Note 3)
GC
VCC = +5.0V,
fIF = 100MHz,
low-side injection,
PRF = 0dBm,
PLO = -5dBm
GSM band,
fRF = 880MHz to
915MHz
2.1
dB
Gain Variation Over Temperature
TA = -40°C to +85°C
-0.0135
dB/°C
Gain Variation from Nominal
fRF = 825MHz to 915MHz, 3
σ
±0.6
dB




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX9981825MHz to 915MHz Dual SiGe High-Linearity Active Mixer 1 2 3 4 5 MoreMaxim Integrated Products
T07822200-2700 MHz High Linearity SiGe Active Receive Mixer 1 2 3 4 5 MoreATMEL Corporation
MAX9996SiGe High-Linearity 1700MHz2 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9986SiGe High-Linearity 815MHz to 995MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
T0780800 MHz - 1000 MHz High Linearity SiGe Active Receive Mixer 1 2 3 4 5 MoreATMEL Corporation
MAX2320Adjustable High-Linearity SiGe Dual-Band LNA/Mixer ICs 1 2 3 4 5 MoreMaxim Integrated Products
MAX9995Dual SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9994SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
T07811700 - 2300 MHz High Linearity SiGe Active Receiver Mixer 1 2 3 4 5 MoreATMEL Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl