Electronic Components Datasheet Search
Selected language     English  ▼


MAX9982 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part No. MAX9982
Description  825MHz to 915MHz, SiGe High-Linearity Active Mixer
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 6 page
background image
825MHz to 915MHz, SiGe High-Linearity
Active Mixer
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(Typical Application Circuit, VCC = 5V, fIF = 100MHz, PRF = -5dBm, PLO = 0dBm, TA = +25°C, unless otherwise noted.)
INPUT P1dB vs. RF FREQUENCY
LOW-SIDE INJECTION
RF FREQUENCY (MHz)
900
880
860
840
12.5
13.0
13.5
14.0
12.0
820
920
fIF = 100MHz
VCC = 5.25V
VCC = 4.75V
VCC = 5V
LO SWITCH ISOLATION vs. RF FREQUENCY
LOW-SIDE INJECTION
RF FREQUENCY (MHz)
900
880
860
840
50
51
52
53
54
49
820
920
TA = -40
°C
TA = +25
°C
TA = +85
°C
LO OFFSET 1MHz
fIF = 100MHz
LO SWITCH ISOLATION vs. RF FREQUENCY
HIGH-SIDE INJECTION
RF FREQUENCY (MHz)
900
880
860
840
51
52
53
54
55
50
820
920
LO OFFSET 1MHz
fIF = 120MHz
TA = -40
°C
TA = +25
°C
TA = +85
°C
LO SWITCH ISOLATION vs. RF FREQUENCY
LOW-SIDE INJECTION
RF FREQUENCY (MHz)
900
880
860
840
50
51
52
53
54
49
820
920
LO OFFSET 1MHz
fIF = 100MHz
PLO = -5dBm
PLO = 0dBm
PLO = +5dBm
LO LEAKAGE AT RF PORT
vs. LO FREQUENCY
LO FREQUENCY (MHz)
1000
900
800
-46
-44
-42
-40
-38
-48
700
1100
PLO = +5dBm
PLO = -5dBm
PLO = 0dBm
LO LEAKAGE AT IF PORT
vs. LO FREQUENCY
LO FREQUENCY (MHz)
1025
925
825
-42.5
-40.0
-37.5
-35.0
-32.5
-30.0
-45.0
725
1125
TA = -40
°C
TA = +25
°C
TA = +85
°C
LO LEAKAGE AT IF PORT
vs. LO FREQUENCY
LO FREQUENCY (MHz)
1025
925
825
-50
-40
-30
-20
-60
725
1125
PLO = +5dBm
PLO = 0dBm
PLO = -5dBm
RF LEAKAGE AT IF PORT
vs. RF FREQUENCY
RF FREQUENCY (MHz)
900
880
860
840
-20
-18
-16
-14
-12
-10
-22
820
920
TA = -40
°C
TA = +25
°C
TA = +85
°C
RF LEAKAGE AT IF PORT
vs. RF FREQUENCY
RF FREQUENCY (MHz)
900
880
860
840
-18
-16
-14
-12
-10
-20
820
920
PLO = -5dBm, 0dBm, +5dBm




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX9981825MHz to 915MHz Dual SiGe High-Linearity Active Mixer 1 2 3 4 5 MoreMaxim Integrated Products
T07822200-2700 MHz High Linearity SiGe Active Receive Mixer 1 2 3 4 5 MoreATMEL Corporation
MAX9996SiGe High-Linearity 1700MHz2 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9986SiGe High-Linearity 815MHz to 995MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
T0780800 MHz - 1000 MHz High Linearity SiGe Active Receive Mixer 1 2 3 4 5 MoreATMEL Corporation
MAX2320Adjustable High-Linearity SiGe Dual-Band LNA/Mixer ICs 1 2 3 4 5 MoreMaxim Integrated Products
MAX9995Dual SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9994SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
T07811700 - 2300 MHz High Linearity SiGe Active Receiver Mixer 1 2 3 4 5 MoreATMEL Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl