Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERP610W272 Datasheet(PDF) 3 Page - Kemet Corporation

Part # ERP610W272
Description  Radial Leaded Ceramic Disc Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ERP610W272 Datasheet(HTML) 3 Page - Kemet Corporation

  ERP610W272 Datasheet HTML 1Page - Kemet Corporation ERP610W272 Datasheet HTML 2Page - Kemet Corporation ERP610W272 Datasheet HTML 3Page - Kemet Corporation ERP610W272 Datasheet HTML 4Page - Kemet Corporation ERP610W272 Datasheet HTML 5Page - Kemet Corporation ERP610W272 Datasheet HTML 6Page - Kemet Corporation ERP610W272 Datasheet HTML 7Page - Kemet Corporation ERP610W272 Datasheet HTML 8Page - Kemet Corporation ERP610W272 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1085_ERP610 • 9/13/2016
3
Radial Leaded Ceramic Disc Capacitors
Safety Standard Recognized, ERP610 Series, Encapsulated, X1 760 VAC/Y1 500 VAC (Industrial Grade)
Benefits
• Safety Standard Recognized (IEC 60384-14)
• Reliable operation up to 125°C
• Class X1/Y1
• 10 mm and 12.5 mm lead spacing
• RoHS compliant
• Capacitance offerings ranging from 33 pF up to 4.7 nF
• Available capacitance tolerances of ±10% and ±20%
• High reliability
• Preformed (crimped) or straight lead configurations
• Non-polar device, minimizing installation concerns
• Encapsulation meets flammability standard UL 94V-0
Applications
Typical applications include line-to-Line (Class X) filtering, line to-ground (Class Y) filtering, antenna coupling, primary and
secondary coupling (switching power supplies) and line disturbances suppression (motors and motor controls, relays,
switching power supplies and invertors).
Approval Standard and Certification Number
Safety Standard
Specification
Certificate Number
VDE
EN 132400
40001993, 40001996
UL
CAN/CSA
UL 60384–14 and
E60384–14
E356389
These devices are VDE/ENEC recognized for antenna coupling and AC line-to-line (Class X) and line-to-ground (Class Y) applications per IEC60384–14.
Environmental Compliance
These devices are RoHS Compliant. They meet all requirements set forth by both EU and China RoHS directives.


Similar Part No. - ERP610W272

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ERP610W221MDRU KEMET-ERP610W221MDRU Datasheet
84Kb / 1P
   Ceramic, Safety, ERP610, 220 pF, 20%, Y5T, Lead Spacing = 10mm
ERP610W222MDRU KEMET-ERP610W222MDRU Datasheet
84Kb / 1P
   Ceramic, Safety, ERP610, 2200 pF, 20%, Y5U, Lead Spacing = 10mm
ERP610W222MEJ0 KEMET-ERP610W222MEJ0 Datasheet
83Kb / 1P
   Ceramic, Safety, ERP610, 2200 pF, 20%, Y5U, Lead Spacing = 12.5mm
ERP610W222MERU KEMET-ERP610W222MERU Datasheet
84Kb / 1P
   Ceramic, Safety, ERP610, 2200 pF, 20%, Y5U, Lead Spacing = 12.5mm
ERP610W222MERY KEMET-ERP610W222MERY Datasheet
84Kb / 1P
   Ceramic, Safety, ERP610, 2200 pF, 20%, Y5U, Lead Spacing = 12.5mm
More results

Similar Description - ERP610W272

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
KJY KEMET-KJY Datasheet
1Mb / 16P
   Radial Leaded Ceramic Disc Capacitors
1/24/2023
ERK610Z102KCF0 KEMET-ERK610Z102KCF0 Datasheet
1Mb / 11P
   Radial Leaded Ceramic Disc Capacitors
logo
Vishay Siliconix
HVCCSERIES VISHAY-HVCCSERIES Datasheet
202Kb / 11P
   High Voltage Ceramic Capacitors Radial-Leaded Singlelayer Disc
01-Jan-2022
HVCC VISHAY-HVCC Datasheet
190Kb / 10P
   High Voltage Ceramic Capacitors Radial-Leaded Singlelayer Disc
logo
Kemet Corporation
C320C106K3R5TA7301 KEMET-C320C106K3R5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C335C225M5U5TA7303 KEMET-C335C225M5U5TA7303 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com