Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F161YP103K063V Datasheet(PDF) 3 Page - Kemet Corporation

Part # F161YP103K063V
Description  General Purpose and High Stability
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F161YP103K063V Datasheet(HTML) 3 Page - Kemet Corporation

  F161YP103K063V Datasheet HTML 1Page - Kemet Corporation F161YP103K063V Datasheet HTML 2Page - Kemet Corporation F161YP103K063V Datasheet HTML 3Page - Kemet Corporation F161YP103K063V Datasheet HTML 4Page - Kemet Corporation F161YP103K063V Datasheet HTML 5Page - Kemet Corporation F161YP103K063V Datasheet HTML 6Page - Kemet Corporation F161YP103K063V Datasheet HTML 7Page - Kemet Corporation F161YP103K063V Datasheet HTML 8Page - Kemet Corporation F161YP103K063V Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3086_F161 • 2/25/2016
3
Film Surface Mount Capacitors
General Purpose and High Stability – F161 Series Encapsulated Stacked, Size 2220 – 6560, 50 – 400 VDC
Dimensions – Millimeters
L
H
B
F
F
Size Code
Chip Size
(EIA)
B
H
L
F
Nominal
Tolerance
Nominal
Tolerance
Nominal
Tolerance
Nominal
Tolerance
PP
2220
5.0
+/-0.2
3.0
+/-0.2
5.7
+/-0.2
0.5
Nominal
PU
2220
5.0
+/-0.2
4.0
+/-0.2
5.7
+/-0.2
0.5
Nominal
SL
2824
6.0
+/-0.2
3.0
+/-0.2
7.3
+/-0.2
0.5
Nominal
SP
2824
6.0
+/-0.2
3.5
+/-0.2
7.3
+/-0.2
0.5
Nominal
ST
2824
6.0
+/-0.2
4.5
+/-0.2
7.3
+/-0.2
0.5
Nominal
WP
4036
9.1
+/-0.2
5.5
+/-0.2
10.2
+/-0.2
0.5
Nominal
YR
5045
11.5
+/-0.2
6.5
+/-0.2
12.7
+/-0.2
0.5
Nominal
ZS
6560
15
+/-0.2
7.0
+/-0.2
16.5
+/-0.2
0.5
Nominal
Environmental Compliance
All KEMET surface mount capacitors are RoHS Compliant.
Qualification
Automotive Grade products meet or exceed the requirements outlined by the Automotive Electronics Council. Details regarding test
methodsandconditionsarereferencedindocumentAEC–Q200,StressTestQualificationforPassiveComponents.Foradditional
information regarding the Automotive Electronics Council and AEC–Q200, please visit their website at www.aecouncil.com.


Similar Part No. - F161YP103K063V

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
F161YR155M100V KEMET-F161YR155M100V Datasheet
75Kb / 1P
   General Purpose
More results

Similar Description - F161YP103K063V

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MSK MERITEK-MSK Datasheet
860Kb / 5P
   High reliability and stability.
logo
WALSIN TECHNOLOGY CORPO...
S242N100J502CT WALSIN-S242N100J502CT Datasheet
1Mb / 11P
   High reliability and stability
S342N100J252CT WALSIN-S342N100J252CT Datasheet
1Mb / 11P
   High reliability and stability
SA04X WALSIN-SA04X Datasheet
234Kb / 8P
   High reliability and stability
MA04X WALSIN-MA04X Datasheet
237Kb / 8P
   High reliability and stability
MF12E WALSIN-MF12E Datasheet
763Kb / 10P
   High reliability and stability
SA04Y WALSIN-SA04Y Datasheet
467Kb / 8P
   High reliability and stability
logo
Rugao Dachang Electroni...
1N47 DACHANG-1N47 Datasheet
121Kb / 2P
   High stability and high reliability
1N52 DACHANG-1N52 Datasheet
121Kb / 2P
   High stability and high reliability
logo
TXC Corporation.
AE-SERIES TXC-AE-SERIES Datasheet
1Mb / 1P
   High precision and high frequency stability.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com