Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R474W210000A3K Datasheet(PDF) 4 Page - Kemet Corporation

Part # R474W210000A3K
Description  Metallized Polypropylene Film EMI Suppression Capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R474W210000A3K Datasheet(HTML) 4 Page - Kemet Corporation

  R474W210000A3K Datasheet HTML 1Page - Kemet Corporation R474W210000A3K Datasheet HTML 2Page - Kemet Corporation R474W210000A3K Datasheet HTML 3Page - Kemet Corporation R474W210000A3K Datasheet HTML 4Page - Kemet Corporation R474W210000A3K Datasheet HTML 5Page - Kemet Corporation R474W210000A3K Datasheet HTML 6Page - Kemet Corporation R474W210000A3K Datasheet HTML 7Page - Kemet Corporation R474W210000A3K Datasheet HTML 8Page - Kemet Corporation R474W210000A3K Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3097_R47_X1_440 • 6/9/2016
4
Metallized Polypropylene Film EMI Suppression Capacitors
R47 Series, Class X1, 440 VAC, 110ºC (Automotive Grade)
Performance Characteristics
Dielectric
Polypropylenefilm
Plates
Metal layer deposited by evaporation under vacuum
Winding
Non-inductive type
Leads
Tinned wire
Protection
Plasticcase,thermosettingresinfilled.BoxmaterialissolventresistantandflameretardantaccordingtoUL94.
Related documents
IEC 60384-14, EN 60384-14
Rated Voltage (V
R)
440 VAC (50/60 Hz), 1,000 VDC
Capacitance Range
0.0047 µF to 2.2 µF
Capacitance Values
E6/E12 series (IEC 60063)
Capacitance Tolerance
±10%, ±20%
Temperature Range
-40ºCto+110°C
Climatic Category
40/110/56 IEC 60068-1
Storage Conditions
Storagetime:≤24monthsfromthedatemarkedonthelabelpackage
Averagerelativehumidityperyear≤70%
RH≤85%for30daysrandomlydistributedthroughouttheyear
Dew is absent
Temperature: −40to80°C(see"MaximumHumidityinStorageConditions"graphbelow)
Approvals
ENEC, UL, cUL


Similar Part No. - R474W210000A3K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R474W14700001K KEMET-R474W14700001K Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R474W14700001M KEMET-R474W14700001M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R474W14700002K KEMET-R474W14700002K Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R474W14700002M KEMET-R474W14700002M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R474W14700003K KEMET-R474W14700003K Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
More results

Similar Description - R474W210000A3K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE844RD6100MR06L2 KEMET-PHE844RD6100MR06L2 Datasheet
1Mb / 14P
   Metallized Polypropylene Film EMI Suppression Capacitors
R463N31500001M KEMET-R463N31500001M_16 Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R413I233000M1M KEMET-R413I233000M1M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R413I22200000M KEMET-R413I22200000M Datasheet
3Mb / 16P
   Metallized Polypropylene Film EMI Suppression Capacitors
R46KI21000001M KEMET-R46KI21000001M Datasheet
1Mb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
R46 KEMET-R46_V01 Datasheet
2Mb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
10/31/2022
R46KR410000M1M KEMET-R46KR410000M1M Datasheet
564Kb / 13P
   Metallized Polypropylene Film EMI Suppression Capacitors
R463W515050H7M KEMET-R463W515050H7M Datasheet
901Kb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
1/13/2022
R474F14700001M KEMET-R474F14700001M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R475I21000001M KEMET-R475I21000001M Datasheet
3Mb / 15P
   Metallized Polypropylene Film EMI Suppression Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com