Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

188-34B200 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 188-34B200
Description  30 Amp Power Relays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

188-34B200 Datasheet(HTML) 2 Page - Tyco Electronics

  188-34B200 Datasheet HTML 1Page - Tyco Electronics 188-34B200 Datasheet HTML 2Page - Tyco Electronics 188-34B200 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Open 188-1
Outline Dimensions
Outline Dimensions
Dust Cover 188-2
Dust Cover with Mounting Flange 188-3
Dust Cover with Bracket and Stud on End 188-4
188-36Q200
188-36T200
188-34B200
188-34C200
188-34T200
188-34Q200
188-34C200
188-36B200
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
Typical Part No
.
>
188-
34
T
2
00
1. Basic Series and Type:
188 = Open or Enclosed 30 Amp Power Relay.
2. Enclosure and Terminals:
1 = Open, Solder/Quick Connect Terminals.
2 = Plain Enclosure with 6-32 Tapped Core, Solder/Quick Connect Terminals
3 = Flanged Enclosure, Solder/Quick Connect Terminals
4 = Plain Enclosure with Mounting Bracket and Stud on Closed End, Solder/Quick Connect Terminals
5 = Plain Enclosure with Bottom Mounted 6-32 Stud, Solder/Quick Connect Terminals
6 = Plain Enclosure with Bottom Mounted Bracket, Solder/Quick Connect Terminals
7 = Open, Printed Circuit Board Terminals
8 = Plain Enclosure, Printed Circuit Board Terminals
0 = Special
3. Contact Arrangement:
4 = 1 Form X (SPST-NO-DM)
5 = 1 Form Y (SPST-NC-DB)
6 = 1 Form Z (SPDT-NC-NO, DB-DM)
0 = Special
4. Coil:
A = 6VDC
M = 208VAC
S = Special
B = 12VDC
N = 6VAC
C = 24VDC
P = 12VAC
D = 48VDC
Q = 24VAC
F = 110VDC
T = 120VAC
U = 240VAC
5. Contacts:
2 = 1/4” (6.25mm) Diameter, Silver-Cadmium Oxide.
0 = Special
6. Standard or Special:
00 = Standard
F0 = Class “F” Coil
A1-Z9 = Special Construction or Feature
NOTE: No sockets are available for this relay.
Revised 5-10
www.tycoelectronics.com
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Dimensions are shown for reference
purposes only. Specifications and
availability subject to change.
South America: 55-11-2103-6000
Hong Kong: 852-2735-1628
Japan: 81-44-844-8013
UK: 44-8706-080208
USA: 1-800-522-6752
Canada: 1-905-470-4425
Mexico: 01-800-733-8926
C. America: 52-55-1106-0803


Similar Part No. - 188-34B200

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
188-1 GILWAY-188-1 Datasheet
59Kb / 1P
   Subminiature Krypton Lamps with Lens-End
188-1 GILWAY-188-1 Datasheet
59Kb / 1P
   Subminiature Krypton Lams with Lens(Clear)-End
More results

Similar Description - 188-34B200

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
KUHP MACOM-KUHP Datasheet
149Kb / 2P
   30 Amp Power Relays
187 MACOM-187 Datasheet
194Kb / 3P
   20-25 Amp Power Relays
logo
ZETTLER Electronics
AZ2704 ZETTLER-AZ2704 Datasheet
75Kb / 3P
   30 AMP POWER RELAY
logo
American Zettler, Inc.
AZ2704 AZETTLER-AZ2704 Datasheet
103Kb / 2P
   30 AMP POWER RELAY
AZ2705 AZETTLER-AZ2705 Datasheet
108Kb / 2P
   30 AMP POWER RELAY
AZ2702 AZETTLER-AZ2702 Datasheet
102Kb / 2P
   30 AMP POWER RELAY
AZ2703 AZETTLER-AZ2703 Datasheet
104Kb / 2P
   30 AMP POWER RELAY
logo
Picker Components
PC730 PICKER-PC730_16 Datasheet
626Kb / 3P
   30 Amp Power Relay
logo
American Zettler, Inc.
AZ2701 AZETTLER-AZ2701 Datasheet
91Kb / 2P
   30 AMP POWER RELAY
logo
Picker Components
PC730 PICKER-PC730 Datasheet
207Kb / 3P
   30 Amp Power Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com