Electronic Components Datasheet Search |
|
F161PP103J100V Datasheet(PDF) 10 Page - Kemet Corporation |
|
F161PP103J100V Datasheet(HTML) 10 Page - Kemet Corporation |
10 / 14 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com F3086_F161 • 2/25/2016 10 Film Surface Mount Capacitors General Purpose and High Stability – F161 Series Encapsulated Stacked, Size 2220 – 6560, 50 – 400 VDC Flux & Cleaning KEMETrecommendstouseano-cleanfluxwithahalogencontentlowerthan0.1%. To clean the PCB assembly KEMET recommends to use a suitable solvent like Isopropyl alcohol, deionized water or neutral pH detergents. Aggressive solvents shall not be used. For any different cleaning solvent used please contact KEMET Technical Services to analyze the potential impact on KEMET products. Storage and Moisture Recommendations KEMET SMD Film Capacitors are supplied in a MBB (Moisture Barrier Bag) Class 1. We can guarantee a 24 months shelf life (temperature≤40°C/relativehumidity≤90%).AftertheMBBhasbeenopened,componentsmaystayinareaswithcontrolled temperatureandhumidity(temperature≤30°C/relativehumidity≤60%)for168hours[MSL3].Forlongerperiodsoftimeand/or higher temperature and/or higher relative humidity values, it is absolutely necessary to protect the components against humidity. If the reel inside the MBB is partially used, KEMET recommends to re-use the same MBB or to avoid areas without controlled temperature and humidity (see above). If the above conditions are not respected, components require a baking (minimum time: 48 hours at 55 ± 5°C)beforethereflow. Packaging Quantities Chip Size (EIA) Size Code Base (mm) Height (mm) Length (mm) Bulk Reel Horizontal Orientation Reel Vertical Orientation 2220 PP 5 3 5.7 2000 2400 2220 PU 5 4 5.7 2000 2100 2824 SL 6 3 7.3 2000 2500 2824 SP 6 3.5 7.3 2000 2300 2824 ST 6 4.5 7.3 1000 1700 4036 WP 9.1 5.5 10.2 1000 800 500 5045 YR 11.5 6.5 12.7 1000 600 400 6560 ZS 15 7 16.5 800 500 200 |
Similar Part No. - F161PP103J100V |
|
Similar Description - F161PP103J100V |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |