Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F161ZP103K100V Datasheet(PDF) 6 Page - Kemet Corporation

Part # F161ZP103K100V
Description  General Purpose and High Stability
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F161ZP103K100V Datasheet(HTML) 6 Page - Kemet Corporation

Back Button F161ZP103K100V Datasheet HTML 2Page - Kemet Corporation F161ZP103K100V Datasheet HTML 3Page - Kemet Corporation F161ZP103K100V Datasheet HTML 4Page - Kemet Corporation F161ZP103K100V Datasheet HTML 5Page - Kemet Corporation F161ZP103K100V Datasheet HTML 6Page - Kemet Corporation F161ZP103K100V Datasheet HTML 7Page - Kemet Corporation F161ZP103K100V Datasheet HTML 8Page - Kemet Corporation F161ZP103K100V Datasheet HTML 9Page - Kemet Corporation F161ZP103K100V Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3086_F161 • 2/25/2016
6
Film Surface Mount Capacitors
General Purpose and High Stability – F161 Series Encapsulated Stacked, Size 2220 – 6560, 50 – 400 VDC
Table 1 – Ratings & Part Number Reference cont'd
(1) J = ±5%, K = ±10%, M = ±20%, other tolerances on request.
(2) Insert ordering code for lead type and packaging. See Ordering Options Table for available options.
VDC
VAC
Capacitance
Value (µF)
Chip Size
Dimension in mm
dV/dt
(V/µs)
Part Number
B
H
L
50
30
0.56
4036
9.1
5.5
10.2
40
F161WP564(1)050(2)
50
30
0.68
4036
9.1
5.5
10.2
40
F161WP684(1)050(2)
50
30
0.82
4036
9.1
5.5
10.2
40
F161WP824(1)050(2)
50
30
1
4036
9.1
5.5
10.2
40
F161WP105(1)050(2)
50
30
1.2
4036
9.1
5.5
10.2
40
F161WP125(1)050(2)
50
30
1.5
4036
9.1
5.5
10.2
40
F161WP155(1)050(2)
50
30
1.8
4036
9.1
5.5
10.2
40
F161WP185(1)050(2)
50
30
2.2
4036
9.1
5.5
10.2
40
F161WP225(1)050(2)
50
30
2.7
5045
11.5
6.5
12.7
40
F161YR275(1)050(2)
50
30
3.3
5045
11.5
6.5
12.7
40
F161YR335(1)050(2)
50
30
3.9
5045
11.5
6.5
12.7
40
F161YR395(1)050(2)
50
30
4.7
5045
11.5
6.5
12.7
40
F161YR475(1)050(2)
50
30
5.6
6560
15.0
7.0
16.5
40
F161ZS565(1)050(2)
50
30
6.8
6560
15.0
7.0
16.5
40
F161ZS685(1)050(2)
50
30
8.2
6560
15.0
7.0
16.5
40
F161ZS825(1)050(2)
50
30
10
6560
15.0
7.0
16.5
40
F161ZS106(1)050(2)
50
30
12
6560
15.0
7.0
16.5
40
F161ZS126(1)050(2)
63
40
0.01
2824
6.0
3.0
7.3
40
F161SL103(1)063(2)
63
40
0.012
2824
6.0
3.0
7.3
40
F161SL123(1)063(2)
63
40
0.015
2824
6.0
3.0
7.3
40
F161SL153(1)063(2)
63
40
0.018
2824
6.0
3.0
7.3
40
F161SL183(1)063(2)
63
40
0.022
2824
6.0
3.0
7.3
40
F161SL223(1)063(2)
63
40
0.027
2824
6.0
3.0
7.3
40
F161SL273(1)063(2)
63
40
0.033
2824
6.0
3.0
7.3
40
F161SL333(1)063(2)
63
40
0.039
2824
6.0
3.0
7.3
40
F161SL393(1)063(2)
63
40
0.047
2824
6.0
3.0
7.3
40
F161SL473(1)063(2)
63
40
0.056
2824
6.0
3.0
7.3
40
F161SL563(1)063(2)
63
40
0.068
2824
6.0
3.0
7.3
40
F161SL683(1)063(2)
63
40
0.082
2824
6.0
3.0
7.3
40
F161SL823(1)063(2)
63
40
0.1
2824
6.0
3.0
7.3
40
F161SL104(1)063(2)
63
40
0.12
2824
6.0
3.0
7.3
40
F161SL124(1)063(2)
63
40
0.15
2824
6.0
3.0
7.3
40
F161SL154(1)063(2)
63
40
0.18
2824
6.0
3.0
7.3
40
F161SL184(1)063(2)
63
40
0.22
2824
6.0
3.0
7.3
40
F161SL224(1)063(2)
63
40
0.27
2824
6.0
3.5
7.3
40
F161SP274(1)063(2)
63
40
0.33
2824
6.0
3.5
7.3
40
F161SP334(1)063(2)
63
40
0.39
2824
6.0
3.5
7.3
40
F161SP394(1)063(2)
63
40
0.47
2824
6.0
3.5
7.3
40
F161SP474(1)063(2)
63
40
0.022
4036
9.1
5.5
10.2
40
F161WP223(1)063(2)
63
40
0.027
4036
9.1
5.5
10.2
40
F161WP273(1)063(2)
63
40
0.033
4036
9.1
5.5
10.2
40
F161WP333(1)063(2)
63
40
0.039
4036
9.1
5.5
10.2
40
F161WP393(1)063(2)
63
40
0.047
4036
9.1
5.5
10.2
40
F161WP473(1)063(2)
63
40
0.056
4036
9.1
5.5
10.2
40
F161WP563(1)063(2)
63
40
0.068
4036
9.1
5.5
10.2
40
F161WP683(1)063(2)
63
40
0.082
4036
9.1
5.5
10.2
40
F161WP823(1)063(2)
63
40
0.1
4036
9.1
5.5
10.2
40
F161WP104(1)063(2)
63
40
0.12
4036
9.1
5.5
10.2
40
F161WP124(1)063(2)
63
40
0.15
4036
9.1
5.5
10.2
40
F161WP154(1)063(2)
63
40
0.18
4036
9.1
5.5
10.2
40
F161WP184(1)063(2)
63
40
0.22
4036
9.1
5.5
10.2
40
F161WP224(1)063(2)
63
40
0.27
4036
9.1
5.5
10.2
40
F161WP274(1)063(2)
63
40
0.33
4036
9.1
5.5
10.2
40
F161WP334(1)063(2)
63
40
0.39
4036
9.1
5.5
10.2
40
F161WP394(1)063(2)
63
40
0.47
4036
9.1
5.5
10.2
40
F161WP474(1)063(2)
63
40
0.56
4036
9.1
5.5
10.2
40
F161WP564(1)063(2)
63
40
0.68
4036
9.1
5.5
10.2
40
F161WP684(1)063(2)
63
40
0.82
4036
9.1
5.5
10.2
40
F161WP824(1)063(2)
63
40
1
4036
9.1
5.5
10.2
40
F161WP105(1)063(2)
VDC
VAC
Capacitance
Value (µF)
Chip Size
B (mm)
H (mm)
L (mm)
dV/dt (Vµs)
Part Number


Similar Part No. - F161ZP103K100V

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
F161ZS104K630V KEMET-F161ZS104K630V Datasheet
74Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, F161, 0.1 uF, 10%, 630 V, 250 V, 85C, 6560, 7mm
F161ZS124K630V KEMET-F161ZS124K630V Datasheet
74Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, F161, 0.12 uF, 10%, 630 V, 250 V, 85C, 6560, 7mm
F161ZS154K630V KEMET-F161ZS154K630V Datasheet
75Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, F161, 0.15 uF, 10%, 630 V, 250 V, 85C, 6560, 7mm
F161ZS224K400V KEMET-F161ZS224K400V Datasheet
76Kb / 1P
   Capacitor, film, 0.22 uF, /-10% Tol, General Purpose, 400 VDC@85C
More results

Similar Description - F161ZP103K100V

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MSK MERITEK-MSK Datasheet
860Kb / 5P
   High reliability and stability.
logo
WALSIN TECHNOLOGY CORPO...
S242N100J502CT WALSIN-S242N100J502CT Datasheet
1Mb / 11P
   High reliability and stability
S342N100J252CT WALSIN-S342N100J252CT Datasheet
1Mb / 11P
   High reliability and stability
SA04X WALSIN-SA04X Datasheet
234Kb / 8P
   High reliability and stability
MA04X WALSIN-MA04X Datasheet
237Kb / 8P
   High reliability and stability
MF12E WALSIN-MF12E Datasheet
763Kb / 10P
   High reliability and stability
SA04Y WALSIN-SA04Y Datasheet
467Kb / 8P
   High reliability and stability
logo
Rugao Dachang Electroni...
1N47 DACHANG-1N47 Datasheet
121Kb / 2P
   High stability and high reliability
1N52 DACHANG-1N52 Datasheet
121Kb / 2P
   High stability and high reliability
logo
TXC Corporation.
AE-SERIES TXC-AE-SERIES Datasheet
1Mb / 1P
   High precision and high frequency stability.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com