Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1812C225M4RACAUTO Datasheet(PDF) 7 Page - Kemet Corporation

Part # C1812C225M4RACAUTO
Description  Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1812C225M4RACAUTO Datasheet(HTML) 7 Page - Kemet Corporation

Back Button C1812C225M4RACAUTO Datasheet HTML 3Page - Kemet Corporation C1812C225M4RACAUTO Datasheet HTML 4Page - Kemet Corporation C1812C225M4RACAUTO Datasheet HTML 5Page - Kemet Corporation C1812C225M4RACAUTO Datasheet HTML 6Page - Kemet Corporation C1812C225M4RACAUTO Datasheet HTML 7Page - Kemet Corporation C1812C225M4RACAUTO Datasheet HTML 8Page - Kemet Corporation C1812C225M4RACAUTO Datasheet HTML 9Page - Kemet Corporation C1812C225M4RACAUTO Datasheet HTML 10Page - Kemet Corporation C1812C225M4RACAUTO Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1023_X7R_AUTO_SMD • 12/2/2016
7
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) – X7R Dielectric, 6.3 – 250 VDC (Automotive Grade)
Dissipation Factor (DF) Limits Table
EIA Case
Size
Rated DC
Voltage
Capacitance
Dissipation
Factor
(Maximum
%)
0402
< 16
All
5.0
16/25
3.5
> 25
2.5
0603
< 16
All
5.0
16/25
3.5
> 25
2.5
0805
< 16
All
5.0
16/25
3.5
> 25
2.5
1206
< 16
All
5.0
16
<10µF
3.5
≥10µF
10.0
25
All
3.5
> 25
2.5
1210
< 16
All
5.0
16
3.5
25
<10µF
3.5
≥10µF
10.0
> 25
All
2.5
1808
1812
2220
2225
< 16
All
5.0
16/25
3.5
> 25
2.5
Insulation Resistance Limit Table
EIA Case Size
1,000 Megohm
Microfarads or 100 GΩ
500 Megohm
Microfarads or 10 GΩ
0201
N/A
ALL
0402
<0.012µF
≥0.012µF
0603
<0.047µF
≥0.047µF
0805
<0.15µF
≥0.15µF
1206
<0.47µF
≥0.47µF
1210
<0.39µF
≥0.39µF
1808
ALL
N/A
1812
<2.2µF
≥2.2µF
1825
ALL
N/A
2220
<10µF
≥10µF
2225
ALL
N/A


Similar Part No. - C1812C225M4RACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1812C225M1RACTU KEMET-C1812C225M1RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 2.2 uF, 20%, 100 V, 1812, X7R, SMD, MLCC, Temperature Stable, Class II
C1812C225M1UACTU KEMET-C1812C225M1UACTU Datasheet
1Mb / 19P
   Z5U Dielectric, 50 ??100 VDC (Commercial Grade)
C1812C225M5UACTU KEMET-C1812C225M5UACTU Datasheet
1Mb / 19P
   Z5U Dielectric, 50 ??100 VDC (Commercial Grade)
More results

Similar Description - C1812C225M4RACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C102K5RAC7800 KEMET-C0805C102K5RAC7800 Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C2824H393KUGWCTU KEMET-C2824H393KUGWCTU Datasheet
1Mb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C332JCGACTU KEMET-C1210C332JCGACTU Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C333K5RACTU KEMET-C0603C333K5RACTU Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C470J5GACAUTO KEMET-C0603C470J5GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C104J3RECAUTO KEMET-C0603C104J3RECAUTO Datasheet
1Mb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1206X106K4RACAUTO KEMET-C1206X106K4RACAUTO Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1003_C0G_SMD KEMET-C1003_C0G_SMD Datasheet
871Kb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
8/21/2023
C0805C226M9PACTU KEMET-C0805C226M9PACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C225K1RAC KEMET-C1210C225K1RAC Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com