Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F125SP102J250V Datasheet(PDF) 1 Page - Kemet Corporation

Part # F125SP102J250V
Description  Surface Mount Metallized PPS Film Capacitor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F125SP102J250V Datasheet(HTML) 1 Page - Kemet Corporation

  F125SP102J250V Datasheet HTML 1Page - Kemet Corporation F125SP102J250V Datasheet HTML 2Page - Kemet Corporation F125SP102J250V Datasheet HTML 3Page - Kemet Corporation F125SP102J250V Datasheet HTML 4Page - Kemet Corporation F125SP102J250V Datasheet HTML 5Page - Kemet Corporation F125SP102J250V Datasheet HTML 6Page - Kemet Corporation F125SP102J250V Datasheet HTML 7Page - Kemet Corporation F125SP102J250V Datasheet HTML 8Page - Kemet Corporation F125SP102J250V Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3083_SMC • 2/24/2016
1
One world. One KEMET
Benefits
• Rated voltage: 50 – 400 VDC
• Rated voltage: 30 – 200 VAC
• Capacitance range: 0.001 – 3.3 µF
• EIA size: 2220 – 6560
• Capacitance tolerance: ±2%, ±2.5%, ±5%
• Climatic category: 55/125/56
• RoHS Compliant and lead-free terminations
• Operatingtemperaturerangeof−55˚Cto+125˚C
Overview
Polyphenylenesulphide(PPS)filmcapacitorforsurface
mounting. Encapsulation in self-extinguishing material meeting
the requirements of UL 94 V–0. SMC capacitors meet the
standards according to IEC 60384-20.
Applications
Typicalapplicationsincludetiming,filteringanduseasamemory
capacitor. The SMC Series is designed for high stability, accuracy
and temperature. Not suitable for across-the-line application (see
suppressor capacitors).
Surface Mount Metallized PPS Film Capacitor
SMC Series Encapsulated, Size 2220 – 6560, 50 – 400 VDC
Legacy Part Number System
SMC
5.7
102
J
50
J33
TR12
Series
Chip Length (mm)
Capacitance Code
(pF)
Capacitance
Tolerance
Rated Voltage
(VDC)
Size Code
Packaging
Metallized PPS
5.7
7.3
10.2
12.7
16.5
First two digits
representsignificant
figures.Thethirddigit
specifiesnumberof
zeros.
G = ±2%
H = ±2.5%
J = ±5%
50
100
250
400
See Dimension Table
See Ordering
Options Table
New KEMET Part Number System
F
125
P
P
102
J
050
V
Capacitor Class
Series
Chip Size
Size Code
Capacitance Code (pF)
Capacitance
Tolerance
Rated Voltage
(VDC)
Packaging
F = Film
Metallized PPS P = 2220
S = 2820
W = 4036
Y = 5045
Z = 6560
See Dimension
Table
First two digits represent
significantfigures.Thethird
digitspecifiesnumberof
zeros.
G = ±2%
R = ±2.5%
J = ±5%
050 = 50
100 = 100
250 = 250
400 = 400
See Ordering
Options Table


Similar Part No. - F125SP102J250V

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F125 TI-F125 Datasheet
354Kb / 11P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE
logo
List of Unclassifed Man...
F1257 ETC1-F1257 Datasheet
171Kb / 2P
   1.25mm pitch FFC/FPC connector
F1257WV-10P ETC1-F1257WV-10P Datasheet
171Kb / 2P
   1.25mm pitch FFC/FPC connector
F1257WV-10P-T ETC1-F1257WV-10P-T Datasheet
171Kb / 2P
   1.25mm pitch FFC/FPC connector
F1257WV-11P ETC1-F1257WV-11P Datasheet
171Kb / 2P
   1.25mm pitch FFC/FPC connector
More results

Similar Description - F125SP102J250V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECH-U1H391GX5 PANASONIC-ECH-U1H391GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U01562JX5 PANASONIC-ECH-U01562JX5 Datasheet
109Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C473JX5 PANASONIC-ECH-U1C473JX5 Datasheet
107Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C823JX5 PANASONIC-ECH-U1C823JX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224JX9 PANASONIC-ECH-U1H224JX9 Datasheet
125Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H152GX5 PANASONIC-ECH-U1H152GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224JC9 PANASONIC-ECH-U1H224JC9 Datasheet
116Kb / 2P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C223GX5 PANASONIC-ECH-U1C223GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224GC9 PANASONIC-ECH-U1H224GC9 Datasheet
116Kb / 2P
   Stacked Metallized PPS Film Chip Capacitor
ECQ-V1H474JL2 PANASONIC-ECQ-V1H474JL2 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com