Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F125YP102G400V Datasheet(PDF) 4 Page - Kemet Corporation

Part # F125YP102G400V
Description  Surface Mount Metallized PPS Film Capacitor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F125YP102G400V Datasheet(HTML) 4 Page - Kemet Corporation

  F125YP102G400V Datasheet HTML 1Page - Kemet Corporation F125YP102G400V Datasheet HTML 2Page - Kemet Corporation F125YP102G400V Datasheet HTML 3Page - Kemet Corporation F125YP102G400V Datasheet HTML 4Page - Kemet Corporation F125YP102G400V Datasheet HTML 5Page - Kemet Corporation F125YP102G400V Datasheet HTML 6Page - Kemet Corporation F125YP102G400V Datasheet HTML 7Page - Kemet Corporation F125YP102G400V Datasheet HTML 8Page - Kemet Corporation F125YP102G400V Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3083_SMC • 2/24/2016
4
Surface Mount Metallized PPS Film Capacitor
SMC Series Encapsulated, Size 2220 – 6560, 50 – 400 VDC
Performance Characteristics
Rated Voltage (VDC)
50
100
250
400
Rated Voltage (VAC)
30
63
160
200
CapacitanceRange(μF)
0.001 – 3.3
0.001 – 1.5
0.001 – 0.47
0.001 – 0.22
Chip Size (EIA)
2220 – 6560
Capacitance Tolerance
±2%, ±2.5%, ±5%
Category Temperature Range
−55°Cto+125°C
Rated Temperature
+100°C
Voltage Derating
Theratedvoltageshouldbedecreasedwith1.25%/°Cfrom+100°Cto
+125°Cand1.5%/°Cfrom+125°Cto175°C
Climatic Category
55/125/56
Test Voltage
1.6 x V
R, 60 seconds
Insulation Resistance
Measuredat+20°CAccordingtoIEC60384–19
Minimum Value Between Terminals
C≤0.33µF
C > 0.33 µF
V
R≤100
15,000MΩ
5,000MΩ•µF
V
R > 100
30,000MΩ
10,000MΩ•µF
Dissipation Factor
MaximumValuesat+23°C
C≤0.1µF
0.1<C≤1µF
C > 1 µF
1 kHz
0.15%
0.15%
0.15%
10 kHz
0.25%
0.25%
0.30%
100 kHz
0.50%
0.60%
Pulse Rise Time
The capacitors can withstand an unlimited number of pulses with a dV/dt
according to Table 1. For voltages (V) lower than the rated voltage (V
R), the
specifieddV/dtcanbemultipliedbyV
R/V.
Capacitance vs. Temperature
Dissipation Factor vs. Temperature


Similar Part No. - F125YP102G400V

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F125 TI-F125 Datasheet
354Kb / 11P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE
logo
List of Unclassifed Man...
F1257 ETC1-F1257 Datasheet
171Kb / 2P
   1.25mm pitch FFC/FPC connector
F1257WV-10P ETC1-F1257WV-10P Datasheet
171Kb / 2P
   1.25mm pitch FFC/FPC connector
F1257WV-10P-T ETC1-F1257WV-10P-T Datasheet
171Kb / 2P
   1.25mm pitch FFC/FPC connector
F1257WV-11P ETC1-F1257WV-11P Datasheet
171Kb / 2P
   1.25mm pitch FFC/FPC connector
More results

Similar Description - F125YP102G400V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECH-U1H391GX5 PANASONIC-ECH-U1H391GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U01562JX5 PANASONIC-ECH-U01562JX5 Datasheet
109Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C473JX5 PANASONIC-ECH-U1C473JX5 Datasheet
107Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C823JX5 PANASONIC-ECH-U1C823JX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224JX9 PANASONIC-ECH-U1H224JX9 Datasheet
125Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H152GX5 PANASONIC-ECH-U1H152GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224JC9 PANASONIC-ECH-U1H224JC9 Datasheet
116Kb / 2P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C223GX5 PANASONIC-ECH-U1C223GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224GC9 PANASONIC-ECH-U1H224GC9 Datasheet
116Kb / 2P
   Stacked Metallized PPS Film Chip Capacitor
ECQ-V1H474JL2 PANASONIC-ECQ-V1H474JL2 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com