Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F125SP102R400V Datasheet(PDF) 9 Page - Kemet Corporation

Part # F125SP102R400V
Description  Surface Mount Metallized PPS Film Capacitor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F125SP102R400V Datasheet(HTML) 9 Page - Kemet Corporation

Back Button F125SP102R400V Datasheet HTML 5Page - Kemet Corporation F125SP102R400V Datasheet HTML 6Page - Kemet Corporation F125SP102R400V Datasheet HTML 7Page - Kemet Corporation F125SP102R400V Datasheet HTML 8Page - Kemet Corporation F125SP102R400V Datasheet HTML 9Page - Kemet Corporation F125SP102R400V Datasheet HTML 10Page - Kemet Corporation F125SP102R400V Datasheet HTML 11Page - Kemet Corporation F125SP102R400V Datasheet HTML 12Page - Kemet Corporation F125SP102R400V Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3083_SMC • 2/24/2016
9
Surface Mount Metallized PPS Film Capacitor
SMC Series Encapsulated, Size 2220 – 6560, 50 – 400 VDC
Table 1 – Ratings & Part Number Reference cont'd
(1) G = ±2%, R = ±2.5% (Legacy code = H), J = ±5%.
(2) Insert ordering code for lead type and packaging. See Ordering Options Table for available options.
VDC VAC Capacitance
Value (µF)
Size Code
(New/Legacy)
Dimensions in mm
Chip
Size
dV/dt
(V/µs)
New KEMET
Part Number
Legacy Part
Number
B
H
L
400
200
0.082
YR/B31
11.5
6.5
12.7
5045
10
F125YR823(1)400(2)
SMC12.7823(1)400B31(2)
400
200
0.10
ZS/C31
15.0
7.0
16.5
6560
8
F125ZS104(1)400(2)
SMC16.5104(1)400C31(2)
400
200
0.12
ZS/C31
15.0
7.0
16.5
6560
8
F125ZS124(1)400(2)
SMC16.5124(1)400C31(2)
400
200
0.15
ZS/C31
15.0
7.0
16.5
6560
8
F125ZS154(1)400(2)
SMC16.5154(1)400C31(2)
400
200
0.18
ZS/C31
15.0
7.0
16.5
6560
8
F125ZS184(1)400(2)
SMC16.5184(1)400C31(2)
400
200
0.22
ZS/C31
15.0
7.0
16.5
6560
8
F125ZS224(1)400(2)
SMC16.5224(1)400C31(2)
VDC
VAC
Capacitance
Value (µF)
Size Code
(New/Legacy)
B (mm) H (mm) L (mm) Chip Size
dV/dt
(V/μs)
New KEMET
Part Number
Legacy Part Number


Similar Part No. - F125SP102R400V

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F125 TI-F125 Datasheet
354Kb / 11P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE
logo
List of Unclassifed Man...
F1257 ETC1-F1257 Datasheet
171Kb / 2P
   1.25mm pitch FFC/FPC connector
F1257WV-10P ETC1-F1257WV-10P Datasheet
171Kb / 2P
   1.25mm pitch FFC/FPC connector
F1257WV-10P-T ETC1-F1257WV-10P-T Datasheet
171Kb / 2P
   1.25mm pitch FFC/FPC connector
F1257WV-11P ETC1-F1257WV-11P Datasheet
171Kb / 2P
   1.25mm pitch FFC/FPC connector
More results

Similar Description - F125SP102R400V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECH-U1H391GX5 PANASONIC-ECH-U1H391GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U01562JX5 PANASONIC-ECH-U01562JX5 Datasheet
109Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C473JX5 PANASONIC-ECH-U1C473JX5 Datasheet
107Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C823JX5 PANASONIC-ECH-U1C823JX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224JX9 PANASONIC-ECH-U1H224JX9 Datasheet
125Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H152GX5 PANASONIC-ECH-U1H152GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224JC9 PANASONIC-ECH-U1H224JC9 Datasheet
116Kb / 2P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C223GX5 PANASONIC-ECH-U1C223GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224GC9 PANASONIC-ECH-U1H224GC9 Datasheet
116Kb / 2P
   Stacked Metallized PPS Film Chip Capacitor
ECQ-V1H474JL2 PANASONIC-ECQ-V1H474JL2 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com