Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F161PP103J400V Datasheet(PDF) 9 Page - Kemet Corporation

Part # F161PP103J400V
Description  General Purpose and High Stability
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F161PP103J400V Datasheet(HTML) 9 Page - Kemet Corporation

Back Button F161PP103J400V Datasheet HTML 5Page - Kemet Corporation F161PP103J400V Datasheet HTML 6Page - Kemet Corporation F161PP103J400V Datasheet HTML 7Page - Kemet Corporation F161PP103J400V Datasheet HTML 8Page - Kemet Corporation F161PP103J400V Datasheet HTML 9Page - Kemet Corporation F161PP103J400V Datasheet HTML 10Page - Kemet Corporation F161PP103J400V Datasheet HTML 11Page - Kemet Corporation F161PP103J400V Datasheet HTML 12Page - Kemet Corporation F161PP103J400V Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3086_F161 • 2/25/2016
9
Film Surface Mount Capacitors
General Purpose and High Stability – F161 Series Encapsulated Stacked, Size 2220 – 6560, 50 – 400 VDC
Soldering Process
Reflow soldering temperature is measured on the top
surface of the component: Preheating temperature should
be less than 170°C. The time above 217°C should be less
than 50 seconds. The peak temperature must not exceed
240°C.
Marking
• Capacitance
• Capacitance tolerance code
• Rated voltage code
• Capacitor type N for F161
• Manufacturing date code
Rated Voltage
Code
50 VDC
Z
63 VDC
C
100 VDC
D
250 VDC
H
400 VDC
K
630 VCD
M
Manufacturing Date Code (IEC 60062)
Y = Year, Z = Month
Year
Code
Month
Code
2000
M
January
1
2001
N
February
2
2002
P
March
3
2003
R
April
4
2004
S
May
5
2005
T
June
6
2006
U
July
7
2007
V
August
8
2008
W
September
9
2009
X
October
O
2010
A
November
N
2011
B
December
D
2012
C
2013
D
2014
E
2015
F
2016
H
2017
J
2018
K
2019
L
2020
M


Similar Part No. - F161PP103J400V

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
F161PP393M100V KEMET-F161PP393M100V Datasheet
76Kb / 1P
   General Purpose
More results

Similar Description - F161PP103J400V

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MSK MERITEK-MSK Datasheet
860Kb / 5P
   High reliability and stability.
logo
WALSIN TECHNOLOGY CORPO...
S242N100J502CT WALSIN-S242N100J502CT Datasheet
1Mb / 11P
   High reliability and stability
S342N100J252CT WALSIN-S342N100J252CT Datasheet
1Mb / 11P
   High reliability and stability
SA04X WALSIN-SA04X Datasheet
234Kb / 8P
   High reliability and stability
MA04X WALSIN-MA04X Datasheet
237Kb / 8P
   High reliability and stability
MF12E WALSIN-MF12E Datasheet
763Kb / 10P
   High reliability and stability
SA04Y WALSIN-SA04Y Datasheet
467Kb / 8P
   High reliability and stability
logo
Rugao Dachang Electroni...
1N47 DACHANG-1N47 Datasheet
121Kb / 2P
   High stability and high reliability
1N52 DACHANG-1N52 Datasheet
121Kb / 2P
   High stability and high reliability
logo
TXC Corporation.
AE-SERIES TXC-AE-SERIES Datasheet
1Mb / 1P
   High precision and high frequency stability.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com