Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LOB Datasheet(PDF) 2 Page - TT Electronics.

Part # LOB
Description  Inherently non-inductive
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

LOB Datasheet(HTML) 2 Page - TT Electronics.

  LOB Datasheet HTML 1Page - TT Electronics. LOB Datasheet HTML 2Page - TT Electronics. LOB Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Low Resistance Metal
Element Resistors
LOB Series
Low Resistance Metal
Element Resistors
LOB Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
11. 11
0
25
50
75
100
400
300
200
100
0
Resistance (ohms x 10-3)
Low Resistance Metal
Element Resistors
LOB Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
105
Issue B · 03.02
Welwyn Components
%
X
AM
202
D
TS
-
L
I
M
t
s
eT
t
i
nU
*R
%
%1
±
801
doh
t
e
M
)
s
r
uoh
0002
(
e
fi
l
d
a
o
L
∆R
%
%1
±
701
doh
t
e
M
k
c
o
h
s
l
a
m
r
ehT
∆R
%
%
5.0
±
402
doh
t
e
M
n
o
itar
b
i
V
∆R
%
%
5.0
±
312
doh
t
e
M
kc
o
h
s
l
ac
i
n
a
h
ce
M
∆R
%
%
5.0
±
103
doh
t
e
M
h
t
g
n
e
r
ts
c
ir
t
c
elei
D
∆R
0
1>
203
doh
t
e
M
e
c
n
a
t
s
i
s
e
r
n
oit
a
lu
s
nI
11
ohms
0
25
50
75
100
125
150
175
100
90
80
70
60
50
40
30
20
10
0
Ambient Temp (°C)
Power derating percentage vs
Free air ambient temperature
Temperature coefficient of resistance vs
Resistance value
*±0.0005 ohm allowance for test/contact error.
Packaging
Resistors are supplied taped and reeled.
Bulk packaging available.
Ordering Procedure
Example: LOB3 at 10 milliohms and 5% tolerance on a reel of 1250 pieces -
L O B 3 – R 0 1 J I
Type
Value (use IEC62 code)
Tolerance (use IEC62 code)
F
1%
J
5%
H
3%
Note: 1% & 5% preferred
Packing
I
Tape
LOB1
3500/reel
Standard
LOB3
1250/reel
LOB5
800/reel
LOB1
LOB3
LOB5
05.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
BI Technologies IRC Welwyn


Similar Part No. - LOB

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
LOB WELWYN-LOB Datasheet
130Kb / 2P
   Low Resistance Metal Element Resistors
LOB-1 WELWYN-LOB-1 Datasheet
130Kb / 2P
   Low Resistance Metal Element Resistors
logo
IRC - a TT electronics ...
LOB-1R010FLFLT IRCTT-LOB-1R010FLFLT Datasheet
158Kb / 3P
   Low Resistance Metal Element Resistor
LOB-1R010HLFLT IRCTT-LOB-1R010HLFLT Datasheet
158Kb / 3P
   Low Resistance Metal Element Resistor
LOB-1R010JLFLT IRCTT-LOB-1R010JLFLT Datasheet
158Kb / 3P
   Low Resistance Metal Element Resistor
More results

Similar Description - LOB

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
CL2-25-12 BEL-CL2-25-12 Datasheet
912Kb / 2P
   Inherently or Non-Inherently Limited
CL2-20-12 BEL-CL2-20-12 Datasheet
844Kb / 2P
   Inherently or Non-Inherently Limited
logo
Wabash Transformer Inc.
CL85R01-000 WABASH-CL85R01-000 Datasheet
629Kb / 2P
   Class 2 UL5085-3 Transformer 80VA - 100VA, Non-Inherently Energy Limited
logo
TT Electronics.
RHVD TTELEC-RHVD Datasheet
369Kb / 2P
   Non-inductive design
HVD TTELEC-HVD Datasheet
364Kb / 2P
   Non-inductive design
logo
MERITEK ELECTRONICS COR...
TMPE-FMPE MERITEK-TMPE-FMPE Datasheet
167Kb / 1P
   Non-inductive construction
logo
Wabash Transformer Inc.
CL60H00-000 WABASH-CL60H00-000 Datasheet
862Kb / 2P
   Class 2 UL5085-3 Transformer 60VA - 75VA, Non-Inherently Energy Limited
logo
Taiwan Semiconductor Co...
TS19371CX6 TSC-TS19371CX6 Datasheet
495Kb / 8P
   Inherently Matched LED Current
logo
Unisonic Technologies
L5109G-AG6-R UTC-L5109G-AG6-R Datasheet
190Kb / 4P
   Inherently Uniform LED Current
logo
Ohmite Mfg. Co.
ACL-ARC3 OHMITE-ACL-ARC3 Datasheet
165Kb / 2P
   Non Inductive, Thick Film
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com