Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7012PA Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 7012PA
Description  Available in on-delay, true off-delay, and on/off-delay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

7012PA Datasheet(HTML) 3 Page - TE Connectivity Ltd

  7012PA Datasheet HTML 1Page - TE Connectivity Ltd 7012PA Datasheet HTML 2Page - TE Connectivity Ltd 7012PA Datasheet HTML 3Page - TE Connectivity Ltd 7012PA Datasheet HTML 4Page - TE Connectivity Ltd 7012PA Datasheet HTML 5Page - TE Connectivity Ltd 7012PA Datasheet HTML 6Page - TE Connectivity Ltd 7012PA Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
12–10
AGASTAT 7000 Series, Industrial Electropneumatic Timing Relay (Continued)
Specialty Relays
Catalog 5-1773450-5
Dimensions are shown for
Dimensions are in millimeters
USA: +1 800 522 6752
For additional support numbers
Revised 3-13
reference purposes only.
unless otherwise specified.
Asia Pacific: +86 0 400 820 6015
please visit www.te.com
Specifications subject
UK: +44 800 267 666
www.te.com
to change.
The Surge/Transient Protection Option protects electronic
control circuits from transients and surges which are
generated when the timer coil is activated. The device is not
polarity sensitive and permits the user to initiate, delay,
sequence and program equipment actions over a wide range
of applications under the most severe operating conditions.
The varistor will not affect the operating characteristics of
the 7000 Timer. The varistor has bilateral and symmetrical
voltage and current characteristics.
Product Facts
n Protect electronic control
circuits from voltage
transients generated by the
timer coil
n Fast response to the rapidly
rising back E.M.F.
n High performance clamping
voltage characteristics
n UL recognized, (except
varistor and coil together).
n Timer NOT polarity sensitive
Surge/Transient Protection Option
Transient Suppressor
Option "V"
Timing Specifications (All values shown are at nominal voltage and 25°C unless otherwise specified)
Operating Modes —
Model 7012/7014 — On-delay (delay on pick-up).
Model 7022/7024 — Off-delay (delay on drop-out).
Model 7032 — On-delay, off-delay (double head).
Timing Adjustment — Timing is set by simply turning the dial to the desired time
value. In the zone of approximately 25° separating the high and low end of timing
ranges A,D,E, and K, instantaneous operation (no time delay) will occur. All other
ranges produce an infinite time delay when the dial is set in this zone.
Models 7014 and 7032 are available with letter dials only. The upper end of the time
ranges in these models may be twice the values shown.
Linear Timing Ranges —
Models 7012,
Models 7014,
Code
7022, 7024
7032
A
.1 to 1 Sec.
.2 to 2 Sec.
B
.5 to 5 Sec.
.7 to 7 Sec.
C
1.5 to 15 Sec
2 to 20 Sec.
D
5 to 50 Sec.
10 to 100 Sec.
E
20 to 200 Sec.
30 to 300 Sec.
F
1 to 10 Min.
1.5 to 15 Min.
H
3 to 30 Min.
3 to 30 Min.
I
6 to 60 Min.
Not Avail.
J
3 to 120 Cyc.
Not Avail.
K
1 to 300 Sec.
Not Avail.
Repeat Accuracy —
For delays of 200 seconds or less:
7012*, 7022, 7024:
±5%
7014*:
±10%
7032:
±15%
For delays greater than 200 seconds:
7012*, 7022, 7014*, 7024:
±10%
7032:
±15%
* The first time delay afforded by Model 7012 with H (3 to 30 min.) and I (6 to 60
min.) time ranges or Model 7014 with H time range will be approx. 15% longer than
subsequent delays due to coil temperature rise.
Reset Time — 50 msec. (except model 7032)
Relay Release Time — 50 msec. for on-delay models (7012/7014)
Relay Operate Time — 50 msec. for off-delay models (7022/7024)
Operating Voltage Coil Data (for DPDT)
Operating*
Operating
Coil
Code
Rated
Voltage
Rated
Voltage
Part #
Letter
Voltage
Range
Voltage
Range
@ 60Hz
@50Hz
7000
A
120
102-132
110
93.5-121
B
240
204-264
220
187-242
C
480
408-528
D
550
468-605
E
24
20.5-26.5
AC
F
127
108-140
G
240
204-264
H
12
10.2-13.2
I6
5.1-6.6
J
208
178-229
K
Dual Voltage Coil
(Combines A&B)
L
Special AC Coils
(L1, L2, etc.)
7010
M
28
22.4-30.8
N
48
38.4-52.8
O
24
19.2-26.4
P
125
100-137.5
Q
12
9.6-13.2
R
60
48-66
DC
S
250
200-275
T
550
440-605
U
16
12.8-17.6
V
32
25.8-35.2
W
96
76.8-105.6
Y6
4.8-6.6
Z
220
176-242
X
Special DC Coils
(X1, X2, etc.)
*Four pole Models: Operational voltage range 90% to 110% for AC units; 85% to
110% for DC units.
See next page for more coil data.


Similar Part No. - 7012PA

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
7012PA MACOM-7012PA Datasheet
366Kb / 6P
   Industrial Electropneumatic Timing Relay
More results

Similar Description - 7012PA

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
SCE TEC-SCE Datasheet
147Kb / 1P
   True Off-Delay timing modes
logo
Tyco Electronics
2-1437463-1 MACOM-2-1437463-1 Datasheet
156Kb / 1P
   Specification Grade Discrete Plug-in True Off-Delay Time Delay Relay
logo
Carlo Gavazzi Holding A...
DBB02 CARLOGAVAZZI-DBB02 Datasheet
124Kb / 3P
   Timers True delay on release
logo
List of Unclassifed Man...
DBB01C724 ETC2-DBB01C724 Datasheet
97Kb / 3P
   Timers True delay on release
logo
Carlo Gavazzi Holding A...
DBB51 CARLOGAVAZZI-DBB51 Datasheet
70Kb / 2P
   Timers True Delay on Release
logo
Littelfuse
TDMB LITTELFUSE-TDMB Datasheet
489Kb / 2P
   Delay-on-Make/Delay-on-Break
2016 Rev: 1-A-062316
logo
FOTEK CONTROLS CO., LTD...
TFN-3S FOTEK-TFN-3S Datasheet
781Kb / 1P
   OFF DELAY TIMER
logo
Littelfuse
CT1S30 LITTELFUSE-CT1S30 Datasheet
422Kb / 2P
   Delay-on-Make/Delay-on-Break Timer
Rev: 1-A-062116
logo
Carlo Gavazzi Holding A...
DBB01 CARLOGAVAZZI-DBB01 Datasheet
109Kb / 3P
   Timers True delay on release Types
logo
Littelfuse
TRM LITTELFUSE-TRM Datasheet
388Kb / 2P
   Time Delay Relays / DELAY-ON-MAKE
2021 Rev: 1-B-030121
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com