Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2-V23079 Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # P2-V23079
Description  Standard telecom relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

P2-V23079 Datasheet(HTML) 5 Page - TE Connectivity Ltd

  P2-V23079 Datasheet HTML 1Page - TE Connectivity Ltd P2-V23079 Datasheet HTML 2Page - TE Connectivity Ltd P2-V23079 Datasheet HTML 3Page - TE Connectivity Ltd P2-V23079 Datasheet HTML 4Page - TE Connectivity Ltd P2-V23079 Datasheet HTML 5Page - TE Connectivity Ltd P2-V23079 Datasheet HTML 6Page - TE Connectivity Ltd P2-V23079 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
07-2015, Rev.0715
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
5
AXICOM
12
9
16
12
9
NEW
1 PLC
0 PLC
2 PLC
3 PLC
4 PLC
DIMENSIONS:
TOLERANCES UNLESS
OTHERWISE SPECIFIED:
USED ON
P
LTR
APVD
DATE
REVISION RECORD
DWN
SIZE
OF
C
1
2
3
4
5
6
7
8
A
B
DRAWING NO
LOC
DIST
D
SHEET
REV
APVD
DWN
CHK
NAME
SCALE
MATERIAL
HEAT TREAT
ANGLES
SURFACE TEXTURE
3306-7 (3/11)
A3
TE Connectivity
B
B
A
A
PS conductivity 10
B-B
2:1
2:1
1.2+0.2
0
4±0.1
max. R0.3
max. 3°
4±0.2
10±0.2
12±0.2
16±0.15
(8)
1.5 0.1
2±0.1
1.5 0.1
12.2±0.2
( 1.5)
(48)
max.
max. 3°
1.5
1.5
-9 S/m
roztec transportnich otvoru
distance of transport holes
4x10=40±0.2mm
4x11=44±0.2mm
4x12=48±0.2mm
A-A
-
30.3.2012
-
Zdenek Curda
-
-
-
mm
30.3.2012
-
0.1
Petr Hofman
0.01
-
0.001
0.0001
P2L3 - Blister tape long terminals
-
-
-
4:1
C23303-A079-C121
1
1
3
3 -
30.03.2012
ZC
PH
2 -
17.06.2011
PH 9122
1 -
25.05.1998
PH 9122
1 PLC
0 PLC
2 PLC
3 PLC
4 PLC
DIMENSIONS:
TOLERANCES UNLESS
OTHERWISE SPECIFIED:
USED ON
P
LTR
APVD
DATE
REVISION RECORD
DWN
SIZE
OF
C
1
2
3
4
5
6
7
8
A
B
DRAWING NO
LOC
DIST
D
SHEET
REV
APVD
DWN
CHK
NAME
SCALE
MATERIAL
HEAT TREAT
ANGLES
SURFACE TEXTURE
3306-7 (3/11)
A3
TE Connectivity
B
B
A
A
PS conductivity 10
B-B
2:1
2:1
1.2+0.2
0
4±0.1
max. R0.3
max. 3°
4±0.2
10±0.2
12±0.2
16±0.15
(8)
1.5 0.1
2±0.1
1.5 0.1
12.2±0.2
( 1.5)
(48)
max.
max. 3°
1.5
1.5
-9 S/m
roztec transportnich otvoru
distance of transport holes
4x10=40±0.2mm
4x11=44±0.2mm
4x12=48±0.2mm
A-A
-
30.3.2012
-
Zdenek Curda
-
-
-
mm
30.3.2012
-
0.1
Petr Hofman
0.01
-
0.001
0.0001
P2L3 - Blister tape long terminals
-
-
-
4:1
C23303-A079-C121
1
1
3
3 -
30.03.2012
ZC
PH
2 -
17.06.2011
PH 9122
1 -
25.05.1998
PH 9122
1 PLC
0 PLC
2 PLC
3 PLC
4 PLC
DIMENSIONS:
TOLERANCES UNLESS
OTHERWISE SPECIFIED:
USED ON
P
LTR
APVD
DATE
REVISION RECORD
DWN
SIZE
OF
C
1
2
3
4
5
6
7
8
A
B
DRAWING NO
LOC
DIST
D
SHEET
REV
APVD
DWN
CHK
NAME
SCALE
MATERIAL
HEAT TREAT
ANGLES
SURFACE TEXTURE
3306-7 (3/11)
A3
TE Connectivity
B
B
A
A
PS conductivity 10
B-B
2:1
2:1
1.2+0.2
0
4±0.1
max. R0.3
max. 3°
4±0.2
10±0.2
12±0.2
16±0.15
(8)
1.5 0.1
2±0.1
1.5 0.1
12.2±0.2
( 1.5)
(48)
max.
max. 3°
1.5
1.5
-9 S/m
roztec transportnich otvoru
distance of transport holes
4x10=40±0.2mm
4x11=44±0.2mm
4x12=48±0.2mm
A-A
-
30.3.2012
-
Zdenek Curda
-
-
-
mm
30.3.2012
-
0.1
Petr Hofman
0.01
-
0.001
0.0001
P2L3 - Blister tape long terminals
-
-
-
4:1
C23303-A079-C121
1
1
3
3 -
30.03.2012
ZC
PH
2 -
17.06.2011
PH 9122
1 -
25.05.1998
PH 9122
1 PLC
0 PLC
2 PLC
3 PLC
4 PLC
DIMENSIONS:
TOLERANCES UNLESS
OTHERWISE SPECIFIED:
USED ON
P
LTR
APVD
DATE
REVISION RECORD
DWN
SIZE
OF
C
1
2
3
4
5
6
7
8
A
B
DRAWING NO
LOC
DIST
D
SHEET
REV
APVD
DWN
CHK
NAME
SCALE
MATERIAL
HEAT TREAT
ANGLES
SURFACE TEXTURE
3306-7 (3/11)
A3
TE Connectivity
A
A
B
B
PS conductivity 10
B-B
2:1
2:1
1.2+0.2
0
12±0.15
4±0.1
2±0.1
1.5 0.1
4±0.2
max. 3°
1.5 0.1
8±0.2
9±0.2
max. R
0.3
9.1±0.2
max. 3°
max. 3°
1.5
1.5
-9 S/m
roztec transportnich otvoru
distance of transport holes
4x10=40±0.2mm
4x11=44±0.2mm
4x12=48±0.2mm
A-A
-
26.3.2012
-
Zdenek Curda
-
-
-
mm
26.3.2012
-
0.1
Petr Hofman
0.01
-
0.001
0.0001
P2L2/P2L3/FU2 - Blister tape short terminals
-
-
-
4:1
C23303-A079-C120
1
1
8
8 -
26.3.2012
ZC
PH
7 -
13.12.2005
9193 9121
1 -
25.05.1998
9188 9151
1 PLC
0 PLC
2 PLC
3 PLC
4 PLC
DIMENSIONS:
TOLERANCES UNLESS
OTHERWISE SPECIFIED:
USED ON
P
LTR
APVD
DATE
REVISION RECORD
DWN
SIZE
OF
C
1
2
3
4
5
6
7
8
A
B
DRAWING NO
LOC
DIST
D
SHEET
REV
APVD
DWN
CHK
NAME
SCALE
MATERIAL
HEAT TREAT
ANGLES
SURFACE TEXTURE
3306-7 (3/11)
A3
TE Connectivity
A
A
B
B
PS conductivity 10
B-B
2:1
2:1
1.2+0.2
0
12±0.15
4±0.1
2±0.1
1.5 0.1
4±0.2
max. 3°
1.5 0.1
8±0.2
9±0.2
max. R
0.3
9.1±0.2
max. 3°
max. 3°
1.5
1.5
-9 S/m
roztec transportnich otvoru
distance of transport holes
4x10=40±0.2mm
4x11=44±0.2mm
4x12=48±0.2mm
A-A
-
26.3.2012
-
Zdenek Curda
-
-
-
mm
26.3.2012
-
0.1
Petr Hofman
0.01
-
0.001
0.0001
P2L2/P2L3/FU2 - Blister tape short terminals
-
-
-
4:1
C23303-A079-C120
1
1
8
8 -
26.3.2012
ZC
PH
7 -
13.12.2005
9193 9121
1 -
25.05.1998
9188 9151
1 PLC
0 PLC
2 PLC
3 PLC
4 PLC
DIMENSIONS:
TOLERANCES UNLESS
OTHERWISE SPECIFIED:
USED ON
P
LTR
APVD
DATE
REVISION RECORD
DWN
SIZE
OF
C
1
2
3
4
5
6
7
8
A
B
DRAWING NO
LOC
DIST
D
SHEET
REV
APVD
DWN
CHK
NAME
SCALE
MATERIAL
HEAT TREAT
ANGLES
SURFACE TEXTURE
3306-7 (3/11)
A3
TE Connectivity
A
A
B
B
PS conductivity 10
B-B
2:1
2:1
1.2+0.2
0
12±0.15
4±0.1
2±0.1
1.5 0.1
4±0.2
max. 3°
1.5 0.1
8±0.2
9±0.2
max. R
0.3
9.1±0.2
max. 3°
max. 3°
1.5
1.5
-9 S/m
roztec transportnich otvoru
distance of transport holes
4x10=40±0.2mm
4x11=44±0.2mm
4x12=48±0.2mm
A-A
-
26.3.2012
-
Zdenek Curda
-
-
-
mm
26.3.2012
-
0.1
Petr Hofman
0.01
-
0.001
0.0001
P2L2/P2L3/FU2 - Blister tape short terminals
-
-
-
4:1
C23303-A079-C120
1
1
8
8 -
26.3.2012
ZC
PH
7 -
13.12.2005
9193 9121
1 -
25.05.1998
9188 9151
Tape and reel for SMT
16 16
12
9
NEW
NEW
Signal Relays
P2 Relay V23079 (Continued)


Similar Part No. - P2-V23079

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
P2-12R-X PANDUIT-P2-12R-X Datasheet
83Kb / 1P
   2 BARREL NON- INSULATED RING TONGUE
P2-12R-X PANDUIT-P2-12R-X Datasheet
452Kb / 1P
   PHYSICAL INFRASTRUCTURE SYSTEMS
P2-14R-T PANDUIT-P2-14R-T Datasheet
83Kb / 1P
   2 BARREL NON-INSULATED RING TONGUE
P2-14R-X PANDUIT-P2-14R-X Datasheet
452Kb / 1P
   PHYSICAL INFRASTRUCTURE SYSTEMS
P2-38R-X PANDUIT-P2-38R-X Datasheet
452Kb / 1P
   PHYSICAL INFRASTRUCTURE SYSTEMS
More results

Similar Description - P2-V23079

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
V23079 TEC-V23079 Datasheet
1Mb / 7P
   Standard telecom relay
logo
Picker Components
PC332 PICKER-PC332 Datasheet
147Kb / 2P
   Telecom Relay
logo
TE Connectivity Ltd
FT2 TEC-FT2 Datasheet
1Mb / 5P
   Telecom/signal relay
logo
Picker Components
PC312B PICKER-PC312B Datasheet
171Kb / 2P
   Subminiature PCB Telecom Relay
PC312B PICKER-PC312B_14 Datasheet
173Kb / 2P
   Subminiature PCB Telecom Relay
logo
DB Lectro Inc
HG4516 DBLECTRO-HG4516 Datasheet
59Kb / 2P
   Subminiature PCB Telecom Relay
HG4507 DBLECTRO-HG4507 Datasheet
49Kb / 2P
   Ultraminiature PCB Telecom Relay
logo
Picker Components
PC307 PICKER-PC307_14 Datasheet
175Kb / 2P
   Ultraminiature PCB Telecom Relay
logo
DB Lectro Inc
HG4100 DBLECTRO-HG4100 Datasheet
58Kb / 2P
   Subminiature PCB Telecom Relay
logo
Picker Components
PC322 PICKER-PC322 Datasheet
158Kb / 2P
   Subminiature PCB Telecom Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com