Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1393774-1 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 1393774-1
Description  Directly triggerable with TTL standard modules as ALS, HCT & ACT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

1393774-1 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  1393774-1 Datasheet HTML 1Page - TE Connectivity Ltd 1393774-1 Datasheet HTML 2Page - TE Connectivity Ltd 1393774-1 Datasheet HTML 3Page - TE Connectivity Ltd 1393774-1 Datasheet HTML 4Page - TE Connectivity Ltd 1393774-1 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
03-2016, Rev. 0316
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
AXICOM
Signal Relays
P1 Relay V23026 (Continued)
Insulation Data
Initial dielectric strength
between open contacts
500Vrms
between contact and coil
1500Vrms
Initial surge withstand voltage
between contact and coil
2500V
Capacitance
between open contacts
max. 5pF
between contact and coil
max. 6pF
Clearance/creepage
between contact and coil
0.75mm
between adjacent contacts
0.75mm
RF Data
Isolation at 100MHz/900MHz
-30.0dB/-18.0dB
Insertion loss at 100MHz/900MHz
-0.12dB/-1.9dB
Voltage standing wave ratio (VSWR)
at 100MHz/900MHz
1.06/1.75
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
-40 to +85°C
Category of environmental protection,
IEC 61810
RT III - immersion cleanable
Vibration resistance (functional)
20g, 200 to 2000Hz
40g, 10 to 200Hz
Shock resistance (functional)
IEC 60068-2-27 (half sine)
50 g
Terminal type
PCB terminals and SMT terminals
Weight
max. 2g
Resistance to soldering heat THT
IEC 60068-2-20
265 °C/10s
Resistance to soldering heat SMT
IEC 60068-2-58
see reflow profile
Moisture sensitive level, JEDEC J-Std-020D
MSL3
Washing
not recommended
Ultrasonic cleaning
possible
Packaging unit
THT
2000 pcs.
SMT
2400 pcs.
Coil data (continued)
Coil versions, THT and SMT, bistable 2 coils
Coil
Rated
Set
Reset
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω ±10%
mW
106
3
2.25
2.25
130
69
101
5
3.75
3.75
390
64
105
9
6.75
6.75
1200
68
102
12
9.00
9.00
1500
96
241)
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Coils I and II are identical.
1) A nominal voltage of 24VDC is feasible with a 12VDC coil with a series resistor (1500Ω)
Coil data (continued)
Coil versions, THT, bistable 1 coil
Coil
Rated
Set
Reset
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω ±10%
mW
056
3
2.25
-2.25
300
30
051
5
3.75
-3.75
740
34
057
9
6.75
-6.75
2160
38
052
12
9.00
-9.00
4500
32
054
24
18.00
-18.00
4500
128
Coil data (continued)
Coil versions, SMT, bistable 1 coil
Coil
Rated
Set
Reset
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω ±10%
mW
051
5
3.75
-3.75
740
34
052
12
9.00
-9.00
4500
32
A nominal voltage of 24V is feasible with a 12V coil with a series resitor (4500Ω)
Other coil voltages on request
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Coils I and II are identical.
Coil operative range, bistable
Umax upper limit of the operative range of the coil voltage (limiting voltage) when coils are
continuously energized.
Uop min lower limit of the operative range of the coil voltage (reliable operate voltage).
Urel min lower limit of the operative range of the coil voltage (reliable release voltage).
108-98009 Rev. E
All specifications subject to change. Consult Tyco Electronics for latest specifications.
5 of 12
Telecom-, Signal and RF Relays
P1 V23026 Relay
AXICOM
Coil Operating Range
Unom
= Nominal coil voltage
Umax.
= Upper limit of the operative range of
the coil voltage (limiting voltage)
when coils are continously energized
Uop. min.
= Lower limit of the operative range of
the coil voltage (reliable operate
voltage)
Urel. min.
= Lower limit of the operative range of
the coil voltage (reliable release
voltage)
Umax. at 0 A
Umax. at - 1 A
Unom. nominal coil voltage
Uop. min.
Urel. min.
Ambient Temperature [°C]
Umax. at 0 A
65 mW
130 mW
Ambient Temperature [°C]
Unom. nominal coil voltage
Umax.
- 100 % coil duty at 0 A
65 mW Latching
32 mW Latching
Umax. - 5 % coil duty at 1 A
Umax. - 5 % coil duty at 0 A
Uset min.


Similar Part No. - 1393774-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1393774-1 MACOM-1393774-1 Datasheet
2Mb / 5P
   P1 Relay V23026
logo
TE Connectivity Ltd
1393774-1 TEC-1393774-1 Datasheet
2Mb / 5P
   Directly triggerable with TTL standard modules as ALS, HCT & ACT
More results

Similar Description - 1393774-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
V23026 TEC-V23026 Datasheet
2Mb / 5P
   Directly triggerable with TTL standard modules as ALS, HCT & ACT
logo
Lite-On Technology Corp...
LTV-702V LITEON-LTV-702V Datasheet
176Kb / 10P
   Directly connectable to TTL
LTV713V LITEON-LTV713V Datasheet
220Kb / 10P
   DIRECTLY CONNECTABLE TO TTL
logo
M/A-COM Technology Solu...
GAAS_PINDIODECHIPS MA-COM-GAAS_PINDIODECHIPS Datasheet
343Kb / 6P
   May be Driven Directly by TTL Signals
logo
IK Semicon Co., Ltd
IN74HCT14A IKSEMICON-IN74HCT14A Datasheet
192Kb / 5P
   Outputs Directly Inferface to CMOS, NMOS and TTL
logo
Microsemi Corporation
GG72230 MICROSEMI-GG72230 Datasheet
85Kb / 2P
   REFLECTIVE SPDT SWITCH MODULES with TTL Driver
GG71210 MICROSEMI-GG71210 Datasheet
92Kb / 2P
   REFLECTIVE SPST SWITCH MODULES with TTL Driver
GG71220 MICROSEMI-GG71220 Datasheet
97Kb / 3P
   ABSORPTIVE SPST SWITCH MODULES with TTL Driver
logo
Texas Instruments
4N35 TI-4N35_98 Datasheet
115Kb / 8P
[Old version datasheet]   COMPATIBLE WITH STANDARD TTL INTEGRATED CIRCUITS
logo
Microsemi Corporation
GG72220 MICROSEMI-GG72220 Datasheet
86Kb / 2P
   ABSORPTIVE SPDT SWITCH MODULES with TTL Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com