Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFR4 Datasheet(PDF) 2 Page - TT Electronics.

Part # MFR4
Description  Optional RoHS compliant or Lead bearing wire finishes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

MFR4 Datasheet(HTML) 2 Page - TT Electronics.

  MFR4 Datasheet HTML 1Page - TT Electronics. MFR4 Datasheet HTML 2Page - TT Electronics. MFR4 Datasheet HTML 3Page - TT Electronics. MFR4 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Metal Film Resistors
MFR Series
Metal Film Resistors
MFR Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Welwyn Components
136
Graph 1 – Load for 1000 hours at 70°C: maximum changes
Graph 2 – Load for 1000 hours at 70°C: maximum changes
CECC 40101-019
Actual Performance
Requirements
Maximum
Typical
Load at commercial rating : 1000 hours at 70°C
1
h
p
a
r
G
eeS
8.0
%
R
Load at CECC rating :
1000 hours at 70°C
∆R %
2
0.5
See Graph 1
Shelf life :
12 months at room temperature
∆R %
Not Specified
0.1
0.07
C
°
551
t
a
o
r
e
z
g
n
itare
D
Short term overload
∆R %
0.5
0.25
0.03
Climatic
∆R %
2
0.5
0.2
65
/
521
/
55
y
r
o
g
eta
c
c
ita
m
il
C
Long term damp heat
∆R %
2
0.5
0.3
Temperature rapid change
∆R %
0.5
0.25
0.05
Resistance to solder heat
∆R %
0.5
0.25
0.02
Vibration and bump
∆R %
0.5
0.1
0.01
7
0.0
1.0
d
e
if
i
c
e
p
s
to
N
V/V
µ
)
y
c
neu
qe
r
f
f
o
eda
c
ed
a
n
i(
.
e
s
i
o
N
G1
>
G1
>
G1
>
s
mh
o
e
c
n
a
t
s
i
s
e
r
n
oit
a
lu
s
nI
n
i
m
004
n
i
m
004
n
i
m
053
s
tl
o
v
f
oo
r
p
e
g
a
tl
oV
Pulse handling
Data available upon request
Performance Data - Type MFR 3
CECC 40101-019
CECC 40101-803
Actual Performance
Requirements
Requirements
Maximum
Typical
Load at commercial rating :
1000 hours at 70°C
2
h
p
a
r
G
eeS
8.0
%
R
Load at CECC rating :
1000 hours at 70°C
∆R %
2
1
0.5
See Graph 2
Shelf life :
12 months at room temperature
∆R %
Not specified
Not Specified
0.1
0.07
C
°
551
t
a
o
r
e
z
C
°
551
t
a
o
r
e
z
g
n
itare
D
Short term overload
∆R %
0.5
0.25
0.25
0.01
Climatic
∆R %
2
1
0.5
0.2
65
/
521
/
55
65
/
521
/
55
y
r
o
g
eta
c
c
ita
m
il
C
Long term damp heat
∆R %
2
1
0.5
0.3
Temperature rapid change
∆R %
0.5
0.25
0.25
0.04
Resistance to solder heat
∆R %
0.5
0.25
0.25
0.07
Vibration and bump
∆R %
0.5
0.25
0.1
0.01
Noise. (in a decade of frequency)
µV/V
Not Specified
Not Specified
0.1
0.1
Insulation resistance
ohms
>1G
>1G
>1G
>1G
n
i
m
005
n
i
m
005
n
i
m
004
n
i
m
005
s
tl
o
v
f
oo
r
p
e
g
a
tl
oV
t
s
e
uq
e
r
nopu
e
l
b
a
li
a
v
a
a
t
a
D
g
n
il
d
nah
e
s
l
uP
Performance Data - Type MFR 4
*
* CECC requirements are included for reference only; CECC release is not available on MFR3
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com


Similar Part No. - MFR4

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
MFR4 WELWYN-MFR4 Datasheet
1Mb / 4P
   Metal Film Resistors
logo
List of Unclassifed Man...
MFR4-22KFI ETC2-MFR4-22KFI Datasheet
498Kb / 4P
   Metal Film Resistors
logo
Welwyn Components Limit...
MFR4-4K7DC WELWYN-MFR4-4K7DC Datasheet
1Mb / 4P
   Metal Film Resistors
MFR4-4K7DI WELWYN-MFR4-4K7DI Datasheet
1Mb / 4P
   Metal Film Resistors
MFR4-4K7FC WELWYN-MFR4-4K7FC Datasheet
1Mb / 4P
   Metal Film Resistors
More results

Similar Description - MFR4

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6611TR1 IRF-IRF6611TR1 Datasheet
260Kb / 10P
   RoHS compliant containing no lead or bromide
IRF6655TR1 IRF-IRF6655TR1 Datasheet
271Kb / 11P
   RoHS compliant containing no lead or bromide 
IRF6616PBF IRF-IRF6616PBF Datasheet
282Kb / 10P
   RoHS compliant containing no lead or bormide
IRF6626TR1 IRF-IRF6626TR1 Datasheet
641Kb / 10P
   RoHS compliant containing no lead or bromide
IRF6616PBF IRF-IRF6616PBF_15 Datasheet
282Kb / 10P
   RoHS compliant containing no lead or bormide
IRF6616TR1PBF IRF-IRF6616TR1PBF Datasheet
282Kb / 10P
   RoHS compliant containing no lead or bormide
IRF6646TR1 IRF-IRF6646TR1 Datasheet
657Kb / 10P
   RoHS compliant containing no lead or bromide
logo
M/A-COM Technology Solu...
MABA-011027 MA-COM-MABA-011027 Datasheet
664Kb / 5P
   RoHS Compliant, lead-free
MACP-011015 MA-COM-MACP-011015 Datasheet
399Kb / 4P
   RoHS Compliant, lead-free
logo
List of Unclassifed Man...
ATC800A ETC2-ATC800A Datasheet
165Kb / 5P
   RoHS Compliant / Lead Free
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com