Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C346C106M5R5TA7301 Datasheet(PDF) 5 Page - Kemet Corporation

Part # C346C106M5R5TA7301
Description  Radial Leaded Multilayer Ceramic Capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C346C106M5R5TA7301 Datasheet(HTML) 5 Page - Kemet Corporation

  C346C106M5R5TA7301 Datasheet HTML 1Page - Kemet Corporation C346C106M5R5TA7301 Datasheet HTML 2Page - Kemet Corporation C346C106M5R5TA7301 Datasheet HTML 3Page - Kemet Corporation C346C106M5R5TA7301 Datasheet HTML 4Page - Kemet Corporation C346C106M5R5TA7301 Datasheet HTML 5Page - Kemet Corporation C346C106M5R5TA7301 Datasheet HTML 6Page - Kemet Corporation C346C106M5R5TA7301 Datasheet HTML 7Page - Kemet Corporation C346C106M5R5TA7301 Datasheet HTML 8Page - Kemet Corporation C346C106M5R5TA7301 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1050_GOLDMAX_X7R • 11/11/2016
5
Radial Leaded Multilayer Ceramic Capacitors
Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 25 – 250 VDC (Commercial Grade)
Post Environmental Limits
High Temperature Life, Biased Humidity and Storage Life
Style/Size
Rated
DC Voltage
Capacitance
Value
Dissipation Factor
(Maximum%)
Capacitance
Shift
Insulation
Resistance
C31X
25
All
5.0
±20%
10%ofInitial
Limit
> 25
<1.0μF
3.0
≥1.0μF
20.0
C32X, C33X,
C34X
25
<2.2μF
5.0
> 25
<2.2μF
3.0
25/50
≥2.2μF
20.0
C35X
25
All
5.0
> 25
3.0
Dissipation Factor (DF) Limit Table
Style/Size
Rated
DC Voltage
Rated
Capacitance
Dissipation Factor
(Maximum %)
C31X
25
All
3.5
> 25
>1.0μF
2.5
≤1.0μF
10.0
C32X, C33X, C34X
25
<2.2μF
3.5
> 25
<2.2μF
2.5
25 / 50
≥2.2μF
10.0
C35X
25
All
3.5
> 25
2.5


Similar Part No. - C346C106M5R5TA7301

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C346C153B1G5HA7301 KEMET-C346C153B1G5HA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C346C153B1G5TA7301 KEMET-C346C153B1G5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C346C153B2G5HA7301 KEMET-C346C153B2G5HA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C346C153B2G5TA7301 KEMET-C346C153B2G5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C346C153B3G5HA7301 KEMET-C346C153B3G5HA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
More results

Similar Description - C346C106M5R5TA7301

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C335C225M5U5TA7303 KEMET-C335C225M5U5TA7303 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C333C105M5U5TA KEMET-C333C105M5U5TA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C222J1G5CA KEMET-C322C222J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C340C104K2R5CA KEMET-C340C104K2R5CA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C102J1G5CA KEMET-C322C102J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL& RADIAL LEADED
M3901401-1323 KEMET-M3901401-1323 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com