Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1393776-4 Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # 1393776-4
Description  Directly triggerable with TTL standard modules as ALS, HCT & ACT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

1393776-4 Datasheet(HTML) 5 Page - TE Connectivity Ltd

  1393776-4 Datasheet HTML 1Page - TE Connectivity Ltd 1393776-4 Datasheet HTML 2Page - TE Connectivity Ltd 1393776-4 Datasheet HTML 3Page - TE Connectivity Ltd 1393776-4 Datasheet HTML 4Page - TE Connectivity Ltd 1393776-4 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
03-2016, Rev. 0316
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
5
AXICOM
Signal Relays
P1 Relay V23026 (Continued)
Product code structure
Typical product code
V23026
A1
002
B201
Type
V23026 P1 Series Signal Relay
Version
A1 THT, monostable
D1 SMT, monostable
B1 THT, bistable (latching), 2 coils
E1 SMT, bistable (latching), 2 coils
C1 THT, bistable (latching), 1 coil
F1 SMT, bistable (latching), 1 coil
Coil
Coil code: please refer to coil versions table
Contacts
B201
1 form C, 1 CO
Product Code
Version
Coil
Coil voltage
Part Number
V23026A1006B201
THT version
monostable
3VDC
1-1393774-7
V23026A1001B201
5VDC
1393774-1
V23026A1005B201
9VDC
1-1393774-5
V23026A1002B201
12VDC
1393774-8
V23026A1004B201
24VDC
1-1393774-2
V23026B1106B201
bistable, 2 coils
3VDC
1393775-3
V23026B1101B201
5VDC
3-1393774-4
V23026B1105B201
9VDC
1393775-2
V23026B1102B201
12VDC
3-1393774-5
V23026C1056B201
3VDC
2-1393774-6
V23026C1051B201
5VDC
2-1393774-0
V23026C1057B201
9VDC
2-1393774-7
V23026C1052B201
12VDC
2-1393774-1
V23026C1054B201
24VDC
2-1393774-4
V23026D1026B201
SMT version
monostable
3VDC
1393776-8
V23026D1021B201
5VDC
1393776-3
V23026D1025B201
9VDC
1422015-9
V23026D1022B201
12VDC
1393776-4
V23026D1024B201
24VDC
1393776-7
V23026E1106B201
bistable, 2 coils
3VDC
1393777-3
V23026E1101B201
5VDC
1422015-6
V23026E1105B201
9VDC
1393777-2
V23026E1102B201
12VDC
1393776-9
V23026F1051B201
9VDC
1422015-8
V23026F1052B201
12VDC
4-1393774-3


Similar Part No. - 1393776-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1393776-4 MACOM-1393776-4 Datasheet
2Mb / 5P
   P1 Relay V23026
logo
TE Connectivity Ltd
1393776-4 TEC-1393776-4 Datasheet
2Mb / 5P
   Directly triggerable with TTL standard modules as ALS, HCT & ACT
More results

Similar Description - 1393776-4

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
V23026 TEC-V23026 Datasheet
2Mb / 5P
   Directly triggerable with TTL standard modules as ALS, HCT & ACT
logo
Lite-On Technology Corp...
LTV-702V LITEON-LTV-702V Datasheet
176Kb / 10P
   Directly connectable to TTL
LTV713V LITEON-LTV713V Datasheet
220Kb / 10P
   DIRECTLY CONNECTABLE TO TTL
logo
M/A-COM Technology Solu...
GAAS_PINDIODECHIPS MA-COM-GAAS_PINDIODECHIPS Datasheet
343Kb / 6P
   May be Driven Directly by TTL Signals
logo
IK Semicon Co., Ltd
IN74HCT14A IKSEMICON-IN74HCT14A Datasheet
192Kb / 5P
   Outputs Directly Inferface to CMOS, NMOS and TTL
logo
Microsemi Corporation
GG72230 MICROSEMI-GG72230 Datasheet
85Kb / 2P
   REFLECTIVE SPDT SWITCH MODULES with TTL Driver
GG71210 MICROSEMI-GG71210 Datasheet
92Kb / 2P
   REFLECTIVE SPST SWITCH MODULES with TTL Driver
GG71220 MICROSEMI-GG71220 Datasheet
97Kb / 3P
   ABSORPTIVE SPST SWITCH MODULES with TTL Driver
logo
Texas Instruments
4N35 TI-4N35_98 Datasheet
115Kb / 8P
[Old version datasheet]   COMPATIBLE WITH STANDARD TTL INTEGRATED CIRCUITS
logo
Microsemi Corporation
GG72220 MICROSEMI-GG72220 Datasheet
86Kb / 2P
   ABSORPTIVE SPDT SWITCH MODULES with TTL Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com