Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHP-20 Datasheet(PDF) 6 Page - TT Electronics.

Part # MHP-20
Description  High stability film resistance elements
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

MHP-20 Datasheet(HTML) 6 Page - TT Electronics.

  MHP-20 Datasheet HTML 1Page - TT Electronics. MHP-20 Datasheet HTML 2Page - TT Electronics. MHP-20 Datasheet HTML 3Page - TT Electronics. MHP-20 Datasheet HTML 4Page - TT Electronics. MHP-20 Datasheet HTML 5Page - TT Electronics. MHP-20 Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MHP TO-220 Series
Power Resistor
MHP Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
09. 11
For additional information or to discuss your specific requirements, please contact our
Applications Team using the contact details below.
Ordering Data
Prefix
TFP - MHP20LF - 1R50 - J
- L04
Style
MHP20LF = 20W, TO-220 style power resistor
MHP35LF = 35W, TO-220 style power resistor
07017 = DSCC drawing (07017) ver. of above
MHP50LF = 50W, TO-220 style power resistor
07018 = DSCC drawing (07018) ver. of above
Resistance Code
4-digit resistance code.
Ex: 10R0 = 10Ω, 1K00 = 1KΩ
Absolute Tolerance Code
J = ±5%; F = ±1%
Standard Packaging
L04 = RoHS compliant tube (50 pcs per tube)
Application Notes:
1. Insulating material is unnecessary between the heat sink
and the tab, as the resistor film is isolated by the internal
alumina substrate.
2. When mounting with a fastener, thermal grease is
recommended.
3. Thermal design should satisfy the following equation: Tab
Temperature (T
T
) + [Thermal Resistance (R
JT
) x Power
applied (Watts)] ≤ 155°C over the full operating temperature
of the application.
4. Resistor film temperature is not to exceed 155°C during
operation.
5. This product is RoHS compliant by exemption according to
RoHS directive 2002/95/EC exemptions 5 & 7, as they apply
to lead in glass and internal solder connections.
Temperature Rise Data
Power (Watts)
140
120
100
80
60
40
20
0
0
5
10
15
20
25
30
35
40
45
50
MHP20
MHP35
MHP50
Resistor Film Temp Rise with Respect to Flange Temp
Power Derating Data
50
155°
25°
10
100
Flange Temperature (°C)
0.01
0.1
1.0
Resistance (Ohms)
250
200
150
100
50
Typical TCR For Low Values
Tube Packaging Data
A
D
C
B
E
F
G
Tube Dimensions
Dim
Nom.
(mm)
Tol.
(mm)
A
3.25
0.15
B
8.0
0.15
C
16.25
0.15
D
34.4
(34.0)
E
6.4
(6.0)
F
R0.7
(R0.5)
G
535.0
1.0
OBSOLETE


Similar Part No. - MHP-20

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
MHP-20 TTELEC-MHP-20 Datasheet
760Kb / 6P
   TO-220 housing
More results

Similar Description - MHP-20

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SMHP TTELEC-SMHP Datasheet
649Kb / 6P
   High stability film resistance elements
MHP20S TTELEC-MHP20S Datasheet
943Kb / 6P
   High stability film resistance elements
SMHP35 TTELEC-SMHP35 Datasheet
562Kb / 6P
   High stability film resistance elements
logo
Amphenol Corporation
PT101K1003B1 AMPHENOL-PT101K1003B1 Datasheet
62Kb / 4P
   Thermometrics Thin-Film Resistance Elements
logo
IET Labs Inc.
SRL IET-SRL Datasheet
384Kb / 1P
   High-Accuracy, High-Stability Resistance Standards
Dec. 2022
logo
Ohmite Mfg. Co.
RX-M1006DE OHMITE-RX-M1006DE Datasheet
71Kb / 1P
   Ultra High Resistance High Stability Hermetically Sealed
logo
List of Unclassifed Man...
MR-828 ETC2-MR-828 Datasheet
290Kb / 1P
   MR series elements are designed for applications where high vibration resistance as well as high temperature stability are vital
logo
Vishay Siliconix
RCMS02 VISHAY-RCMS02_V01 Datasheet
83Kb / 4P
   Molded Metal Film High Stability Resistors
Revision: 27-Jul-2021
PMA0207 VISHAY-PMA0207 Datasheet
108Kb / 4P
   Metal Film Resistors, Precision, High Stability
Revision 05-Aug-02
RCMS02 VISHAY-RCMS02_15 Datasheet
79Kb / 4P
   Molded Metal Film High Stability Resistors
Revision: 05-Aug-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com