Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1393203-1 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 3-1393203-1
Description  Bistable and DC version
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3-1393203-1 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  3-1393203-1 Datasheet HTML 1Page - TE Connectivity Ltd 3-1393203-1 Datasheet HTML 2Page - TE Connectivity Ltd 3-1393203-1 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
SCHRACK
General Purpose Relays
PCB Relays
n
1 pole 7A, mono or bistable
n
1 form C (CO) or 1 form A (NO) or 1 form B (NC) contact
n
Bistable and DC version
n
Wash tight version
n
Version for 10A on request
Typical applications
Heating control, installation, battery powered equipment
Approvals
UL E214024
Technical data of approved types on request
Contact Data
Standard Bistable Sensitive
Contact arrangement
1 form C (CO) or
1 form A (NO) or
1 form B (NC)
Rated voltage
250VAC
Max. switching voltage
400VAC
Rated current
7A
7A
5A
Limiting making current,
max 4 s, duty factor 10%
12A
12A
12A
Breaking capacity max.
1750VA
1750VA
1250VA
Contact material
AgNi 90/10 AgNi 90/10 AgNi 90/10
Frequency of operation,
with/without load
600/18000h-1
Operate/release time typ.
5/ 3 ms
-
7/3 ms
Set/reset time typ.
-
5/ 3 ms
-
Bounce time typ., form A/form B
2/10ms
2/10ms
2/10ms
Contact ratings
Type
Contact
Load
Cycles
UL 508
U/UB
C/A/B
(CO/NO/NC)
7A, 250VAC,general purpose, 40°C
6.000
Mechanical endurance, DC coil
>20x106 operations
Coil Data
Standard Bistable Sensitive
Coil voltage range
6 to 48 VDC 6 to 48 VDC 6 to 48 VDC
Operative range IEC 61810
2
2
2
Reset voltage min.,
% of rated coil voltage
-
25%
-
Reset voltage max.,
% of rated coil voltage
-
45%
-
Rated operate power
- 900 to 1300 mW/20ms -
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
mW
Standard coil
003
6
4.2
0.6
80
450
005
12
8.4
1.2
320
450
007
24
16.8
2.4
1280
450
008
48
33.6
4.8
3800
606
Sensitive coil
103
6
4.4
0.6
110
327
105
12
8.8
1.2
440
327
107
24
17.5
2.4
1780
324
108
48
35.0
4.8
4000
576
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Other coil voltages on request.
Coil versions, bistable 1 coil
Coil
Rated
Set
Reset
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
mW
003
6
4.7
1.5
33
1091
005
12
9.4
3.0
119
1210
007
24
18.7
6.0
475
1213
008
48
37.4
12.0
1750
1317
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Other coil voltages on request.
Power PCB Relay U/UB
F0153-C
Z


Similar Part No. - 3-1393203-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
3-1393209-0 TEC-3-1393209-0 Datasheet
457Kb / 3P
   Available as open frame or sealed construction
3-1393209-1 TEC-3-1393209-1 Datasheet
457Kb / 3P
   Available as open frame or sealed construction
logo
Tyco Electronics
3-1393209-3 MACOM-3-1393209-3 Datasheet
470Kb / 4P
   T90 Series, 30A PCB Relay
logo
TE Connectivity Ltd
3-1393209-3 TEC-3-1393209-3 Datasheet
457Kb / 3P
   Available as open frame or sealed construction
3-1393209-4 TEC-3-1393209-4 Datasheet
457Kb / 3P
   Available as open frame or sealed construction
More results

Similar Description - 3-1393203-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23040 MACOM-V23040 Datasheet
906Kb / 7P
   For DC Operations, Polarised, Monostable or Bistable
V23040-A0002-B201 MACOM-V23040-A0002-B201 Datasheet
906Kb / 7P
   FOR DC OPERATIONS, POLARISED,MONOSTABLE OR BISTABLE
V23040-A00001-B201 MACOM-V23040-A00001-B201 Datasheet
906Kb / 7P
   For DC operations, polarised, monostable or bistable
logo
Hitachi Semiconductor
HD74HC375 HITACHI-HD74HC375 Datasheet
49Kb / 8P
   Quad. Bistable Latches
logo
Renesas Technology Corp
HD74HC375 RENESAS-HD74HC375 Datasheet
97Kb / 7P
   Quad. Bistable Latches
logo
Hitachi Semiconductor
HD74LS375 HITACHI-HD74LS375 Datasheet
66Kb / 6P
   Quadruple Bistable Latches
logo
Renesas Technology Corp
HD74LS75 RENESAS-HD74LS75 Datasheet
86Kb / 6P
   Quadruple Bistable Latches
logo
Hitachi Semiconductor
HD74LS75 HITACHI-HD74LS75 Datasheet
66Kb / 6P
   Quadruple Bistable Latches
logo
Renesas Technology Corp
HD74LS375 RENESAS-HD74LS375 Datasheet
68Kb / 6P
   Quadruple Bistable Latches
logo
Hitachi Semiconductor
HD74HC75 HITACHI-HD74HC75 Datasheet
47Kb / 8P
   Quad. Bistable Latches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com