Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-1393204-3 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 1-1393204-3
Description  Bistable and DC version
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

1-1393204-3 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  1-1393204-3 Datasheet HTML 1Page - TE Connectivity Ltd 1-1393204-3 Datasheet HTML 2Page - TE Connectivity Ltd 1-1393204-3 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
SCHRACK
General Purpose Relays
PCB Relays
Power PCB Relay U/UB (Continued)
Insulation Data
2kVrms
4kVrms
Version
Version
V23148-*0***
V23148-*1***
Initial dielectric strength
between open contacts
1000Vrms
1000Vrms
between contact and coil
2000Vrms
4000Vrms
Clearance/creepage
between contact and coil
≥2.5/2.5mm
≥3.5/3.5mm
Material group of insulation parts
≥IIIa
≥IIIa
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
-25 to +70°C
Category of environmental protection
IEC 61810
RTIII - wash tight
Vibration resistance (functional), form A/form B
10/10g
Shock resistance (functional), form A/form B
10/10g
Terminal type
PCB-THT
Weight
9.5 g
Resistance to soldering heat THT
IEC 60068-2-20, wash tight version
260°C/5 s
Packaging unit
25 pcs.
S0286-A
PCB layout / terminal assignment
Bottom view on solder pins
Monostable and bistable 1 coil
Form C contact (CO)
Form A contact (NO)
Form B contact (NC)
S0285-AA
S0285-AB
S0285-AC
S0285-AD
Dimensions


Similar Part No. - 1-1393204-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1393209-0 MACOM-1-1393209-0 Datasheet
470Kb / 4P
   T90 Series, 30A PCB Relay
logo
TE Connectivity Ltd
1-1393209-2 TEC-1-1393209-2 Datasheet
457Kb / 3P
   Available as open frame or sealed construction
logo
Tyco Electronics
1-1393209-3 MACOM-1-1393209-3 Datasheet
470Kb / 4P
   T90 Series, 30A PCB Relay
logo
TE Connectivity Ltd
1-1393209-3 TEC-1-1393209-3 Datasheet
457Kb / 3P
   Available as open frame or sealed construction
1-1393209-6 TEC-1-1393209-6 Datasheet
457Kb / 3P
   Available as open frame or sealed construction
More results

Similar Description - 1-1393204-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23040 MACOM-V23040 Datasheet
906Kb / 7P
   For DC Operations, Polarised, Monostable or Bistable
V23040-A0002-B201 MACOM-V23040-A0002-B201 Datasheet
906Kb / 7P
   FOR DC OPERATIONS, POLARISED,MONOSTABLE OR BISTABLE
V23040-A00001-B201 MACOM-V23040-A00001-B201 Datasheet
906Kb / 7P
   For DC operations, polarised, monostable or bistable
logo
Hitachi Semiconductor
HD74HC375 HITACHI-HD74HC375 Datasheet
49Kb / 8P
   Quad. Bistable Latches
logo
Renesas Technology Corp
HD74HC375 RENESAS-HD74HC375 Datasheet
97Kb / 7P
   Quad. Bistable Latches
logo
Hitachi Semiconductor
HD74LS375 HITACHI-HD74LS375 Datasheet
66Kb / 6P
   Quadruple Bistable Latches
logo
Renesas Technology Corp
HD74LS75 RENESAS-HD74LS75 Datasheet
86Kb / 6P
   Quadruple Bistable Latches
logo
Hitachi Semiconductor
HD74LS75 HITACHI-HD74LS75 Datasheet
66Kb / 6P
   Quadruple Bistable Latches
logo
Renesas Technology Corp
HD74LS375 RENESAS-HD74LS375 Datasheet
68Kb / 6P
   Quadruple Bistable Latches
logo
Hitachi Semiconductor
HD74HC75 HITACHI-HD74HC75 Datasheet
47Kb / 8P
   Quad. Bistable Latches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com