Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5-1393817-6 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # 5-1393817-6
Description  Great variety of contact arrangements and materials to meet specific applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

5-1393817-6 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  5-1393817-6 Datasheet HTML 1Page - TE Connectivity Ltd 5-1393817-6 Datasheet HTML 2Page - TE Connectivity Ltd 5-1393817-6 Datasheet HTML 3Page - TE Connectivity Ltd 5-1393817-6 Datasheet HTML 4Page - TE Connectivity Ltd 5-1393817-6 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
4
AXICOM
Signal Relays
Cradle P Relay V23003 (Continued)
108-98012 Rev. C
All specifications subject to change. Consult Tyco Electronics for latest specifications.
9 of 14
Telecom-, Signal and RF Relays
Cradle Relay P V23003
AXICOM
Instructions for Impulse Operation
Cradle relay P is primarily intended for impulse operation. The maximum voltage stated in the table (page 2)
can be increased for impulse operation as follows:
UII Impuls =
UII tamb . q
UII tamb =
Maximum continuous voltage at ambient temperature t amb
q
=
Factor
The impulse voltage must not exceed 80% of the test voltage (winding/frame or winding/winding) or 3.3 times at ambient
temperature = 20 °C and 2.3 times at ambient temperature < 20 °C the value of the maximum voltage listed
in the table (page 2).
Ift ED 3 s then q
=
Ift ED
=
Pulse width
t2
=
Cycle time
If tED
=
> 3 s the value of q must be obtained from the nomograph (cradle relay N datasheet page 103).
Examples of various periodic pulse trains (energizing side)
1. Periodic recurrence of one energizing pulse
tED
=
tI + tII
tI
=
Pulse width of the positive pulse at the start of the winding
tI + tII =
Pulse width of the negative pulse at the start of the winding
tI + tII =
Pulse widths within one cycle
2. Periodic recurrence of two unequal energizing pulses
Instructions for Impulse Operation
Cradle relay P is primarily intended for impulse operation. The maximum
voltage stated in the coil table can be increased for impulse operation as
follows:
UII Impuls
UII tambxq
UII tamb
Maximum continuous voltage at ambient temperature tamb
q
Factor
The impulse voltage must not exceed 80% of the test voltage (winding/
frame or winding/winding) or 3.3 times at ambient temperature 20°C and
2.3 times at ambient temperature <20°C the value of the maximum voltage
listed in the coil table.
IftED ≤ 3s then q=
; IftED = Pulse width, t2 = Cycle time.
If tED > 3s the value of q must be obtained from the nomograph.
Examples of various periodic pulse trains (energizing side)
1. Periodic recurrence of one energizing pulse
tED = tI + tII
tl = Pulse width of the positive pulse at the start of the winding
tII = Pulse width of the negative pulsee at the start of the winding
tI + tII = Pulse widths within one cycle
2. Periodic recurrence of two unequal energizing pulses
108-98012 Rev. C
All specifications subject to change. Consult Tyco Electronics for latest specifications.
9 of 14
Telecom-, Signal and RF Relays
Cradle Relay P V23003
AXICOM
Instructions for Impulse Operation
Cradle relay P is primarily intended for impulse operation. The maximum voltage stated in the table (page 2)
can be increased for impulse operation as follows:
UII Impuls =
UII tamb . q
UII tamb =
Maximum continuous voltage at ambient temperature t amb
q
=
Factor
The impulse voltage must not exceed 80% of the test voltage (winding/frame or winding/winding) or 3.3 times at ambient
temperature = 20 °C and 2.3 times at ambient temperature < 20 °C the value of the maximum voltage listed
in the table (page 2).
Ift ED 3 s then q
=
Ift ED
=
Pulse width
t2
=
Cycle time
If tED
=
> 3 s the value of q must be obtained from the nomograph (cradle relay N datasheet page 103).
Examples of various periodic pulse trains (energizing side)
1. Periodic recurrence of one energizing pulse
tED
=
tI + tII
tI
=
Pulse width of the positive pulse at the start of the winding
tI + tII =
Pulse width of the negative pulse at the start of the winding
tI + tII =
Pulse widths within one cycle
2. Periodic recurrence of two unequal energizing pulses
Product code structure
Typical product code
V23003
-B0
037
-F1
04
Type
V23003
Cradle P Relay, dust protected
Size
A0
Size I, dust-protected
B0
Size II, dust-protected
Coils
Coil code: please refer to coil versions table
Contact style
B1
Single contacts
B6
Single contacts
F1
Single contacts
C1
Bifurcated contacts
C4
Bifurcated contacts
Contact arrangement
04
2 form C, 2 CO
05
2 form A, 1 NO
06
1 form A+ 1 form B, 1 NO+ 1 NC
10
4 form C, 4 CO
Other types on request


Similar Part No. - 5-1393817-6

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5-1393817-6 TEC-5-1393817-6 Datasheet
1Mb / 5P
   Highly reliable multi purpose relay
More results

Similar Description - 5-1393817-6

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
V23154 TEC-V23154 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
N-V23154 TEC-N-V23154 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
W-V23005 TEC-W-V23005 Datasheet
775Kb / 4P
   Great variety of contact arrangements and materials to meet specific applications
logo
Panasonic Semiconductor
S2-12VDC PANASONIC-S2-12VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
S2-5VDC PANASONIC-S2-5VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
ADJ15005 PANASONIC-ADJ15005 Datasheet
142Kb / 9P
   1-pole/2-pole 16A polarized power relays Variety of contact arrangements
logo
PHOENIX CONTACT
2230008 PHOENIX-2230008 Datasheet
57Kb / 2P
   Customizable to meet specific connector requirements for different applications
2230004 PHOENIX-2230004 Datasheet
57Kb / 2P
   Customizable to meet specific connector requirements for different applications
logo
List of Unclassifed Man...
T25T-L ETC2-T25T-L Datasheet
48Kb / 1P
   Largest variety of colors materials and sizes in the industry
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com