Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OAR Datasheet(PDF) 4 Page - TT Electronics.

Part # OAR
Description  Hot spot isolated from PCB material
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OAR Datasheet(HTML) 4 Page - TT Electronics.

  OAR Datasheet HTML 1Page - TT Electronics. OAR Datasheet HTML 2Page - TT Electronics. OAR Datasheet HTML 3Page - TT Electronics. OAR Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Sample Part No.
IRC Style
OAR
Power Rating in Watts
1 = 1W, 3 = 3W, 5 = 5W
Resistance Range
‘R’ indicates decimal point location
Tolerance
F = ±1%, G = ±2%, J = ±5%
RoHS Indicator
LF indicates RoHS compliance
Blank indicates Sn/Pb terminal
tinning; available on special request
Ordering Data
OAR
1
R100
F
LF
The typical power derating curves are based on conservative design concepts that extend from film
based products. The OAR is a solid metal alloy construction that can withstand comparably greater
operating power levels than conservative design models permit. Typically the resistive alloys can
withstand temperatures in excess of 300°C. Therefore, system thermal design considerations are a more
significant design parameter due to the heat limitations of solder joints and/or circuit board substrate
materials.
Power Derating
Pulse/Surge Chart @ 50 msec duration
0
10
20
30
40
50
60
70
80
90
100
700
600
500
400
300
200
Resistance (milli-ohms)
0
100
OAR-1(TP)
0
5
10
15
20
25
30
35
40
45
50
1400
1200
1000
800
600
400
Resistance (milli-ohms)
0
200
0
10
20
30
40
50
60
70
80
90
100
1400
1200
1000
800
600
400
Resistance (milli-ohms)
0
200
5(TP)
-
R
A
O
3(TP)
-
R
A
O
The Surge current charts are approximations of the capabilities of the OAR product and should not be
used to the exclusion of actual testing. The relative high surge currents depicted in the charts are as a
result of the robust all metal welded construction and the heat carrying capability of metal. Additionally
the OAR resistive wire provides large relative cross section for current flow as compared to other resistor
technologies, such as thin film, thick film, or metal strip.
OAR
Open Air Resistor
Metal Element Current Sense
OAR Series Issue June 2011 Sheet 3 of 3
Ordering Procedure
This product has two valid part numbers:
European (Welwyn) Part Number: OAR3-R01JI (OAR3, 10 milliohms ±5%, Pb-free)
O A R 3
-
R
0
1
J
I
1
2
3
4
5
USA (IRC) Part Number: OAR3R010JLF (OAR3, 10 milliohms ±5%, Pb-free)
O A R 3
R 0
1
0
J
L F
1
2
3
4
5
1
2
3
4
5
Type
Pitch
Value
Tolerance
Packing
OAR1 Omit for standard
3-5 characters
F = ±1%
I = Bulk
OAR3 TP = Tight Pitch See Electrical Data
G = ±2%
OAR5
R = ohms
J = ±5%
1
2
3
4
5
Type
Pitch
Value
Tolerance
Termination
OAR1 Omit for standard
4/5 characters
F = ±1%
Omit for SnPb
OAR3 TP = Tight Pitch See Electrical Data
G = ±2%
LF = Pb-free
OAR5
R = ohms
J = ±5%
Open Air Resistor
Metal Element Current Sense
OAR & OAR-TP Series
Make Possible
11.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com


Similar Part No. - OAR

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
OAR-1 WELWYN-OAR-1 Datasheet
95Kb / 2P
   Open Air Sense Resistors
logo
List of Unclassifed Man...
OAR-1 ETC2-OAR-1 Datasheet
570Kb / 4P
   Open Air Resistor Metal Element Current Sense
logo
Welwyn Components Limit...
OAR-1R10F WELWYN-OAR-1R10F Datasheet
95Kb / 2P
   Open Air Sense Resistors
OAR-1R10G WELWYN-OAR-1R10G Datasheet
95Kb / 2P
   Open Air Sense Resistors
OAR-1R10J WELWYN-OAR-1R10J Datasheet
95Kb / 2P
   Open Air Sense Resistors
More results

Similar Description - OAR

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CS17088 LEDIL-CS17088 Datasheet
3Mb / 7P
   ~20째 spot beam. Variant made from PC.
C14729 LEDIL-C14729 Datasheet
6Mb / 5P
   ~10째 spot beam. Variant made from PC.
CA16338 LEDIL-CA16338 Datasheet
1Mb / 4P
   ~17째 spot beam. Variant made from PC.
CS16328 LEDIL-CS16328 Datasheet
6Mb / 6P
   ~30째 spot beam. Variant made from PC.
CS16322 LEDIL-CS16322 Datasheet
6Mb / 7P
   ~30째 spot beam. Variant made from PMMA.
logo
Ohmite Mfg. Co.
AP725 OHMITE-AP725 Datasheet
412Kb / 2P
   Electrically isolated from backplate
logo
Ledil, Inc.
C17264 LEDIL-C17264 Datasheet
2Mb / 3P
   ~25째 spot beam for industrial applications. Variant made from PC.
logo
ORION FANS
124141794 ORIONFANS-124141794 Datasheet
767Kb / 1P
   Spot Cooling
logo
DDK Ltd.
BNC-RD DDK-BNC-RD Datasheet
234Kb / 4P
   BNC Isolated Receptacle(PCB Mounting)
BNC-LFRD-BPAA-FA DDK-BNC-LFRD-BPAA-FA Datasheet
711Kb / 4P
   BNC Isolated Receptacle(PCB Mounting)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com