Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4-1393190-7 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 4-1393190-7
Description  UL Class F coil insulation system
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

4-1393190-7 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  4-1393190-7 Datasheet HTML 1Page - TE Connectivity Ltd 4-1393190-7 Datasheet HTML 2Page - TE Connectivity Ltd 4-1393190-7 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
Potter & Brumfield
General Purpose Relays
PCB Relays
n
Up to 12A switching capacity
n
UL Class F coil insulation system
n
1 form A (NO) and 1 Form C (CO) contact arrangement
Typical applications
Appliances, HVAC, office machines
Approvals
UL E22575, TUV R50140298
Technical data of approved types on request
Contact Data
Contact arrangement
1 form A (NO), 1 form C (CO)
Rated voltage
240VAC, 24VDC
Max. switching voltage
240VAC, 24VDC
Rated current
10A
Contact material
AgCdO, Ag
Min. recommended contact load
100mA at 5VDC
Frequency of operation
360 ops./h
Operate/release time max.
10/5ms
Electrical endurance
10A 240VAC / 24VDC res, -30 to +85°C, 600ops/hr 100x103 ops.
Contact ratings
10A
Mechanical endurance, DC coil
5x106 operations
Coil Data
Coil voltage range
3 to 48VDC
Operative range, IEC 61810
2
Coil insulation system according UL
Class F
Coil data (continued)
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
mW
03
3
2.25
0.15
25
360
05
5
3.75
0.25
69.4
360
06
6
4.5
0.3
100
360
09
9
6.75
0.45
225
360
12
12
9.0
0.6
400
360
24
24
18.0
1.2
1600
360
48
48
36.0
2.4
4517
510
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Insulation Data
Initial dielectric strength
between open contacts
750Vrms
between contact and coil
1500Vrms
Clearance/creepage
between contact and coil
>1.6/3.2mm
Miniature PCB Relay T7C
440
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
P&B
Catalog 1308242
Issued 3-03 (PDF Rev. 3-04)
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Features
• Up to 12 amp switching capacity.
• UL Class F (155
°C) coil insulation system.
• 1 Form A and 1 Form C contact arrangements.
• Ideal for domestic appliances, HVAC and security.
• Resists high temperature and various chemical solutions.
Coil Data @ 20
°C
Voltage: 3 to 48VDC.
Nominal Power: 360 milliwatts.
510 milliwatts for 48VDC coil.
Coil Temperature Rise: 35C
° max, at rated coil voltage.
Max. Coil Voltage: 130% of nominal.
Duty Cycle: Continuous.
T7C series
5 - 12 Amp Miniature
Power PC Board Relay
File E22575
File LR48471
Initial Insulation Resistance
Between Mutually Insulated Elements: 108 ohms min. @ 500VDC.
Mechanical Data
Termination: Printed circuit terminals.
Enclosure (94V-0 Flammability Ratings):
T7CS: Immersion cleanable with knock-off nib.
T7CV: Vented, flux-tight, plastic cover with knock-off nib.
Weight: 0.42 oz. (12g).
Coil Data @ 20
°C
Operate Data @ 20
°C
Operate Time: 10 ms (excluding bounce).
Release Time: 5 ms (excluding bounce).
Environmental Data
Temperature Range:
Storage: -40
°C to +130°C.
Operating: -40
°C to +85°C.
Vibration, Mechanical: 10 to 55 Hz., 1.5mm double amplitude
Operational: 10 to 55 Hz., 1.5mm double amplitude.
Shock, Mechanical: 100g min.
Operational: 10g min.
Operating Humidity: 45 to 85% RH.
Initial Dielectric Strength
Between Open Contacts: 750VAC 50/60 Hz. (1 minute).
Between Coil and Contacts: 1,500VAC 50/60 Hz. (1 minute).
Rated Coil
Coil Resistance
Must Operate
Must Release
Voltage
(Ohms) +10%
Voltage
Voltage
(VDC)
(VDC)
(VDC)
3
25
2.25
0.15
5
70
3.50
0.25
6
100
4.50
0.30
9
225
6.75
0.45
12
400
9.00
0.60
24
1,600
18.00
1.20
48
4,500
36.00
2.40
Contact Data @ 20
°C
Arrangements: 1 Form A (SPST-NO) and 1 Form C (SPDT).
Material: Silver-cadmium oxide or silver.
Max. Switching Rate: 300 ops./min. (no load).
30 ops./min. (rated load).
Expected Mechanical Life: 10 million operations.
Expected Electrical Life: 100,000 operations.
Minimum Load: 10mA @ 5VDC
Initial Contact Resistance: Ag: 100 milliohms max. @ 100mA, 6VDC.
AgCdO: 100 milliohms max. @ 1A, 6VDC.
Silver Cadmium Oxide Contact Ratings @ 20
°C with relay
properly vented. Remove vent nib after soldering and cleaning.
Contact
UL/CSA Ratings
Type
Operations
Arrang.
1 & 5
1/3HP NO @ 120VAC
Motor
6,000**
TV-2 NO @ 120VAC
Tungsten
25,000**
5.4LRA/0.9FLA NO @ 240VAC
Motor
30,000***
10LRA/1.5FLA @ 120VAC
Motor
30,000***
12A NO @ 120VAC
Resistive/GP
100,000*
34.8LRA/6FLA NO @ 120VAC
Motor
100,000**
10A/5A @ 240VAC
Resistive/GP
100,000**
10A/5A @ 28VDC
Resistive
100,000**
240VA, 240VAC
Pilot Duty
100,000**
4LRA/4FLA NO @ 120VAC
Motor
100,000****
4LRA/2FLA NC @ 120VAC
Motor
100,000****
6LRA/6FLA NO @ 120VAC
Motor
100,000***
7A @ 277VAC
Resistive/GP
100,000
10LRA/2.5FLA NO @ 277VAC
Motor
100,000
Consult factory for other ratings.
*Denotes test at 60
°C ambient temperature.
**Denotes test at 70
°C ambient temperature.
***Denotes test at 85
°C ambient temperature.
****Denotes test at 105
°C ambient temperature.
Silver Contact Ratings @ 20
°C with relay properly vented.
Remove vent nib after soldering and cleaning.
Contact
Ratings
Type
Operations
Arrang.
1 & 5
5A @ 120VAC
Resistive
6,000
5A @ 28VDC
Resistive
6,000
12
10
8
6
4
2
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Coil Power (W)
Release Time
Operate Time
-30 -10
Ambient Temp. (
°C)
20
10 30 50 70 90 110
40
60
80
100
120
140
160
0
180
130 150
Operating
Voltage Range
Pick-Up Voltage
Hot Coil 10A Applied
Maximum
Allowable
Coil Voltage
100
2
Contact Current (A)
10
1
4
6
8
10
12
0
24VDC Resistive
240VAC Resistive
Cool Coil
Figure 1 - Coil Temperature Rise
Operate Time
Life Expectancy
Note: Graphical data should not be used as a substitute for specific application verification. To be used for estimates only. Graphical data applicable to model with silver cadmium oxide contacts.
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that user also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.
Coil operative range
Operate time
440
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
P&B
Catalog 1308242
Issued 3-03 (PDF Rev. 3-04)
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Features
• Up to 12 amp switching capacity.
• UL Class F (155
°C) coil insulation system.
• 1 Form A and 1 Form C contact arrangements.
• Ideal for domestic appliances, HVAC and security.
• Resists high temperature and various chemical solutions.
Coil Data @ 20
°C
Voltage: 3 to 48VDC.
Nominal Power: 360 milliwatts.
510 milliwatts for 48VDC coil.
Coil Temperature Rise: 35C
° max, at rated coil voltage.
Max. Coil Voltage: 130% of nominal.
Duty Cycle: Continuous.
T7C series
5 - 12 Amp Miniature
Power PC Board Relay
File E22575
File LR48471
Initial Insulation Resistance
Between Mutually Insulated Elements: 108 ohms min. @ 500VDC.
Mechanical Data
Termination: Printed circuit terminals.
Enclosure (94V-0 Flammability Ratings):
T7CS: Immersion cleanable with knock-off nib.
T7CV: Vented, flux-tight, plastic cover with knock-off nib.
Weight: 0.42 oz. (12g).
Coil Data @ 20
°C
Operate Data @ 20
°C
Operate Time: 10 ms (excluding bounce).
Release Time: 5 ms (excluding bounce).
Environmental Data
Temperature Range:
Storage: -40
°C to +130°C.
Operating: -40
°C to +85°C.
Vibration, Mechanical: 10 to 55 Hz., 1.5mm double amplitude
Operational: 10 to 55 Hz., 1.5mm double amplitude.
Shock, Mechanical: 100g min.
Operational: 10g min.
Operating Humidity: 45 to 85% RH.
Initial Dielectric Strength
Between Open Contacts: 750VAC 50/60 Hz. (1 minute).
Between Coil and Contacts: 1,500VAC 50/60 Hz. (1 minute).
Rated Coil
Coil Resistance
Must Operate
Must Release
Voltage
(Ohms) +10%
Voltage
Voltage
(VDC)
(VDC)
(VDC)
3
25
2.25
0.15
5
70
3.50
0.25
6
100
4.50
0.30
9
225
6.75
0.45
12
400
9.00
0.60
24
1,600
18.00
1.20
48
4,500
36.00
2.40
Contact Data @ 20
°C
Arrangements: 1 Form A (SPST-NO) and 1 Form C (SPDT).
Material: Silver-cadmium oxide or silver.
Max. Switching Rate: 300 ops./min. (no load).
30 ops./min. (rated load).
Expected Mechanical Life: 10 million operations.
Expected Electrical Life: 100,000 operations.
Minimum Load: 10mA @ 5VDC
Initial Contact Resistance: Ag: 100 milliohms max. @ 100mA, 6VDC.
AgCdO: 100 milliohms max. @ 1A, 6VDC.
Silver Cadmium Oxide Contact Ratings @ 20
°C with relay
properly vented. Remove vent nib after soldering and cleaning.
Contact
UL/CSA Ratings
Type
Operations
Arrang.
1 & 5
1/3HP NO @ 120VAC
Motor
6,000**
TV-2 NO @ 120VAC
Tungsten
25,000**
5.4LRA/0.9FLA NO @ 240VAC
Motor
30,000***
10LRA/1.5FLA @ 120VAC
Motor
30,000***
12A NO @ 120VAC
Resistive/GP
100,000*
34.8LRA/6FLA NO @ 120VAC
Motor
100,000**
10A/5A @ 240VAC
Resistive/GP
100,000**
10A/5A @ 28VDC
Resistive
100,000**
240VA, 240VAC
Pilot Duty
100,000**
4LRA/4FLA NO @ 120VAC
Motor
100,000****
4LRA/2FLA NC @ 120VAC
Motor
100,000****
6LRA/6FLA NO @ 120VAC
Motor
100,000***
7A @ 277VAC
Resistive/GP
100,000
10LRA/2.5FLA NO @ 277VAC
Motor
100,000
Consult factory for other ratings.
*Denotes test at 60
°C ambient temperature.
**Denotes test at 70
°C ambient temperature.
***Denotes test at 85
°C ambient temperature.
****Denotes test at 105
°C ambient temperature.
Silver Contact Ratings @ 20
°C with relay properly vented.
Remove vent nib after soldering and cleaning.
Contact
Ratings
Type
Operations
Arrang.
1 & 5
5A @ 120VAC
Resistive
6,000
5A @ 28VDC
Resistive
6,000
12
10
8
6
4
2
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Coil Power (W)
Release Time
Operate Time
-30 -10
Ambient Temp. (
°C)
20
10 30 50 70 90 110
40
60
80
100
120
140
160
0
180
130 150
Operating
Voltage Range
Pick-Up Voltage
Hot Coil 10A Applied
Maximum
Allowable
Coil Voltage
100
2
Contact Current (A)
10
1
4
6
8
10
12
0
24VDC Resistive
240VAC Resistive
Cool Coil
Figure 1 - Coil Temperature Rise
Operate Time
Life Expectancy
Note: Graphical data should not be used as a substitute for specific application verification. To be used for estimates only. Graphical data applicable to model with silver cadmium oxide contacts.
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that user also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.
440
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
P&B
Catalog 1308242
Issued 3-03 (PDF Rev. 3-04)
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Features
• Up to 12 amp switching capacity.
• UL Class F (155
°C) coil insulation system.
• 1 Form A and 1 Form C contact arrangements.
• Ideal for domestic appliances, HVAC and security.
• Resists high temperature and various chemical solutions.
Coil Data @ 20
°C
Voltage: 3 to 48VDC.
Nominal Power: 360 milliwatts.
510 milliwatts for 48VDC coil.
Coil Temperature Rise: 35C
° max, at rated coil voltage.
Max. Coil Voltage: 130% of nominal.
Duty Cycle: Continuous.
T7C series
5 - 12 Amp Miniature
Power PC Board Relay
File E22575
File LR48471
Initial Insulation Resistance
Between Mutually Insulated Elements: 108 ohms min. @ 500VDC.
Mechanical Data
Termination: Printed circuit terminals.
Enclosure (94V-0 Flammability Ratings):
T7CS: Immersion cleanable with knock-off nib.
T7CV: Vented, flux-tight, plastic cover with knock-off nib.
Weight: 0.42 oz. (12g).
Coil Data @ 20
°C
Operate Data @ 20
°C
Operate Time: 10 ms (excluding bounce).
Release Time: 5 ms (excluding bounce).
Environmental Data
Temperature Range:
Storage: -40
°C to +130°C.
Operating: -40
°C to +85°C.
Vibration, Mechanical: 10 to 55 Hz., 1.5mm double amplitude
Operational: 10 to 55 Hz., 1.5mm double amplitude.
Shock, Mechanical: 100g min.
Operational: 10g min.
Operating Humidity: 45 to 85% RH.
Initial Dielectric Strength
Between Open Contacts: 750VAC 50/60 Hz. (1 minute).
Between Coil and Contacts: 1,500VAC 50/60 Hz. (1 minute).
Rated Coil
Coil Resistance
Must Operate
Must Release
Voltage
(Ohms) +10%
Voltage
Voltage
(VDC)
(VDC)
(VDC)
3
25
2.25
0.15
5
70
3.50
0.25
6
100
4.50
0.30
9
225
6.75
0.45
12
400
9.00
0.60
24
1,600
18.00
1.20
48
4,500
36.00
2.40
Contact Data @ 20
°C
Arrangements: 1 Form A (SPST-NO) and 1 Form C (SPDT).
Material: Silver-cadmium oxide or silver.
Max. Switching Rate: 300 ops./min. (no load).
30 ops./min. (rated load).
Expected Mechanical Life: 10 million operations.
Expected Electrical Life: 100,000 operations.
Minimum Load: 10mA @ 5VDC
Initial Contact Resistance: Ag: 100 milliohms max. @ 100mA, 6VDC.
AgCdO: 100 milliohms max. @ 1A, 6VDC.
Silver Cadmium Oxide Contact Ratings @ 20
°C with relay
properly vented. Remove vent nib after soldering and cleaning.
Contact
UL/CSA Ratings
Type
Operations
Arrang.
1 & 5
1/3HP NO @ 120VAC
Motor
6,000**
TV-2 NO @ 120VAC
Tungsten
25,000**
5.4LRA/0.9FLA NO @ 240VAC
Motor
30,000***
10LRA/1.5FLA @ 120VAC
Motor
30,000***
12A NO @ 120VAC
Resistive/GP
100,000*
34.8LRA/6FLA NO @ 120VAC
Motor
100,000**
10A/5A @ 240VAC
Resistive/GP
100,000**
10A/5A @ 28VDC
Resistive
100,000**
240VA, 240VAC
Pilot Duty
100,000**
4LRA/4FLA NO @ 120VAC
Motor
100,000****
4LRA/2FLA NC @ 120VAC
Motor
100,000****
6LRA/6FLA NO @ 120VAC
Motor
100,000***
7A @ 277VAC
Resistive/GP
100,000
10LRA/2.5FLA NO @ 277VAC
Motor
100,000
Consult factory for other ratings.
*Denotes test at 60
°C ambient temperature.
**Denotes test at 70
°C ambient temperature.
***Denotes test at 85
°C ambient temperature.
****Denotes test at 105
°C ambient temperature.
Silver Contact Ratings @ 20
°C with relay properly vented.
Remove vent nib after soldering and cleaning.
Contact
Ratings
Type
Operations
Arrang.
1 & 5
5A @ 120VAC
Resistive
6,000
5A @ 28VDC
Resistive
6,000
12
10
8
6
4
2
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Coil Power (W)
Release Time
Operate Time
-30 -10
Ambient Temp. (
°C)
20
10 30 50 70 90 110
40
60
80
100
120
140
160
0
180
130 150
Operating
Voltage Range
Pick-Up Voltage
Hot Coil 10A Applied
Maximum
Allowable
Coil Voltage
100
2
Contact Current (A)
10
1
4
6
8
10
12
0
24VDC Resistive
240VAC Resistive
Cool Coil
Figure 1 - Coil Temperature Rise
Operate Time
Life Expectancy
Note: Graphical data should not be used as a substitute for specific application verification. To be used for estimates only. Graphical data applicable to model with silver cadmium oxide contacts.
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that user also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.
Electrical endurance
t
U


Similar Part No. - 4-1393190-7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
4-1393190-7 MACOM-4-1393190-7 Datasheet
1Mb / 3P
   add new type and modify mistake
More results

Similar Description - 4-1393190-7

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AETD39-3644 ALLIED-AETD39-3644_18 Datasheet
885Kb / 2P
   UL Class B 130 Insulation System File
logo
CIT Relay & Switch
J123F CIT-J123F Datasheet
130Kb / 2P
   UL F class rated standard
J115F2 CIT-J115F2 Datasheet
176Kb / 3P
   UL F class rated standard
J115F1 CIT-J115F1 Datasheet
190Kb / 3P
   UL F class rated standard
J117F CIT-J117F Datasheet
92Kb / 3P
   UL F class rated standard
J115F3 CIT-J115F3 Datasheet
171Kb / 3P
   UL F class rated standard
J107F CIT-J107F Datasheet
94Kb / 3P
   UL F class rated standard
J109F CIT-J109F Datasheet
90Kb / 3P
   UL F class rated standard
logo
TE Connectivity Ltd
T92 TEC-T92 Datasheet
1Mb / 4P
   Meets requirements of UL Class F construction
logo
3M Electronics
1579 3M-1579 Datasheet
180Kb / 4P
   VentureClad??Insulation Jacketing System
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com