Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1393813-6 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 1393813-6
Description  Strong magnet system and wide voltage range
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

1393813-6 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  1393813-6 Datasheet HTML 1Page - TE Connectivity Ltd 1393813-6 Datasheet HTML 2Page - TE Connectivity Ltd 1393813-6 Datasheet HTML 3Page - TE Connectivity Ltd 1393813-6 Datasheet HTML 4Page - TE Connectivity Ltd 1393813-6 Datasheet HTML 5Page - TE Connectivity Ltd 1393813-6 Datasheet HTML 6Page - TE Connectivity Ltd 1393813-6 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
03-2012, Rev. 0312
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
AXICOM
Signal Relays
Cradle S Relay V23054/V23062 (Continued)
Coil Data
Magnetic system
neutral
Coil voltage range
6 to 220 VDC,
1000 - 2000mW power consumption
Max. coil temperature
100 °C
Thermal resistance
< 40K/W
Coil versions, DC coil, monostable
Coil
Rated
Operate/Limiting
Coil
Rated coil
code
voltage
voltage1)
resistance
power
VDC
VDC
Ω ± 10%
mW
011
6
-
33
1091
012
8.4
-
70
1008
015
12
-
130
1108
016
12.5
-
185
845
017
16
-
270
948
019
20
-
390
1026
020
24
-
630
914
002
1.2
-
1.75
823
025
28
-
800
980
046
29
-
890
945
021
32
-
1050
975
022
45
-
1900
1066
026
60
-
3800
947
014
76
-
5800
996
004
110
-
9200
1315
013
125
-
15500
1008
003
220
-
25000
1936
1) See part code table.
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Insulation Data
B1xx,B6xx,C1xx,C4xx F1xx
Initial surge withstand voltage
between open contacts
500Vrms
500Vrms
between contact and coil
500Vrms
1000Vrms
between adjacent contacts
500Vrms
1000Vrms
Initial insulation resistance, at 500VDC
> 106Ω
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
-40 to +70°C
Category of environmental protection
IEC 61810
RT I - dust protected,
RT V - hermetically sealed
Degree of protection, IEC 60529
dust-protected IP 30,
or hermetically sealed IP 67
Terminal type
PCB, solder terminals
Weight
V23054 Size I
approx. 20g
V23054 Size II
approx. 25g
V23054Size III
approx. 27g
V23062 Size I
approx. 30g
V23062 Size II
approx. 35g
Washing
not recommended
Ultrasonic cleaning
not recommended
Packaging unit
5 pcs.
Accessories
For details see datasheet
Cradle Relay, Accessories and Mounting
Terminals:
coil with 1 winding: start 4, end 1
coil with 2 windings (upon request):
start 3, end 2 for winding I, start 4, end 1 for winding II
The minimum voltage UI depends on the contact set and the ambient
temperature, the maximum voltage UII only depends on the ambient
temperature.
Between minimum voltage UI tamb and operating voltage U a safety margin
of approx. 20% is recommended.
UI tamb (1.2) < UI ≤ UII tamb
UI tamb
UI · U20 °C · kI tamb
UII tamb
UIl 20 °C · kII tamb
tamb
Ambient temperature
U
Operating voltage
UI tamb
Minimum voltage at ambient temperature, tamb
UII tamb
Maximum voltage at ambient temperature, tamb
kI and kII
Factors


Similar Part No. - 1393813-6

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1393811-1 TEC-1393811-1 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
1393811-1 TEC-1393811-1 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
1393811-2 TEC-1393811-2 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
1393811-2 TEC-1393811-2 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
1393811-7 TEC-1393811-7 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
More results

Similar Description - 1393813-6

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
V23054 TEC-V23054 Datasheet
880Kb / 7P
   Strong magnet system and wide voltage range
logo
Samsung semiconductor
CL05C1R2CB5NNND SAMSUNG-CL05C1R2CB5NNND Datasheet
242Kb / 17P
   Wide temperature compensation and voltage range
logo
Pepperl+Fuchs Inc.
MT01 PF-MT01 Datasheet
2Mb / 2P
   Magnet system tester
logo
Motorola, Inc
MC1466L MOTOROLA-MC1466L Datasheet
1Mb / 16P
   PRECISION WIDE RANGE VOLTAGE AND CURRENT REGULATOR
logo
MORNSUN Science& Techno...
LI120-10B12 MORNSUN-LI120-10B12 Datasheet
1Mb / 4P
   Wide input voltage range
logo
Advanced Monolithic Sys...
AMS393 AMS-AMS393 Datasheet
395Kb / 6P
   Wide supply voltage range
logo
Allegro MicroSystems
ATS468 ALLEGRO-ATS468 Datasheet
847Kb / 15P
   Wide operating voltage range
logo
Linear Technology
LT3759 LINER-LT3759 Datasheet
514Kb / 32P
   Wide Input Voltage Range
logo
MORNSUN Science& Techno...
LI240-10B24 MORNSUN-LI240-10B24 Datasheet
223Kb / 4P
   Wide input voltage range
URF1D12HB-150W MORNSUN-URF1D12HB-150W Datasheet
2Mb / 8P
   Wide input voltage range
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com