Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFC-D Datasheet(PDF) 2 Page - TT Electronics.

Part # PFC-D
Description  Tested for COTS applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PFC-D Datasheet(HTML) 2 Page - TT Electronics.

  PFC-D Datasheet HTML 1Page - TT Electronics. PFC-D Datasheet HTML 2Page - TT Electronics. PFC-D Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TaNFilm® Precision Chip
Voltage Divider
PFC Divider Series
PFC Series Issue January 2009 Sheet 2 of 3
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
TaNFilm® Precision Chip
Voltage Divider
Test
Method
∆R/R
∆Ratio
Thermal Shock
MIL-STD-202
-65 to +125°C, 5 Cycles
±.02%
±.005%
Short Time Overload
MIL-PRF-55342
±.02%
±.005%
High Temperature Exposure
MIL-PRF-55342
±.03%
±.01%
Resistance to Bond Exposure
MIL-PRF-55342
±.01%
±.01%
Moisture Resistance
MIL-STD-202
10 Cycles, 240 hours
10% Rated Power
±.03%
±.02%
Load Life
(Rated Power)
MIL-PRF-55342
70°C, 1000 hours
±.03%
±.01%
Low Temperature Operation
MIL-PRF-55342
±.01%
±.005%
Recommended Solder Pad
Physical Data
TOP
SIDE
BOTTOM
0.035"
0.0315"
0.058"
0.0895"
0.0725"
0.180"
0.050"
0.0225”
0.015±0.005
""
0.030" min
0.058" ±.005”
0.010" ±0.004”
0.027" ±0.003”
0.126 ±0.006
"
0.015 ±0.005
"
0.024 ±0.004
""
R2
R1
R1
R2
0.063" ±.005”
Dimensions are in inches
Environmental Data
PFC Series Issue January 2009 Sheet 2 of 3
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
TaNFilm® Precision Chip
Voltage Divider
Test
Method
∆R/R
∆Ratio
Thermal Shock
MIL-STD-202
-65 to +125°C, 5 Cycles
±.02%
±.005%
Short Time Overload
MIL-PRF-55342
±.02%
±.005%
High Temperature Exposure
MIL-PRF-55342
±.03%
±.01%
Resistance to Bond Exposure
MIL-PRF-55342
±.01%
±.01%
Moisture Resistance
MIL-STD-202
10 Cycles, 240 hours
10% Rated Power
±.03%
±.02%
Load Life
(Rated Power)
MIL-PRF-55342
70°C, 1000 hours
±.03%
±.01%
Low Temperature Operation
MIL-PRF-55342
±.01%
±.005%
Recommended Solder Pad
Physical Data
TOP
SIDE
BOTTOM
0.035"
0.0315"
0.058"
0.0895"
0.0725"
0.180"
0.050"
0.0225”
0.015±0.005
""
0.030" min
0.058" ±.005”
0.010" ±0.004”
0.027" ±0.003”
0.126 ±0.006
"
0.015 ±0.005
"
0.024 ±0.004
""
R2
R1
R1
R2
0.063" ±.005”
Dimensions are in inches
Environmental Data
PFC Series Issue January 2009 Sheet 3 of 3
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
TaNFilm® Precision Chip
Voltage Divider
Prefix
PFC - D1206 - 03 - 1003 - 3301 - F
B
Model
D1206 - Divider network w/ standard Sn/Pb termination
D1206LF - Divider network w/ 100% tin, Pb-free termination
TCR Code*
01 = ±100ppm/°C; 02 = ±50ppm/°C; 03 = ±25ppm/°C
R1 Resistance Code
Standard 4-Digit resistance code.
Ex: 1002 = 10K
Ω; 50R0 = 50Ω
R2 Resistance Code
Standard 4-Digit resistance code
Absolute Tolerance*
F = ±1%; D = ±0.5%; B = ±0.1%; A = ±0.05%
Ratio Tolerance*
F = ±1%; D = ±0.5%; B = ±0.1%; A = ±0.05%, Q = ±0.02%, T = ±0.01%
Ordering Data
Packaging Data
PACKAGING ON 8mm TAPE
USER DIRECTION OF FEED
* For tighter tolerance and tighter TCR requirements, please refer to IRC’s Ultra Precision
datasheet.
For additional information or to discuss your specific requirements,
please contact our Applications Team using the contact details below.
Range of
Lowest Resistor
Available
Absolute Tolerances
Available
Ratio Tolerances
Best
Absolute TCR
Best
Tracking TCR
5
Ω - 24Ω
F
F D
±100ppm/°C
±50ppm/°C
25
Ω - 50Ω
F D B
F D B
±50ppm/°C
±20ppm/°C
51
Ω - 75Ω
F D B
F D B
±25ppm/°C
±10ppm/°C
76
Ω - 999Ω
F D B
F D B A
±25ppm/°C
±5ppm/°C
1.0K
Ω - 100KΩ
F D B A
F D B A Q T
±25ppm/°C
±5ppm/°C
Manufacturing Capability
Make Possible
12.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com


Similar Part No. - PFC-D

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
PFC-D1206-01-1003-3301-AA IRCTT-PFC-D1206-01-1003-3301-AA Datasheet
268Kb / 3P
   TaNFilm Precision Chip Voltage Divider
PFC-D1206-01-1003-3301-AB IRCTT-PFC-D1206-01-1003-3301-AB Datasheet
268Kb / 3P
   TaNFilm Precision Chip Voltage Divider
PFC-D1206-01-1003-3301-AD IRCTT-PFC-D1206-01-1003-3301-AD Datasheet
268Kb / 3P
   TaNFilm Precision Chip Voltage Divider
PFC-D1206-01-1003-3301-AF IRCTT-PFC-D1206-01-1003-3301-AF Datasheet
268Kb / 3P
   TaNFilm Precision Chip Voltage Divider
PFC-D1206-01-1003-3301-AQ IRCTT-PFC-D1206-01-1003-3301-AQ Datasheet
268Kb / 3P
   TaNFilm Precision Chip Voltage Divider
More results

Similar Description - PFC-D

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
MTC35 XPPOWER-MTC35 Datasheet
6Mb / 35P
   COTS Component for Defense & Avionics Applications
MTC05 XPPOWER-MTC05 Datasheet
9Mb / 36P
   COTS Component for Defense & Avionics Applications
logo
Kemet Corporation
T540 KEMET-T540 Datasheet
1Mb / 24P
   COTS Polymer Electrolytic for High Reliability Applications
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG2E AVAGO-HLMP-EG2E Datasheet
163Kb / 8P
   Radiometrically Tested AlInGaP LED Lamps for Sensor- Based Applications
HLMP-ED80 AVAGO-HLMP-ED80 Datasheet
308Kb / 9P
   Radiometrically Tested AlInGaP II LED Lamps for Sensor-Based Applications
logo
Kemet Corporation
T540D107M10AH6510 KEMET-T540D107M10AH6510 Datasheet
1Mb / 19P
   T540 COTS Polymer Electrolytic for High Reliability Applications, 2.5 ??63 VDC
T541D157M10AH6510 KEMET-T541D157M10AH6510 Datasheet
1Mb / 23P
   T540/T541 COTS Polymer Electrolytic for High Reliability Applications, 2.5 - 63 VDC
C1210T104K5RACTU KEMET-C1210T104K5RACTU Datasheet
1Mb / 23P
   Commercial Off-The-Shelf (COTS) for Higher Reliability Applications, X7R Dielectric, 6.3 - 250 VDC
logo
Texas Instruments
CD4081BE TI-CD4081BE Datasheet
1Mb / 30P
[Old version datasheet]   100% tested for quiescent current at 20V
logo
Knowles Electronics
2403-260-00132 KNOWLES-2403-260-00132 Datasheet
836Kb / 21P
   IPx8 waterproof tested in 1.5m for 30min.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com