Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R76QN1680SE80H Datasheet(PDF) 5 Page - Kemet Corporation

Part # R76QN1680SE80H
Description  Polypropylene Pulse/High Frequency Capacitors
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R76QN1680SE80H Datasheet(HTML) 5 Page - Kemet Corporation

  R76QN1680SE80H Datasheet HTML 1Page - Kemet Corporation R76QN1680SE80H Datasheet HTML 2Page - Kemet Corporation R76QN1680SE80H Datasheet HTML 3Page - Kemet Corporation R76QN1680SE80H Datasheet HTML 4Page - Kemet Corporation R76QN1680SE80H Datasheet HTML 5Page - Kemet Corporation R76QN1680SE80H Datasheet HTML 6Page - Kemet Corporation R76QN1680SE80H Datasheet HTML 7Page - Kemet Corporation R76QN1680SE80H Datasheet HTML 8Page - Kemet Corporation R76QN1680SE80H Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3034_R76 • 2/24/2016
5
Film Capacitors – Polypropylene Pulse/High Frequency Capacitors
R76 Series Double Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
Performance Characteristic
Dielectric
Polypropylenefilm
Plates
Doublesidedmetallizedpolyesterfilm
Winding
Non-inductive type
Leads
Tinned wire
Protection
Plasticcase,thermosettingresinfilled.BoxmaterialissolventresistantandflameretardantaccordingtoUL94.
Related Documents
IEC 60384-16
Sections
1
2
Voltage Range (VDC)
250
400
630
630
1000
1000
1600
2000
Voltage Range (VAC)
180
250
250
400
400
600
650
700
Capacitance Range (µF)
0.0068 – 12 0.0027 – 8.2 0.00068 – 0.012 0.00039 – 4.7 0.00022–0.0033 0.00047 – 2.2 0.0033 – 1.2 0.0001 – 0.68
Capacitance Values
E12series(IEC60063)measured@1kHzand+20±1°C
Capacitance Tolerance
±2.5%, ±5%, ±10%
Operating Temperature Range
−55°Cto+105°C
Rated Temperature T
R
+85°CforV
R (DC)
+75°CforV
R (AC)
Voltage Derating
The following decreasing factor has to be applied on the rated voltage:
+85°Cto+105°C:1.25%per°CforV
R (DC)
+75°Cto+105°C:1.35%per°CforV
R (AC)
Climatic Category
55/105/56 IEC 60068-1
Storage Conditions
Storagetime:≤24monthsfromthedatemarkedonthelabelpackage
Averagerelativehumidityperyear≤70%
RH≤85%for30daysrandomlydistributedthroughouttheyear
Dew is absent
Temperature:−40to80°C(see"MaximumHumidityinStorageConditions"graphbelow)


Similar Part No. - R76QN1680SE80H

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R76QN2270XX0XX KEMET-R76QN2270XX0XX Datasheet
990Kb / 12P
   POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
R76QN2330XX3XX KEMET-R76QN2330XX3XX Datasheet
990Kb / 12P
   POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
R76QN2390XX3XX KEMET-R76QN2390XX3XX Datasheet
990Kb / 12P
   POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
R76QN24704030J KEMET-R76QN24704030J Datasheet
56Kb / 1P
   Capacitor, film, 0.047 uF, /-5% Tol, -55/105C, General Purpose, 1000 VDC@85C, Lead Spacing=22.5 mm
R76QN247050H3J KEMET-R76QN247050H3J Datasheet
57Kb / 1P
   R76_125C, Film, Double Metallized Polypropylene, General Purpose, 0.047 uF, 5%, 1000 VDC, 105째C, Lead Spacing = 22.5mm
More results

Similar Description - R76QN1680SE80H

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
943C CDE-943C Datasheet
283Kb / 5P
   Polypropylene Capacitors, for High Pulse, Snubber
941C CDE-941C Datasheet
353Kb / 5P
   Polypropylene Capacitors, for Pulse, Snubber
logo
List of Unclassifed Man...
WPP1D1K-F ETC2-WPP1D1K-F Datasheet
156Kb / 2P
   Axial Leaded High Frequency Pulse Capacitors
logo
Cornell Dubilier Electr...
935 CDE-935 Datasheet
231Kb / 5P
   Polypropylene Capacitors for High Frequency Filtering
logo
Illinois Capacitor, Inc...
222PPR202KE ILLINOISCAPACITOR-222PPR202KE Datasheet
399Kb / 4P
   Small Size Polypropylene Film Capacitors for High Pulse Current Applications
logo
Vishay Siliconix
BFC238370682 VISHAY-BFC238370682 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
MKP383 VISHAY-MKP383 Datasheet
165Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
logo
Cornell Dubilier Electr...
932 CDE-932 Datasheet
254Kb / 2P
   Polypropylene Film Capacitors High Voltage/High Frequency Switching Power Supplies
DPP1S33K-F CDE-DPP1S33K-F Datasheet
107Kb / 2P
   Polypropylene Radial Leaded Film Capacitors High Frequency Precise Values
logo
Vishay Siliconix
730P224X9100 VISHAY-730P224X9100 Datasheet
81Kb / 4P
   Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Revision: 07-Feb-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com