Selected language     English  ▼


N-3U Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. N-3U
Description  Cell Type N-3U
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 1 page
background image
Discharge
Storage
Ambient
Temperature
Nominal Capacity
Nominal Voltage
Charging Current
Charging Time
Charge
Dimensions(D)
×××××(H)
(with tube)
Weight
g/
×××××
×××××
mm
inch
Typical Characteristics
Charge
Cell Type N-3U
Specifications
Discharge (at high rate)
Discharge (at high rate)
Discharge (at low rate)
Temperature (Charge & Discharge)
700mAh
1.2V
70mA
14 to 16Hrs.
°C to
0
+45
+32
113
°C [
°F to
°F]
°C to +50
-22
122
°C [
°F to
°F]
°C to +60
-4
140
°C [
°F to
°F]
-20
-30
23
0.81
14.2
0.56
50.0
1.97
oz
1.2
1.3
1.4
1.5
1.6
0
2
4
6
8
10
12
14
16
0°C/32°F
20°C/68°F
Charge Time (Hrs.)
Charge : 70mA
45°C/113°F
0.6
0.8
1.0
1.2
1.4
0
2
4
6
8
10
12
14
16
Discharge Time (Mins)
(8C)
(4C)
Charge : 70mA
× 16Hrs.
at 20°C/68°F
30
40
50
60
70
80
90
100
110
-20
-10
0
10
20
30
40
50
60
Operating Temperature
Condition
Charge : 70mA
× 16Hrs.
Discharge : 140mA
(End Volt 1.0V)
{
140
122
104
86
68
50
32
14
-4
°F
°C
Charge Characteristics
Discharge Characteristics
0.6
0.8
1.0
1.2
1.4
0
2
4
6
8
10
12
14
16
(0.5C)
(0.2C)
(0.1C)
Discharge Time (Hrs.)
Charge : 70mA
× 16Hrs.
at 20°C/68°F
0.6
0.8
1.0
1.2
1.4
0
1020
30405060
7080
(2C)
(1C)
Discharge Time (Mins)
Charge : 70mA
× 16Hrs.
at 20°C/68°F
CD001020




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KR-1100AAUCell Type KR-1100AAU Specifications 1 Sanyo Semicon Device
KFB650CADNICA Cell Type KF-B650 1 Sanyo Semicon Device
CR17335SECELL TYPE CR17335SE SPECIFICATIONS 1 Sanyo Semicon Device
N-150NSCell Type N-150NS 1 Sanyo Semicon Device
N-50AAACell Type N-50AAA 1 Sanyo Semicon Device
RC-2400Cell Type RC-2400 1 Sanyo Semicon Device
WR346153.6V Primary lithium-sulfur dioxide Li-SO2 Power type D-size spiral cell 1 2 List of Unclassifed Manufacturers
RPI-304Photointerrupter double-layer mold type 1 2 3 4 Rohm
C35A35A AUTOMOTIVE RECTIFIER CELL 1 2 Won-Top Electronics
2SA1487SILICON PNP EPITAXIAL PLANER TYPE 1 2 3 Panasonic Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl