Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2411KQ Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # 2SC2411KQ
Description  Medium Power Transistor NPN silicon
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

2SC2411KQ Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  2SC2411KQ Datasheet HTML 1Page - Yea Shin Technology Co., Ltd 2SC2411KQ Datasheet HTML 2Page - Yea Shin Technology Co., Ltd 2SC2411KQ Datasheet HTML 3Page - Yea Shin Technology Co., Ltd 2SC2411KQ Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20120703
2SC2411KQ/R/S
Medium Power Transistor
NPN silicon
FEATURE
Epitaxial planar type
Complementary to L2SA1036K
Pb-Free package is available
DEVICE MARKING AND ORDERING INFORMATION
Device
Marking
Shipping
2SC2411KP
CP
3000/Tape&Reel
MAXIMUM RATINGS (TA = 25
°C)
Parameter
Symbol
Limits
Unit
Collector-base voltage
VCBO
40
V
Collector-emitter voltage
VCEO
32
V
Emitter-base voltage
VEBO
5V
Collector current
IC
0.5
A*
Collector power dissipation
PC
0.2
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55~+150
°C
Collector-base breakdown voltage
BV
CBO
40
--
VI
C=100µA
Collector-emitter breakdown voltage
BV
CEO
32
--
VI
C=1mA
Emitter-base breakdown voltgae
BV
EBO
5
--
VI
E=100µA
Collector cutoff current
I
CBO
--
1
µAV
CB=20V
Emitter cutoff current
I
EBO
--
1
µAV
EB=4V
DC current transfer ratio
h
FE
82
-
390
-
V
CE=3V
Collcetor-emitter saturation voltage
V
CE(sat)
--
0.4
V
I
C/IB=500mA/50mA
Transition frequency
f
T
-
250
-
MHz
V
CE=5V,IE=-20mA,f=100MHz
Output capacitance
C
ob
-
6.0
-
pF
V
CB=10V,IE=0A,f=1MHz
*PC must not be exceeded.
ELECTRICAL CHARACTERISTICS(TA= 25
°C)
Parameter
Symbol
Min.
Typ
Max.
Unit
Conditions
hFE values are classified as follows:
Item
P
Q
R
hFE
82~180
120~270 180~390
2
EMITTER
3
COLLECTOR
1
BASE
2SC2411KQ
CQ
3000/Tape&Reel
2SC2411KR
CR
3000/Tape&Reel
SOT–23 (TO–236AB)
1
2
3
H


Similar Part No. - 2SC2411KQ

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC2411K ROHM-2SC2411K Datasheet
73Kb / 4P
   Medium Power Transistor (32V, 0.5A)
logo
Guangdong Kexin Industr...
2SC2411K KEXIN-2SC2411K Datasheet
41Kb / 1P
   Medium Power Transistor
logo
Weitron Technology
2SC2411K WEITRON-2SC2411K Datasheet
1Mb / 5P
   NPN General Purpose Transistors
logo
Pan Jit International I...
2SC2411K PANJIT-2SC2411K Datasheet
359Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Rohm
2SC2411K ROHM-2SC2411K Datasheet
78Kb / 4P
   Medium Power Transistor (32V, 0.5A)
More results

Similar Description - 2SC2411KQ

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN2N1480 MICROSEMI-JAN2N1480 Datasheet
57Kb / 2P
   NPN SILICON MEDIUM POWER TRANSISTOR
2N4237 MICROSEMI-2N4237 Datasheet
56Kb / 2P
   NPN MEDIUM POWER SILICON TRANSISTOR
logo
SeCoS Halbleitertechnol...
BCP56 SECOS-BCP56_15 Datasheet
173Kb / 2P
   NPN Silicon Medium Power Transistor
logo
Microsemi Corporation
2N1479 MICROSEMI-2N1479 Datasheet
55Kb / 2P
   NPN SILICON MEDIUM POWER TRANSISTOR
logo
SeCoS Halbleitertechnol...
PZTA44-C SECOS-PZTA44-C Datasheet
235Kb / 2P
   NPN Silicon Medium Power Transistor
logo
Microsemi Corporation
JAN2N1479 MICROSEMI-JAN2N1479 Datasheet
57Kb / 2P
   NPN SILICON MEDIUM POWER TRANSISTOR
logo
Seme LAB
2N3441 SEME-LAB-2N3441 Datasheet
13Kb / 2P
   MEDIUM POWER SILICON NPN TRANSISTOR
logo
STMicroelectronics
BUV26 STMICROELECTRONICS-BUV26 Datasheet
62Kb / 4P
   MEDIUM POWER NPN SILICON TRANSISTOR
BUV26 STMICROELECTRONICS-BUV26_03 Datasheet
57Kb / 4P
   MEDIUM POWER NPN SILICON TRANSISTOR
logo
Microsemi Corporation
2N1483 MICROSEMI-2N1483 Datasheet
55Kb / 3P
   NPN SILICON MEDIUM POWER TRANSISTOR
logo
Leshan Radio Company
L2SC2411KQLT1G LRC-L2SC2411KQLT1G Datasheet
148Kb / 4P
   Medium Power Transistor NPN silicon
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com