Electronic Components Datasheet Search
Selected language     English  ▼


N-150NS Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. N-150NS
Description  Cell Type N-150NS
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 1 page
background image
Typical Characteristics
Specifications
Cell Type N-150NS
Dimensions
of
Bare Cell
H
28.5 ±0.3
mm
1.122 ±0.012
inch
D
11.5 ±0.2
mm
0.453 ±0.008
inch
d
5.5
mm
0.217
inch
D
d
Nominal Capacity
135mAh
Nominal Voltage
1.2V
Standard Charging Current
4.5mA
Charging Time
above 48Hrs.
Ambient
Temperature
Charge
0°C to +70°C [+32°F to 158°F]
Discharge
-20°C to +70°C [ -4°F to 158°F]
Storage
-30°C to +70°C [ -22°F to 158°F]
Internal Impedance (Av.)
(at 50% discharge)
50.0m
(at 1000Hz)
Weight
9g/0.32oz
Dimensions(D)
×(H)
(with tube)
Charge
1.6
1.5
1.4
1.3
0
6
12
18
24
30
36
42
48
Charge : 4.5mA
0˚C/32˚F
20˚C/68˚F
40˚C/104˚F
60˚C/140˚F
Charge Time (Hrs.)
Cell Capacity (at various discharge rate)
100
80
60
40
90
70
50
0
0.2
0.4
0.6
0.8
1
Discharge Rate (C)
Charge : 4.5mA
×48Hrs.
Discharge : End Volt 1.0V
at 20˚C/68˚F
Discharge (at low rate)
1.4
1.2
1.0
0.8
02468
10
12
14
16
Charge : 4.5mA
×48Hrs.
at 20˚C/68˚F
(0.1C)
(0.2C)
(0.5C)
Discharge Time (Hrs.)
Discharge (at very low rate)
10000
7000
6000
5000
4000
3000
2000
1000
800
700
100
0
32
10
20
30
40
50
60
70
80˚C
50
68
86
104
122
140
158
176˚F
Operating Temperature
Charge : 4.5mA
×48Hrs.
Discharge : End Volt 1.0V
10µA
50µA
100µA
Discharge (at various temperature)
1.4
1.2
1.0
0.8
0
20
40
60
80
100
120
140
160
60˚C/140˚F
80˚C/176˚F
0˚C/32˚F
Discharge Time (Days)
Charge : 4.5mA
×48Hrs.
Discharge : 50
µA
20˚C/68˚F
40˚C/104˚F
Temperature (Charge & Discharge)
100
80
60
40
-20
-10
0
10
20
30
40
50
80˚C
-4
14
32
50
68
86
104
122
60
140
70
158
176˚F
Operating Temperature
90
70
50
Charge Characteristics
Discharge Characteristics
Condition Charge : 4.5mA
×48Hrs.
Discharge : 27mA
(End Volt 1.0V)
12.0
0
× 29.3
0
mm
-0.5
-1
0.47
0
× 1.15
0
inch
-0.02
-0.04




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KR-1100AAUCell Type KR-1100AAU Specifications 1 Sanyo Semicon Device
KFB650CADNICA Cell Type KF-B650 1 Sanyo Semicon Device
CR17335SECELL TYPE CR17335SE SPECIFICATIONS 1 Sanyo Semicon Device
N-3UCell Type N-3U 1 Sanyo Semicon Device
N-50AAACell Type N-50AAA 1 Sanyo Semicon Device
RC-2400Cell Type RC-2400 1 Sanyo Semicon Device
WR346153.6V Primary lithium-sulfur dioxide Li-SO2 Power type D-size spiral cell 1 2 List of Unclassifed Manufacturers
RPI-304Photointerrupter double-layer mold type 1 2 3 4 Rohm
C35A35A AUTOMOTIVE RECTIFIER CELL 1 2 Won-Top Electronics
2SA1487SILICON PNP EPITAXIAL PLANER TYPE 1 2 3 Panasonic Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl