Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE662M16 Datasheet(PDF) 2 Page - NEC

Part # NE662M16
Description  NPN SILICON HIGH FREQUENCY TRANSISTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE662M16 Datasheet(HTML) 2 Page - NEC

  NE662M16 Datasheet HTML 1Page - NEC NE662M16 Datasheet HTML 2Page - NEC NE662M16 Datasheet HTML 3Page - NEC NE662M16 Datasheet HTML 4Page - NEC NE662M16 Datasheet HTML 5Page - NEC NE662M16 Datasheet HTML 6Page - NEC NE662M16 Datasheet HTML 7Page - NEC NE662M16 Datasheet HTML 8Page - NEC NE662M16 Datasheet HTML 9Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Note:
1. Operation in excess of any one of these parameters may result
in permanent damage.
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCBO
Collector to Base Voltage
V
15
VCEO
Collector to Emitter Voltage
V
3.3
VEBO
Emitter to Base Voltage
V
1.5
IC
Collector Current
mA
35
PT
Total Power Dissipation
mW
115
TJ
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to +150
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
NE662M16
OUTLINE DIMENSIONS (Units in mm)
PACKAGE OUTLINE M16
0.8
+0.07
-0.05
1.0±0.05
PIN CONNECTIONS
1. Collector
2. Emitter
3. Emitter
4. Base
5. Emitter
6. Emitter
PART NUMBER
QUANTITY
PACKAGING
NE662M16-T3
10 kpcs/reel
Pin 1 (Collector), Pin 6 (Emitter)
face the perforation side on the
tape.
ORDERING INFORMATION


Similar Part No. - NE662M16

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE662M16 CEL-NE662M16 Datasheet
175Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
NE662M16-T3-A CEL-NE662M16-T3-A Datasheet
175Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - NE662M16

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
LT1001A ASI-LT1001A Datasheet
13Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE696M01 ETC-NE696M01 Datasheet
105Kb / 6P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
BFT51F ASI-BFT51F Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BFT51FA ASI-BFT51FA Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BLX65S ASI-BLX65S Datasheet
28Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
ON Semiconductor
MPS5179 ONSEMI-MPS5179_06 Datasheet
42Kb / 3P
   High Frequency Transistor NPN Silicon
March, 2006 ??Rev. 3
logo
California Eastern Labs
UPA802T CEL-UPA802T_98 Datasheet
236Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA807T CEL-UPA807T Datasheet
252Kb / 12P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA808T CEL-UPA808T Datasheet
224Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
TP2314A ASI-TP2314A Datasheet
34Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com