Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70T3719MS166BBGI8 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 70T3719MS166BBGI8
Description  HIGH-SPEED 2.5V SYNCHRONOUS DUAL-PORT STATIC RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70T3719MS166BBGI8 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 70T3719MS166BBGI8 Datasheet HTML 4Page - Integrated Device Technology 70T3719MS166BBGI8 Datasheet HTML 5Page - Integrated Device Technology 70T3719MS166BBGI8 Datasheet HTML 6Page - Integrated Device Technology 70T3719MS166BBGI8 Datasheet HTML 7Page - Integrated Device Technology 70T3719MS166BBGI8 Datasheet HTML 8Page - Integrated Device Technology 70T3719MS166BBGI8 Datasheet HTML 9Page - Integrated Device Technology 70T3719MS166BBGI8 Datasheet HTML 10Page - Integrated Device Technology 70T3719MS166BBGI8 Datasheet HTML 11Page - Integrated Device Technology 70T3719MS166BBGI8 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
6.42
IDT70T3509M
High-Speed 2.5V
1024K x 36 Dual-Port Synchronous Static RAM
Commercial Temperature Range
8
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range (3) (VDD = 2.5V ± 100mV)
NOTES:
1. At f = fMAX, address and control lines (except Output Enable) are cycling at the maximum frequency clock cycle of 1/tCYC, using "AC TEST CONDITIONS".
2. f = 0 means no address, clock, or control lines change. Applies only to input at CMOS level standby.
3. Port "A" may be either left or right port. Port "B" is the opposite from port "A".
4. VDD = 2.5V, TA = 25°C for Typ, and are not production tested. IDD DC(f=0) = 30mA (Typ).
5. CEX = VIL means CE0X = VIL and CE1X = VIH (enabled)
CEX
= VIH means CE0X = VIH and CE1X = VIL (disabled)
CEX
< 0.2V means CE0X < 0.2V and CE1X > VDDQ - 0.2V (enabled - CMOS levels)
CEX
> VDDQ - 0.2V means CE0X > VDDQ - 0.2V and CE1X < 0.2V (disabled - CMOS levels)
"X" represents "L" for left port or "R" for right port.
6. ISB1, ISB2 and ISB4 will all reach full standby levels (ISB3) on the appropriate port(s) if ZZL and/or ZZR = VIH.
70T3509MS133
Com'l
& Ind
Symbol
Parameter
Test Condition
Version
Typ.(4)
Max.
Unit
IDD
Dynamic Operating
Current (Both
Ports Active)
CEL
and CER= VIL,
Outputs Disabled,
f = fMAX(1)
COM'L
S
800
1120
mA
IND
S
800
1370
ISB1(6)
Standby Current
(Both Ports - TTL
Level Inputs)
CEL
= CER = VIH
f = fMAX(1)
COM'L
S
560
760
mA
IND
S
560
940
ISB2(6)
Standby Current
(One Port - TTL
Level Inputs)
CE"A"
= VIL and CE"B" = VIH(5)
Active Port Outputs Disabled,
f=fMAX(1)
COM'L
S
680
880
mA
IND
S
680
1090
ISB3
Full Standby Current
(Both Ports - CMOS
Level Inputs)
Both Ports CE0L = CE0R > VDDQ - 0.2V and
CE1L = CE1R < 0.2V,
VIN > VDDQ - 0.2V or VIN < 0.2V, f = 0(2)
COM'L
S
20
60
mA
IND
S
20
80
ISB4(6)
Full Standby Current
(One Port - CMOS
Level Inputs)
CE"A"
< 0.2V and CE"B" > VDDQ - 0.2V(5)
VIN > VDDQ - 0.2V or VIN < 0.2V
Active Port, Outputs Disabled, f = fMAX(1)
COM'L
S
680
880
mA
IND
S
680
1090
Izz
Sleep Mode Current
(Both Ports - TTL
Level Inputs)
ZZL = ZZR = VIH
f=fMAX(1)
COM'L
S
20
60
mA
IND
S
20
80
5682 tbl 09


Similar Part No. - 70T3719MS166BBGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70T3719MS166BBGI8 IDT-70T3719MS166BBGI8 Datasheet
240Kb / 25P
   HIGH-SPEED 2.5V 256/128K x 72 SYNCHRONOUS DUAL-PORT STATIC RAM
70T3719MS166BBGI8 IDT-70T3719MS166BBGI8 Datasheet
345Kb / 25P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - 70T3719MS166BBGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T3509M IDT-IDT70T3509M_18 Datasheet
310Kb / 23P
   HIGH-SPEED 2.5V SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3339 IDT-IDT70T3339_15 Datasheet
829Kb / 27P
   HIGH-SPEED 2.5V SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3519 IDT-IDT70T3519_18 Datasheet
353Kb / 28P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3339 IDT-IDT70T3339_18 Datasheet
342Kb / 27P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3539M IDT-IDT70T3539M_15 Datasheet
840Kb / 26P
   HIGH-SPEED 2.5V 512K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3719 IDT-IDT70T3719_18 Datasheet
345Kb / 25P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V3319 IDT-IDT70V3319_18 Datasheet
259Kb / 23P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3539M IDT-IDT70T3539M_18 Datasheet
345Kb / 26P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3719M IDT-IDT70T3719M Datasheet
240Kb / 25P
   HIGH-SPEED 2.5V 256/128K x 72 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709099L IDT-IDT709099L_18 Datasheet
192Kb / 16P
   HIGH-SPEED SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com