Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70T3339S166BFG8 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 70T3339S166BFG8
Description  HIGH-SPEED 2.5V SYNCHRONOUS DUAL-PORT STATIC RAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70T3339S166BFG8 Datasheet(HTML) 5 Page - Integrated Device Technology

  70T3339S166BFG8 Datasheet HTML 1Page - Integrated Device Technology 70T3339S166BFG8 Datasheet HTML 2Page - Integrated Device Technology 70T3339S166BFG8 Datasheet HTML 3Page - Integrated Device Technology 70T3339S166BFG8 Datasheet HTML 4Page - Integrated Device Technology 70T3339S166BFG8 Datasheet HTML 5Page - Integrated Device Technology 70T3339S166BFG8 Datasheet HTML 6Page - Integrated Device Technology 70T3339S166BFG8 Datasheet HTML 7Page - Integrated Device Technology 70T3339S166BFG8 Datasheet HTML 8Page - Integrated Device Technology 70T3339S166BFG8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
6.42
IDT70T3339/19/99S
High-Speed 2.5V 512/256/128K x 18 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
5
Pin Names
NOTES:
1. VDD, OPTX, and VDDQX must be set to appropriate operating levels prior to
applying inputs on the I/Os and controls for that port.
2. OPTX selects the operating voltage levels for the I/Os and controls on that port.
If OPTX is set to VDD (2.5V), then that port's I/Os and controls will operate at 3.3V
levels and VDDQX must be supplied at 3.3V. If OPTX is set to VSS (0V), then that
port's I/Os and address controls will operate at 2.5V levels and VDDQX must be
supplied at 2.5V. The OPT pins are independent of one another—both ports can
operate at 3.3V levels, both can operate at 2.5V levels, or either can operate
at 3.3V with the other at 2.5V.
3. When REPEATX is asserted, the counter will reset to the last valid address loaded
via ADSX.
4. The sleep mode pin shuts off all dynamic inputs, except JTAG inputs, when
asserted. All static inputs, i.e., PL/FTx and OPTx and the sleep mode pins
themselves (ZZx) are not affected during sleep mode. It is recommended that
boundry scan not be operated during sleep mode.
5. Address A18x is a NC for the IDT70T3319. Also, Addresses A18x and A17x are
NC's for the IDT70T3399.
6. Chip Enables and Byte Enables are double buffered when PL/FT = VIH, i.e., the
signals take two cycles to deselect.
Left Port
Right Port
Names
CE0L,
CE1L
CE0R,
CE1R
Chip Enables (Input)(6)
R/WL
R/WR
Read/Write Enable (Input)
OEL
OER
Output Enable (Input)
A0L - A18L(5)
A0R - A18R(5)
Address (Input)
I/O0L - I/O17L
I/O0R - I/O17R
Data Input/Output
CLKL
CLKR
Clock (Input)
PL/FTL
PL/FTR
Pipeline/Flow-Through (Input)
ADSL
ADSR
Address Strobe Enable (Input)
CNTENL
CNTENR
Counter Enable (Input)
REPEATL
REPEATR
Counter Repeat(3)
UBL
UBR
Upper Byte Enable (I/O9 - I/O17)(6)
LBL
LBR
Lower Byte Enable (I/O0 - I/O8)(6)
VDDQL
VDDQR
Power (I/O Bus) (3.3V or 2.5V)(1) (Input)
OPTL
OPTR
Option for selecting VDDQX(1,2) (Input)
ZZL
ZZR
Sleep Mode pin(4) (Input)
VDD
Power (2.5V)(1) (Input)
VSS
Ground (0V) (Input)
TDI
Test Data Input
TDI
Test Data Output
TCK
Test Logic Clock (10MHz) (Input)
TMS
Test Mode Select (Input)
TRST
Reset (Initialize TAP Controller) (Input)
INTL
INTR
Interrupt Flag (Output)
COLL
COLR
Collision Alert (Output)
5652 tbl 01


Similar Part No. - 70T3339S166BFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70T3339S166BFG8 IDT-70T3339S166BFG8 Datasheet
342Kb / 27P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - 70T3339S166BFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T3509M IDT-IDT70T3509M_14 Datasheet
212Kb / 23P
   HIGH-SPEED 2.5V SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3509M IDT-IDT70T3509M_18 Datasheet
310Kb / 23P
   HIGH-SPEED 2.5V SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3519 IDT-IDT70T3519_18 Datasheet
353Kb / 28P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3339 IDT-IDT70T3339_18 Datasheet
342Kb / 27P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3539M IDT-IDT70T3539M_15 Datasheet
840Kb / 26P
   HIGH-SPEED 2.5V 512K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3719 IDT-IDT70T3719_18 Datasheet
345Kb / 25P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V3319 IDT-IDT70V3319_18 Datasheet
259Kb / 23P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3539M IDT-IDT70T3539M_18 Datasheet
345Kb / 26P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3719M IDT-IDT70T3719M Datasheet
240Kb / 25P
   HIGH-SPEED 2.5V 256/128K x 72 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709099L IDT-IDT709099L_18 Datasheet
192Kb / 16P
   HIGH-SPEED SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com