Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70T3539MS133BCG Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 70T3539MS133BCG
Description  HIGH-SPEED 2.5V 512K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70T3539MS133BCG Datasheet(HTML) 1 Page - Integrated Device Technology

  70T3539MS133BCG Datasheet HTML 1Page - Integrated Device Technology 70T3539MS133BCG Datasheet HTML 2Page - Integrated Device Technology 70T3539MS133BCG Datasheet HTML 3Page - Integrated Device Technology 70T3539MS133BCG Datasheet HTML 4Page - Integrated Device Technology 70T3539MS133BCG Datasheet HTML 5Page - Integrated Device Technology 70T3539MS133BCG Datasheet HTML 6Page - Integrated Device Technology 70T3539MS133BCG Datasheet HTML 7Page - Integrated Device Technology 70T3539MS133BCG Datasheet HTML 8Page - Integrated Device Technology 70T3539MS133BCG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
©2015 Integrated Device Technology, Inc.
MAY 2015
DSC 5678/8
1
Functional Block Diagram
– Data input, address, byte enable and control registers
– Self-timedwriteallowsfastcycletime
Separate byte controls for multiplexed bus and bus
matching compatibility
Dual Cycle Deselect (DCD) for Pipelined Output Mode
2.5V (±100mV) power supply for core
LVTTL compatible, selectable 3.3V (±150mV) or 2.5V
(±100mV) power supply for I/Os and control signals on
each port
Includes JTAG functionality
Industrial temperature range (-40°C to +85°C) is
available at 133MHz
Available in a 256-pin Ball Grid Array (BGA)
Green parts available, see ordering information
HIGH-SPEED 2.5V
512K x 36
SYNCHRONOUS
DUAL-PORT STATIC RAM
WITH 3.3V OR 2.5V INTERFACE
IDT70T3539M
REPEATR
A0R
CNTENR
ADSR
Dout0-8_R
Dout9-17_R
I/O0R -I/O35R
Din_R
ADDR_R
OER
BE3R
BE2R
BE1R
BE0R
R/
WR
CE0R
CE1R
1
0
1/0
FT/PIPER
1a 0a
1b
0b
1c 0c
1d
0d
dc
b
a
CLKR
,
Counter/
Address
Reg.
dc b a
0/1
0d 1d
0c 1c
0b 1b
0a 1a
B
W
2
R
B
W
1
R
B
W
0
R
FT/PIPER
Counter/
Address
Reg.
CNTENL
ADSL
REPEATL
Dout0-8_L
Dout9-17_L
Dout18-26_L
Dout27-35_L
Dout18-26_R
Dout27-35_R
B
W
0
L
B
W
1
L
B
W
2
L
B
W
3
L
I/O0L -I/O35L
A18L
A0L
Din_L
ADDR_L
OEL
5678 drw 01
BE3L
BE2L
BE1L
BE0L
R/
WL
CE0L
CE1L
512K x 36
MEMORY
ARRAY
CLKL
ab c d
FT/PIPEL
0/1
1d 0d
1c 0c 1b 0b 1a 0a
B
W
3
R
,
JTAG
TCK
TRST
TMS
TDO
TDI
1
0
1/0
0d 1d
0c 1c
0b
1b
0a
1a
ab
c
d
FT/PIPEL
1/0
1/0
INTERRUPT
COLLISION
DETECTION
LOGIC
R/
WL
CE 0 L
CE1L
R/
WR
CE0 R
CE1R
INTL
COL L
INTR
COLR
ZZ
CONTR OL
LOGIC
ZZL
(1)
ZZR
(1)
A18R
Features:
True Dual-Port memory cells which allow simultaneous
access of the same memory location
High-speed data access
– Commercial: 3.6ns (166MHz)/4.2ns (133MHz)(max.)
– Industrial: 4.2ns (133MHz) (max.)
Selectable Pipelined or Flow-Through output mode
Counter enable and repeat features
Dual chip enables allow for depth expansion without
additional logic
Interrupt and Collision Detection Flags
Full synchronous operation on both ports
– 6ns cycle time, 166MHz operation (12Gbps bandwidth)
– Fast 3.6ns clock to data out
– 1.5ns setup to clock and 0.5ns hold on all control, data, and
address inputs @ 166MHz
NOTE:
1. The sleep mode pin shuts off all dynamic inputs, except JTAG inputs, when asserted. All static inputs, i.e., PL/FTx and OPTx and
the sleep mode pins themselves (ZZx) are not affected during sleep mode.


Similar Part No. - 70T3539MS133BCG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70T3539MS133BCG IDT-70T3539MS133BCG Datasheet
345Kb / 26P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70T3539MS133BCG RENESAS-70T3539MS133BCG Datasheet
642Kb / 27P
   HIGH-SPEED 2.5V 512K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
JUNE 2019
logo
Integrated Device Techn...
70T3539MS133BCG8 IDT-70T3539MS133BCG8 Datasheet
345Kb / 26P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
70T3539MS133BCGI IDT-70T3539MS133BCGI Datasheet
345Kb / 26P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70T3539MS133BCGI RENESAS-70T3539MS133BCGI Datasheet
642Kb / 27P
   HIGH-SPEED 2.5V 512K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
JUNE 2019
More results

Similar Description - 70T3539MS133BCG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T653M IDT-IDT70T653M_15 Datasheet
705Kb / 24P
   HIGH-SPEED 2.5V 512K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3539M IDT-IDT70T3539M Datasheet
421Kb / 26P
   HIGH-SPEED 2.5V 512K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70T3539M RENESAS-70T3539M Datasheet
642Kb / 27P
   HIGH-SPEED 2.5V 512K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
JUNE 2019
logo
Integrated Device Techn...
IDT70T3519 IDT-IDT70T3519_14 Datasheet
407Kb / 28P
   HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70T653M RENESAS-70T653M Datasheet
509Kb / 26P
   HIGH-SPEED 2.5V 512K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
JUNE 2019
logo
Integrated Device Techn...
IDT70T653M IDT-IDT70T653M Datasheet
309Kb / 24P
   HIGH-SPEED 2.5V 512K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
IDT70T3509M IDT-IDT70T3509M_14 Datasheet
212Kb / 23P
   HIGH-SPEED 2.5V SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3509M IDT-IDT70T3509M_18 Datasheet
310Kb / 23P
   HIGH-SPEED 2.5V SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3339 IDT-IDT70T3339_15 Datasheet
829Kb / 27P
   HIGH-SPEED 2.5V SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3509M IDT-IDT70T3509M Datasheet
259Kb / 23P
   HIGH-SPEED 2.5V 1024K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com