Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70T3799MS166BBGI8 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 70T3799MS166BBGI8
Description  HIGH-SPEED 2.5V 256/128K x 72 SYNCHRONOUS DUAL-PORT STATIC RAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70T3799MS166BBGI8 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 70T3799MS166BBGI8 Datasheet HTML 3Page - Integrated Device Technology 70T3799MS166BBGI8 Datasheet HTML 4Page - Integrated Device Technology 70T3799MS166BBGI8 Datasheet HTML 5Page - Integrated Device Technology 70T3799MS166BBGI8 Datasheet HTML 6Page - Integrated Device Technology 70T3799MS166BBGI8 Datasheet HTML 7Page - Integrated Device Technology 70T3799MS166BBGI8 Datasheet HTML 8Page - Integrated Device Technology 70T3799MS166BBGI8 Datasheet HTML 9Page - Integrated Device Technology 70T3799MS166BBGI8 Datasheet HTML 10Page - Integrated Device Technology 70T3799MS166BBGI8 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
6.42
IDT70T3719/99M
High-Speed 2.5V 256/128K x 72 Dual-Port Synchronous Static RAM
Industrial and Commercial Temperature Ranges
7
Absolute Maximum Ratings (1)
Symbol
Rating
Commercial
& Industrial
Unit
VTERM
(VDD)
VDD Terminal Voltage
with Respect to GND
-0.5 to 3.6
V
VTERM(2)
(VDDQ)
VDDQ Terminal Voltage
with Respect to GND
-0.3 to VDDQ + 0.3
V
VTERM(2)
(INPUTS and I/O's)
Input and I/O Terminal
Voltage with Respect to GND
-0.3 to VDDQ + 0.3
V
TBIAS(3)
Temperature Under Bias
-55 to +125
o
C
TSTG
Storage Temperature
-65 to +150
o
C
TJN
Junction Temperature
+150
o
C
IOUT(For VDDQ = 3.3V) DC Output Current
50
mA
IOUT(For VDDQ = 2.5V) DC Output Current
40
mA
5687 tbl 07
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation of the
device at these or any other conditions above those indicated in the operational sections
of this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
2. This is a steady-state DC parameter that applies after the power supply has reached its
nominal operating value. Power sequencing is not necessary; however, the voltage on
any Input or I/O pin cannot exceed VDDQ during power supply ramp up.
3. Ambient Temperature under DC Bias. No AC Conditions. Chip Deselected.
NOTES:
1. These parameters are determined by device characterization, but are not
production tested.
2. COUT also references CI/O.
Capacitance (1)
(TA = +25°C, F = 1.0MHZ)
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range (VDD = 2.5V ± 100mV)
Symbol
Parameter
Test Conditions
70T3719/99M
Unit
Min.
Max.
|ILI|
Input Leakage Current(1)
VDDQ = Max., VIN = 0V to VDDQ
___
10
µA
|ILI|
JTAG & ZZ Input Leakage Current(1,2)
VDD = Max., VIN = 0V to VDD
___
±30
µA
|ILO|
Output Leakage Current(1,3)
CE0
= VIH or CE1 = VIL, VOUT = 0V to VDDQ
___
10
µA
VOL (3.3V)
Output Low Voltage(1)
IOL = +4mA, VDDQ = Min.
___
0.4
V
VOH (3.3V)
Output High Voltage(1)
IOH = -4mA, VDDQ = Min.
2.4
___
V
VOL (2.5V)
Output Low Voltage(1)
IOL = +2mA, VDDQ = Min.
___
0.4
V
VOH (2.5V)
Output High Voltage(1)
IOH = -2mA, VDDQ = Min.
2.0
___
V
5687 tbl 09
NOTES:
1. VDDQ is selectable (3.3V/2.5V) via OPT pins. Refer to p.5 for details.
2. Applicable only for TMS, TDI and TRST inputs.
3. Outputs tested in tri-state mode.
Symbol
Parameter
Conditions(2)
Max. Unit
CIN
Input Capacitance
VIN = 0V
15
pF
COUT(2) Output Capacitance
VOUT = 0V
10.5
pF
5687 tbl 08


Similar Part No. - 70T3799MS166BBGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70T3799MS166BBGI8 IDT-70T3799MS166BBGI8 Datasheet
212Kb / 23P
   HIGH-SPEED 2.5V SYNCHRONOUS DUAL-PORT STATIC RAM
70T3799MS166BBGI8 IDT-70T3799MS166BBGI8 Datasheet
345Kb / 25P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - 70T3799MS166BBGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T3719 IDT-IDT70T3719 Datasheet
303Kb / 25P
   HIGH-SPEED 2.5V 256/128K x 72 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70T3719 RENESAS-70T3719 Datasheet
605Kb / 26P
   HIGH-SPEED 2.5V 256/128K x 72 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70T651 IDT-IDT70T651_15 Datasheet
739Kb / 28P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V3319 IDT-IDT70V3319_14 Datasheet
236Kb / 23P
   HIGH-SPEED 3.3V 256/128K x 18 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70T3339 RENESAS-70T3339 Datasheet
628Kb / 28P
   HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70T3399 IDT-IDT70T3399 Datasheet
485Kb / 28P
   HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70T3519 IDT-IDT70T3519_14 Datasheet
407Kb / 28P
   HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V3319 RENESAS-70V3319 Datasheet
544Kb / 24P
   HIGH-SPEED 3.3V 256/128K x 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70V3319 IDT-IDT70V3319 Datasheet
348Kb / 23P
   HIGH-SPEED 3.3V 256/128K x 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70T651 IDT-IDT70T651 Datasheet
344Kb / 27P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com