Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70V7319S133BFGI8 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 70V7319S133BFGI8
Description  HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V7319S133BFGI8 Datasheet(HTML) 1 Page - Integrated Device Technology

  70V7319S133BFGI8 Datasheet HTML 1Page - Integrated Device Technology 70V7319S133BFGI8 Datasheet HTML 2Page - Integrated Device Technology 70V7319S133BFGI8 Datasheet HTML 3Page - Integrated Device Technology 70V7319S133BFGI8 Datasheet HTML 4Page - Integrated Device Technology 70V7319S133BFGI8 Datasheet HTML 5Page - Integrated Device Technology 70V7319S133BFGI8 Datasheet HTML 6Page - Integrated Device Technology 70V7319S133BFGI8 Datasheet HTML 7Page - Integrated Device Technology 70V7319S133BFGI8 Datasheet HTML 8Page - Integrated Device Technology 70V7319S133BFGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
©2015 Integrated Device Technology, Inc.
JUNE 2015
DSC 5629/10
1
Functional Block Diagram
Features:
256K x 18 Synchronous Bank-Switchable Dual-ported SRAM
Architecture
– 64 independent 4K x 18 banks
– 4 megabits of memory on chip
Bank access controlled via bank address pins
High-speed data access
– Commercial:3.4ns(200MHz)/3.6ns(166MHz)/
4.2ns (133MHz) (max.)
– Industrial:3.6ns(166MHz)/4.2ns(133MHz)(max.)
Selectable Pipelined or Flow-Through output mode
Counter enable and repeat features
Dual chip enables allow for depth expansion without
additional logic
Full synchronous operation on both ports
– 5ns cycle time, 200MHz operation (14Gbps bandwidth)
– Fast 3.4ns clock to data out
– 1.5ns setup to clock and 0.5ns hold on all control, data, and
address inputs @ 200MH
– Data input, address, byte enable and control registers
– Self-timed write allows fast cycle time
Separate byte controls for multiplexed bus and bus match-
ingcompatibility
LVTTL- compatible, 3.3V (±150mV) power supply
for core
LVTTL compatible, selectable 3.3V (±150mV) or 2.5V
(±100mV) power supply for I/Os and control signals on each
port
Industrial temperature range (-40°C to +85°C) is
available at 166MHz and 133MHz
Available in a 208-pin fine pitch Ball Grid Array (fpBGA) and
256-pin Ball Grid Array (BGA)
Supports JTAG features compliant with IEEE 1149.1
Green parts available, see ordering information
HIGH-SPEED 3.3V 256K x 18
SYNCHRONOUS
BANK-SWITCHABLE
DUAL-PORT STATIC RAM
WITH 3.3V OR 2.5V INTERFACE
IDT70V7319S
4Kx18
MEMORY
ARRAY
(BANK 63)
MUX
MUX
PL/
FTL
OPTL
CLKL
ADSL
CNTENL
REPEATL
R/
WL
CE0L
CE1L
UBL
LBL
OEL
I/O0L-17L
A11L
A0L
JTAG
4Kx18
MEMORY
ARRAY
(BANK 1)
MUX
MUX
4Kx18
MEMORY
ARRAY
(BANK 0)
MUX
MUX
CONTROL
LOGIC
I/O
CONTROL
BANK
DECODE
ADDRESS
DECODE
I/O0R-17R
A11R
A0R
CONTROL
LOGIC
I/O
CONTROL
BANK
DECODE
ADDRESS
DECODE
5629 drw 01
BA5R
BA4R
BA3R
BA2R
BA1R
BA0R
BA5L
BA4L
BA3L
BA2L
BA1L
BA0L
,
PL/
FTR
OPTR
CLKR
ADSR
CNTENR
REPEATR
R/
WR
CE0R
CE1R
UBR
LBR
OER
TMS
TCK
TRST
TDI
TDO
NOTE:
1. TheBank-Switchabledual-portusesatrueSRAMcore
insteadofthetraditionaldual-portSRAMcore.Asaresult,it
hasuniqueoperatingcharacteristics.Pleaserefertothe
functionaldescriptiononpage19fordetails.


Similar Part No. - 70V7319S133BFGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V7319S133BF RENESAS-70V7319S133BF Datasheet
526Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
OCTOBER 2019
70V7319S133BF8 RENESAS-70V7319S133BF8 Datasheet
526Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
OCTOBER 2019
70V7319S133BFI RENESAS-70V7319S133BFI Datasheet
526Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
OCTOBER 2019
70V7319S133BFI8 RENESAS-70V7319S133BFI8 Datasheet
526Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
OCTOBER 2019
More results

Similar Description - 70V7319S133BFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V7519S IDT-IDT70V7519S_15 Datasheet
756Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7339S IDT-IDT70V7339S_15 Datasheet
745Kb / 22P
   HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V7319 RENESAS-70V7319 Datasheet
526Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
OCTOBER 2019
logo
Integrated Device Techn...
IDT70V7319S IDT-IDT70V7319S Datasheet
621Kb / 22P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7599S IDT-IDT70V7599S_15 Datasheet
755Kb / 22P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7519S IDT-IDT70V7519S Datasheet
490Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7519S IDT-IDT70V7519S_09 Datasheet
231Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70V7519 RENESAS-70V7519 Datasheet
510Kb / 24P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70V7339S IDT-IDT70V7339S Datasheet
482Kb / 22P
   HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70V7339 RENESAS-70V7339 Datasheet
540Kb / 23P
   HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
OCTOBER 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com