Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70V7599S Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT70V7599S
Description  HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V7599S Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT70V7599S Datasheet HTML 4Page - Integrated Device Technology IDT70V7599S Datasheet HTML 5Page - Integrated Device Technology IDT70V7599S Datasheet HTML 6Page - Integrated Device Technology IDT70V7599S Datasheet HTML 7Page - Integrated Device Technology IDT70V7599S Datasheet HTML 8Page - Integrated Device Technology IDT70V7599S Datasheet HTML 9Page - Integrated Device Technology IDT70V7599S Datasheet HTML 10Page - Integrated Device Technology IDT70V7599S Datasheet HTML 11Page - Integrated Device Technology IDT70V7599S Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
6.42
8
IDT70V7599S
High-Speed 128K x 36 Synchronous Bank-Switchable Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range (VDD = 3.3V ± 150mV)
NOTES:
1. At VDD < 2.0V leakages are undefined.
2. VDDQ is selectable (3.3V/2.5V) via OPT pins. Refer to p.5 for details.
Symbol
Parameter
Test Conditions
70V7599S
Unit
Min.
Max.
|ILI|
Input Leakage Current(1)
VDDQ = Max., VIN = 0V to VDDQ
___
10
µA
|ILO|
Output Leakage Current(1)
CE0
= VIH or CE1 = VIL, VOUT = 0V to VDDQ
___
10
µA
VOL (3.3V)
Output Low Voltage(2)
IOL = +4mA, VDDQ = Min.
___
0.4
V
VOH (3.3V)
Output High Voltage(2)
IOH = -4mA, VDDQ = Min.
2.4
___
V
VOL (2.5V)
Output Low Voltage(2)
IOL = +2mA, VDDQ = Min.
___
0.4
V
VOH (2.5V)
Output High Voltage(2)
IOH = -2mA, VDDQ = Min.
2.0
___
V
5626 tbl 08
NOTES:
1. These parameters are determined by device characterization, but are not
production tested.
2. 3dV references the interpolated capacitance when the input and output switch
from 0V to 3V or from 3V to 0V.
3. COUT also references CI/O.
Capacitance(1)
(TA = +25°C, F = 1.0MHZ) PQFP ONLY
Symbol
Parameter
Conditions(2)
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
8
pF
COUT(3)
Output Capacitance
VOUT = 3dV
10.5
pF
5626 tbl 07


Similar Part No. - IDT70V7599S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V7599S IDT-IDT70V7599S Datasheet
489Kb / 22P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7599S IDT-IDT70V7599S Datasheet
230Kb / 22P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7599S-133BC IDT-IDT70V7599S-133BC Datasheet
489Kb / 22P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7599S-133BCI IDT-IDT70V7599S-133BCI Datasheet
489Kb / 22P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7599S-133BF IDT-IDT70V7599S-133BF Datasheet
489Kb / 22P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
More results

Similar Description - IDT70V7599S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V7519S IDT-IDT70V7519S_15 Datasheet
756Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V7599 RENESAS-70V7599 Datasheet
525Kb / 24P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
OCTOBER 2019
logo
Integrated Device Techn...
IDT70V7599S IDT-IDT70V7599S_09 Datasheet
230Kb / 22P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7599S IDT-IDT70V7599S Datasheet
489Kb / 22P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7319S IDT-IDT70V7319S_15 Datasheet
744Kb / 22P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7339S IDT-IDT70V7339S_15 Datasheet
745Kb / 22P
   HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7399S IDT-IDT70V7399S Datasheet
488Kb / 22P
   HIGH-SPEED 3.3V 128K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7519S IDT-IDT70V7519S Datasheet
490Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7519S IDT-IDT70V7519S_09 Datasheet
231Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7589S IDT-IDT70V7589S Datasheet
494Kb / 22P
   HIGH-SPEED 3.3V 64K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com