Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R60PI2470AAL1J Datasheet(PDF) 5 Page - Kemet Corporation

Part # R60PI2470AAL1J
Description  General Purpose Metallized Polyester Film Capacitors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R60PI2470AAL1J Datasheet(HTML) 5 Page - Kemet Corporation

  R60PI2470AAL1J Datasheet HTML 1Page - Kemet Corporation R60PI2470AAL1J Datasheet HTML 2Page - Kemet Corporation R60PI2470AAL1J Datasheet HTML 3Page - Kemet Corporation R60PI2470AAL1J Datasheet HTML 4Page - Kemet Corporation R60PI2470AAL1J Datasheet HTML 5Page - Kemet Corporation R60PI2470AAL1J Datasheet HTML 6Page - Kemet Corporation R60PI2470AAL1J Datasheet HTML 7Page - Kemet Corporation R60PI2470AAL1J Datasheet HTML 8Page - Kemet Corporation R60PI2470AAL1J Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3103_R60 • 9/23/2016
5
Film Through-Hole Capacitors – General Purpose Metallized Polyester Film Capacitors
R60 Series, Radial, 10 – 37.5 mm Lead Spacing, 63 – 1,000 VDC (Automotive Grade)
Performance Characteristics cont'd
* typical value
Storage Conditions
for Through-Hole Technology (THT)
Film & Paper Capacitors
All KEMET Through-Hole Technology (THT) Film & Paper Capacitors change their characteristics
according to the environmental conditions in which they operate. In normal conditions a variation in the
electrical parameters (capacitance and dissipation factor values) occurs due to the ambient temperature
and the amount of moisture contained in the air surrounding the components. The variation depends
mainly on the type of dielectric and the material used for the coating.
Avoid to store the capacitors in places where the environmental conditions differ from the following:
Storage time: ≤ 24 months from the date marked on the label glued to the package.
Temperature: -40 to 80°C
Humidity:
- Average per year:
≤ 70%
- For 30 full days randomly distributed throughout the year:
≤ 85%
- Dew:
absent
These levels of humidity must be reduced according to the ambient temperature on the
basis of the graph below.
0
10
20
30
40
50
60
70
80
90
100
-40
-20
0
20
40
60
80
Maximum Humidity in Storage Conditions
30 Days
Annual Average
Temperature (ºC)
Qualification
Automotive Grade products meet or exceed the requirements outlined by the Automotive Electronics Council. Details
regardingtestmethodsandconditionsarereferencedindocumentAEC–Q200,StressTestQualificationforPassive
Components. For additional information regarding the Automotive Electronics Council and AEC–Q200, please visit their
website at www.aecouncil.com.
DissipationFactortanδ
MaximumValuesat25°C±5°C
Frequency
C≤1μF
C > 1 µF
1 kHz
1.00%
1.00%
10 kHz
1.50%
Insulation Resistance
Measuredat+25°C±5°C,accordingtoIEC60384–2
Minimum Values Between Terminals
Voltage Carge/Time
C≤0.33μF
C>0.33μF
50 VDC for V
R≤100VDC
1 minute
≥3,750MΩ
(≥50,000MΩ)*
≥1,250MΩ•µF
(≥5,000MΩ•µF)*
100 VDC for V
R >100 VDC
1 minute
≥30,000MΩ
(≥50,000MΩ)*
≥10,000MΩ•µF
(≥17,000MΩ•µF)*


Similar Part No. - R60PI2470AAL1J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R60PI24705030K KEMET-R60PI24705030K Datasheet
55Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R60, 0.047 uF, 10%, 630 V, 85C, Lead Spacing = 15mm
More results

Similar Description - R60PI2470AAL1J

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
223MTB102KE ILLINOISCAPACITOR-223MTB102KE Datasheet
377Kb / 4P
   Metallized Polyester Film Capacitors for General Purpose Applications
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
   Metallized polyester film capacitors
2001 Jun 22
logo
Illinois Capacitor, Inc...
102MWR630K ILLINOISCAPACITOR-102MWR630K Datasheet
396Kb / 4P
   Metallized Polyester Film Capacitors
logo
RUBYCON CORPORATION
MMK RUBYCON-MMK Datasheet
45Kb / 2P
   METALLIZED POLYESTER FILM CAPACITORS
logo
List of Unclassifed Man...
MKT365 ETC2-MKT365 Datasheet
181Kb / 30P
   Metallized polyester film capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com