Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70V3579S6DRGI8 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 70V3579S6DRGI8
Description  HIGH-SPEED 3.3V 32K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V3579S6DRGI8 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 70V3579S6DRGI8 Datasheet HTML 6Page - Integrated Device Technology 70V3579S6DRGI8 Datasheet HTML 7Page - Integrated Device Technology 70V3579S6DRGI8 Datasheet HTML 8Page - Integrated Device Technology 70V3579S6DRGI8 Datasheet HTML 9Page - Integrated Device Technology 70V3579S6DRGI8 Datasheet HTML 10Page - Integrated Device Technology 70V3579S6DRGI8 Datasheet HTML 11Page - Integrated Device Technology 70V3579S6DRGI8 Datasheet HTML 12Page - Integrated Device Technology 70V3579S6DRGI8 Datasheet HTML 13Page - Integrated Device Technology 70V3579S6DRGI8 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
6.42
IDT70V3579S
High-Speed 32K x 36 Dual-Port Synchronous Pipelined Static RAM
Industrial and Commercial Temperature Ranges
10
AC Electrical Characteristics Over the Operating
Temperature Range (Read and Write Cycle Timing)(1,2)
(VDD = 3.3V ± 150mV, TA = 0°C to +70°C)
NOTES:
1. All input signals are synchronous with respect to the clock except for the asynchronous Output Enable (OE).
2. These values are valid for either level of VDDQ (3.3V/2.5V). See page 4 for details on selecting the desired I/O voltage levels for each port.
70V3579S4
Com'l Only
70V3579S5
Com'l
& Ind
70V3579S6
Com'l Only
Unit
Symbol
Parameter
Min.
Max.
Min.Max.Min.Max.
tCYC2
Clock Cycle Time (Pipelined)
7.5
____
10
____
12
____
ns
tCH2
Clock High Time (Pipelined)
3
____
4
____
5
____
ns
tCL2
Clock Low Time (Pipelined)
3
____
4
____
5
____
ns
tR
Clock Rise Time
____
3
____
3
____
3ns
tF
Clock Fall Time
____
3
____
3
____
3ns
tSA
Address Setup Time
1.8
____
2.0
____
2.0
____
ns
tHA
Address Hold Time
0.7
____
0.7
____
1.0
____
ns
tSC
Chip Enable Setup Time
1.8
____
2.0
____
2.0
____
ns
tHC
Chip Enable Hold Time
0.7
____
0.7
____
1.0
____
ns
tSB
Byte Enable Setup Time
1.8
____
2.0
____
2.0
____
ns
tHB
Byte Enable Hold Time
0.7
____
0.7
____
1.0
____
ns
tSW
R/W Setup Time
1.8
____
2.0
____
2.0
____
ns
tHW
R/W Hold Time
0.7
____
0.7
____
1.0
____
ns
tSD
Input Data Setup Time
1.8
____
2.0
____
2.0
____
ns
tHD
Input Data Hold Time
0.7
____
0.7
____
1.0
____
ns
tSAD
ADS
Setup Time
1.8
____
2.0
____
2.0
____
ns
tHAD
ADS
Hold Time
0.7
____
0.7
____
1.0
____
ns
tSCN
CNTEN
Setup Time
1.8
____
2.0
____
2.0
____
ns
tHCN
CNTEN
Hold Time
0.7
____
0.7
____
1.0
____
ns
tSRST
CNTRST
Setup Time
1.8
____
2.0
____
2.0
____
ns
tHRST
CNTRST
Hold Time
0.7
____
0.7
____
1.0
____
ns
tOE(1)
Output Enable to Data Valid
____
4
____
5
____
6ns
tOLZ
Output Enable to Output Low-Z
0
____
0
____
0
____
ns
tOHZ
Output Enable to Output High-Z
1
4
1
4.5
1
5
ns
tCD2
Clock to Data Valid (Pipelined)
____
4.2
____
5
____
6ns
tDC
Data Output Hold After Clock High
1
____
1
____
1
____
ns
tCKHZ
Clock High to Output High-Z
1
3
1
4.5
1.5
6
ns
tCKLZ
Clock High to Output Low-Z
1
____
1
____
1
____
ns
Port-to-Port Delay
tCO
Clock-to-Clock Offset
6
____
8
____
10
____
ns
4830 tbl 11


Similar Part No. - 70V3579S6DRGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V3579S6DRGI8 IDT-70V3579S6DRGI8 Datasheet
208Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results

Similar Description - 70V3579S6DRGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V3379S IDT-IDT70V3379S_15 Datasheet
729Kb / 17P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9379L RENESAS-IDT70V9379L Datasheet
485Kb / 16P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JANUARY 2009
70V9179 RENESAS-70V9179 Datasheet
286Kb / 18P
   HIGH-SPEED 3.3V 32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Feb.18.20
logo
Integrated Device Techn...
IDT70V9379L IDT-IDT70V9379L Datasheet
190Kb / 15P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9179 IDT-IDT70V9179 Datasheet
181Kb / 15P
   HIGH-SPEED 3.3V 32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3569S IDT-IDT70V3569S_14 Datasheet
180Kb / 17P
   HIGH-SPEED 3.3V 16K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9189 IDT-IDT70V9189 Datasheet
305Kb / 17P
   HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9189 RENESAS-IDT70V9189 Datasheet
513Kb / 18P
   HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT70V3579S IDT-IDT70V3579S Datasheet
187Kb / 16P
   HIGH-SPEED 3.3V 32K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70V3579 RENESAS-70V3579 Datasheet
506Kb / 18P
   HIGH-SPEED 3.3V 32K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
AUGUST 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com