Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70V7319S166BCGI8 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 70V7319S166BCGI8
Description  HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V7319S166BCGI8 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 70V7319S166BCGI8 Datasheet HTML 5Page - Integrated Device Technology 70V7319S166BCGI8 Datasheet HTML 6Page - Integrated Device Technology 70V7319S166BCGI8 Datasheet HTML 7Page - Integrated Device Technology 70V7319S166BCGI8 Datasheet HTML 8Page - Integrated Device Technology 70V7319S166BCGI8 Datasheet HTML 9Page - Integrated Device Technology 70V7319S166BCGI8 Datasheet HTML 10Page - Integrated Device Technology 70V7319S166BCGI8 Datasheet HTML 11Page - Integrated Device Technology 70V7319S166BCGI8 Datasheet HTML 12Page - Integrated Device Technology 70V7319S166BCGI8 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
6.42
IDT70V7319S
High-Speed 256K x 18 Synchronous Bank-Switchable Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
9
AC Test Conditions (VDDQ - 3.3V/2.5V)
Figure 1. AC Output Test load.
Figure2.OutputTestLoad
(For tCKLZ, tCKHZ, tOLZ, and tOHZ).
*Includingscopeandjig.
Figure3.TypicalOutputDerating(LumpedCapacitiveLoad).
Input Pulse Levels (Address & Controls)
Input Pulse Levels (I/Os)
Input Rise/Fall Times
Input Timing Reference Levels
Output Reference Levels
Output Load
GND to 3.0V/GND to 2.4V
GND to 3.0V/GND to 2.4V
2ns
1.5V/1.25V
1.5V/1.25V
Figures 1 and 2
5629 tbl 10
1.5V/1.25
50
50
5629 drw 03
10pF
(Tester)
DATAOUT
,
5629 drw 04
590
5pF*
435
3.3V
DATAOUT
,
833
5pF*
770
2.5V
DATAOUT
,
-1
1
2
3
4
5
6
7
20.5
30
50
80
100
200
10.5pF is the I/O capacitance of this
device, and 10pF is the AC Test Load
Capacitance.
Capacitance (pF)
∆tCD
(Typical, ns)
5629 drw 05
,


Similar Part No. - 70V7319S166BCGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V7319S166BC RENESAS-70V7319S166BC Datasheet
526Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
OCTOBER 2019
70V7319S166BC8 RENESAS-70V7319S166BC8 Datasheet
526Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
OCTOBER 2019
More results

Similar Description - 70V7319S166BCGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V7519S IDT-IDT70V7519S_15 Datasheet
756Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7339S IDT-IDT70V7339S_15 Datasheet
745Kb / 22P
   HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V7319 RENESAS-70V7319 Datasheet
526Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
OCTOBER 2019
logo
Integrated Device Techn...
IDT70V7319S IDT-IDT70V7319S Datasheet
621Kb / 22P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7599S IDT-IDT70V7599S_15 Datasheet
755Kb / 22P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7519S IDT-IDT70V7519S Datasheet
490Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7519S IDT-IDT70V7519S_09 Datasheet
231Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70V7519 RENESAS-70V7519 Datasheet
510Kb / 24P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70V7339S IDT-IDT70V7339S Datasheet
482Kb / 22P
   HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70V7339 RENESAS-70V7339 Datasheet
540Kb / 23P
   HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
OCTOBER 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com