Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70V9089 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT70V9089
Description  HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V9089 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT70V9089 Datasheet HTML 1Page - Integrated Device Technology IDT70V9089 Datasheet HTML 2Page - Integrated Device Technology IDT70V9089 Datasheet HTML 3Page - Integrated Device Technology IDT70V9089 Datasheet HTML 4Page - Integrated Device Technology IDT70V9089 Datasheet HTML 5Page - Integrated Device Technology IDT70V9089 Datasheet HTML 6Page - Integrated Device Technology IDT70V9089 Datasheet HTML 7Page - Integrated Device Technology IDT70V9089 Datasheet HTML 8Page - Integrated Device Technology IDT70V9089 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
©2014 Integrated Device Technology, Inc.
JULY 2014
DSC 3750/12
1
Functional Block Diagram
Features:
True Dual-Ported memory cells which allow simultaneous
access of the same memory location
High-speed clock to data access
– Commercial:6.5/7.5/9/12/15ns(max.)
– Industrial: 12ns (max.)
Low-power operation
– IDT70V9089/79S
Active: 429mW (typ.)
Standby: 3.3mW (typ.)
– IDT70V9089/79L
Active: 429mW (typ.)
Standby: 1.32mW (typ.)
Flow-Through or Pipelined output mode on either port via
the FT/PIPE pin
Counter enable and reset features
Dual chip enables allow for depth expansion without
additional logic
Full synchronous operation on both ports
– 4ns setup to clock and 1ns hold on all control, data, and
addressinputs
– Data input, address, and control registers
– Fast 6.5ns clock to data out in the Pipelined output mode
– Self-timedwriteallowsfastcycletime
– 10nscycletime,100MHzoperationinthePipelinedoutputmode
LVTTL- compatible, single 3.3V (±0.3V) power supply
Industrial temperature range (–40°C to +85°C) is
available for selected speeds
Available in a 100 pin Thin Quad Flatpack (TQFP) package
Green parts available, see ordering information
HIGH-SPEED 3.3V
64/32K x 8 SYNCHRONOUS
DUAL-PORT STATIC RAM
IDT70V9089/79S/L
0
1
0/1
1
0/1
0
R/
WR
OER
CE0R
CE1R
FT/PIPER
I/O
Control
MEMORY
ARRAY
Counter/
Address
Reg.
I/O
Control
3750 drw 01
A15R(1)
A0R
CLKR
ADSR
CNTENR
CNTRSTR
A0L
CLKL
ADSL
A15L(1)
CNTENL
CNTRSTL
Counter/
Address
Reg.
R/
WL
CE0L
OEL
CE1L
I/O0L -I/O7L
I/O0R -I/O7R
,
0
1
0/1
1
0/1
0
FT/PIPEL
NOTE:
1. A15X is a NC for IDT70V9079.


Similar Part No. - IDT70V9089

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9089 IDT-IDT70V9089 Datasheet
332Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V9089L IDT-IDT70V9089L Datasheet
332Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V9089L12PF IDT-IDT70V9089L12PF Datasheet
332Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V9089L12PFI IDT-IDT70V9089L12PFI Datasheet
332Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V9089L15PF IDT-IDT70V9089L15PF Datasheet
332Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V9089

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9089 IDT-IDT70V9089 Datasheet
332Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9089 RENESAS-70V9089 Datasheet
514Kb / 20P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
SEPTEMBER 2019
709089 RENESAS-709089 Datasheet
374Kb / 18P
   HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
JANUARY 2018
logo
Integrated Device Techn...
IDT709089 IDT-IDT709089 Datasheet
192Kb / 17P
   HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V9189 IDT-IDT70V9189 Datasheet
305Kb / 17P
   HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9189 RENESAS-IDT70V9189 Datasheet
513Kb / 18P
   HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT70V07S IDT-IDT70V07S Datasheet
246Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V07 RENESAS-70V07 Datasheet
526Kb / 20P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
JULY 2019
logo
Integrated Device Techn...
IDT70V07S IDT-IDT70V07S_18 Datasheet
182Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_05 Datasheet
162Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com