Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70V9089S6PFGI8 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 70V9089S6PFGI8
Description  HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V9089S6PFGI8 Datasheet(HTML) 4 Page - Integrated Device Technology

  70V9089S6PFGI8 Datasheet HTML 1Page - Integrated Device Technology 70V9089S6PFGI8 Datasheet HTML 2Page - Integrated Device Technology 70V9089S6PFGI8 Datasheet HTML 3Page - Integrated Device Technology 70V9089S6PFGI8 Datasheet HTML 4Page - Integrated Device Technology 70V9089S6PFGI8 Datasheet HTML 5Page - Integrated Device Technology 70V9089S6PFGI8 Datasheet HTML 6Page - Integrated Device Technology 70V9089S6PFGI8 Datasheet HTML 7Page - Integrated Device Technology 70V9089S6PFGI8 Datasheet HTML 8Page - Integrated Device Technology 70V9089S6PFGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
6.42
IDT70V9089/79S/L
High Speed 3.3V 64/32K x 8 Synchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
4
Recommended DC Operating
Conditions
RecommendedOperating
Temperature and Supply Voltage(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated
in the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
2. VTERM must not exceed VDD +0.3V for more than 25% of the cycle time or 10ns
maximum, and is limited to < 20mA for the period of VTERM > VDD + 0.3V.
3. Ambient Temperature Under Bias. Chip Deselected.
Absolute Maximum Ratings(1)
NOTES:
1. These parameters are determined by device characterization, but are not
production tested.
2. 3dV references the interpolated capacitance when the input and output switch
from 0V to 3V or from 3V to 0V.
3. COUT also references CI/O.
Capacitance (TA = +25°C, f = 1.0MHz)
NOTES:
1. This is the parameter TA. This is the "instant on" case temperature.
NOTES:
1. VTERM must not exceed VDD +0.3V.
2. VIL > -1.5V for pulse width less than 10ns.
Grade
Ambient
Temperature
GND
VDD
Commercial
0OC to +70OC0V
3.3V
+ 0.3V
Industrial
-40OC to +85OC0V
3.3V
+ 0.3V
3750 tbl 04
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
3.0
3.3
3.6
V
VSS
Ground
0
0
0
V
VIH
Input High Voltage
2.2
____
VDD + 0.3V(1)
V
VIL
Input Low Voltage
-0.3(2)
____
0.8
V
3750 tbl 05
Symbol
Rating
Commercial
& Industrial
Unit
VTERM(2)
Terminal Voltage
with Respect
to GND
-0.5 to +4.6
V
TBIAS
Temperature
Under Bias
-55 to +125
o
C
TSTG
Storage Temperature
-65 to +150
o
C
TJN
Junction Temperature
+150
o
C
IOUT
DC Output Current
50
mA
3750 tbl 06
Symbol
Parameter(1)
Conditions(2)
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
9
pF
COUT(3) Output Capacitance
VOUT = 3dV
10
pF
3750 tbl 07


Similar Part No. - 70V9089S6PFGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V9089 RENESAS-70V9089 Datasheet
514Kb / 20P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
SEPTEMBER 2019
70V9089L12 RENESAS-70V9089L12 Datasheet
514Kb / 20P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
SEPTEMBER 2019
70V9089L12PFGI RENESAS-70V9089L12PFGI Datasheet
514Kb / 20P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
SEPTEMBER 2019
70V9089L12PFGI8 RENESAS-70V9089L12PFGI8 Datasheet
514Kb / 20P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
SEPTEMBER 2019
More results

Similar Description - 70V9089S6PFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9089 IDT-IDT70V9089 Datasheet
332Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9089 RENESAS-70V9089 Datasheet
514Kb / 20P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
SEPTEMBER 2019
709089 RENESAS-709089 Datasheet
374Kb / 18P
   HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
JANUARY 2018
logo
Integrated Device Techn...
IDT709089 IDT-IDT709089 Datasheet
192Kb / 17P
   HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V9189 IDT-IDT70V9189 Datasheet
305Kb / 17P
   HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9189 RENESAS-IDT70V9189 Datasheet
513Kb / 18P
   HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT70V07S IDT-IDT70V07S Datasheet
246Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V07 RENESAS-70V07 Datasheet
526Kb / 20P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
JULY 2019
logo
Integrated Device Techn...
IDT70V07S IDT-IDT70V07S_18 Datasheet
182Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_05 Datasheet
162Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com