Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70T3339S133BCG Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 70T3339S133BCG
Description  HIGH-SPEED 2.5V SYNCHRONOUS DUAL-PORT STATIC RAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70T3339S133BCG Datasheet(HTML) 2 Page - Integrated Device Technology

  70T3339S133BCG Datasheet HTML 1Page - Integrated Device Technology 70T3339S133BCG Datasheet HTML 2Page - Integrated Device Technology 70T3339S133BCG Datasheet HTML 3Page - Integrated Device Technology 70T3339S133BCG Datasheet HTML 4Page - Integrated Device Technology 70T3339S133BCG Datasheet HTML 5Page - Integrated Device Technology 70T3339S133BCG Datasheet HTML 6Page - Integrated Device Technology 70T3339S133BCG Datasheet HTML 7Page - Integrated Device Technology 70T3339S133BCG Datasheet HTML 8Page - Integrated Device Technology 70T3339S133BCG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
6.42
IDT70T3339/19/99S
High-Speed 2.5V 512/256/128K x 18 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
2
Description:
The IDT70T3339/19/99 is a high-speed 512/256/128k x 18 bit
synchronous Dual-Port RAM. The memory array utilizes Dual-Port
memorycellstoallowsimultaneousaccessofanyaddressfrombothports.
Registersoncontrol,data,andaddressinputsprovideminimalsetupand
holdtimes.Thetiminglatitudeprovidedbythisapproachallowssystems
tobedesignedwithveryshortcycletimes.Withaninputdataregister,the
IDT70T3339/19/99hasbeenoptimizedforapplicationshavingunidirec-
tionalorbidirectionaldataflowinbursts.Anautomaticpowerdownfeature,
controlled by CE0 and CE1, permits the on-chip circuitry of each port to
enter a very low standby power mode.
The IDT70T3339/19/99 can support an operating voltage of either
3.3Vor2.5Vononeorbothports,controllablebytheOPTpins.Thepower
supply for the core of the device (VDD) is at 2.5V.


Similar Part No. - 70T3339S133BCG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70T3339S133BCG IDT-70T3339S133BCG Datasheet
342Kb / 27P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
70T3339S133BCG8 IDT-70T3339S133BCG8 Datasheet
342Kb / 27P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
70T3339S133BCGI IDT-70T3339S133BCGI Datasheet
342Kb / 27P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
70T3339S133BCGI8 IDT-70T3339S133BCGI8 Datasheet
342Kb / 27P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - 70T3339S133BCG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T3509M IDT-IDT70T3509M_14 Datasheet
212Kb / 23P
   HIGH-SPEED 2.5V SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3509M IDT-IDT70T3509M_18 Datasheet
310Kb / 23P
   HIGH-SPEED 2.5V SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3519 IDT-IDT70T3519_18 Datasheet
353Kb / 28P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3339 IDT-IDT70T3339_18 Datasheet
342Kb / 27P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3539M IDT-IDT70T3539M_15 Datasheet
840Kb / 26P
   HIGH-SPEED 2.5V 512K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3719 IDT-IDT70T3719_18 Datasheet
345Kb / 25P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V3319 IDT-IDT70V3319_18 Datasheet
259Kb / 23P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3539M IDT-IDT70T3539M_18 Datasheet
345Kb / 26P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3719M IDT-IDT70T3719M Datasheet
240Kb / 25P
   HIGH-SPEED 2.5V 256/128K x 72 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709099L IDT-IDT709099L_18 Datasheet
192Kb / 16P
   HIGH-SPEED SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com